Part Number Hot Search : 
0D271 ATTINY SPC25 MBT3904 AP2315 W567S100 IS80LV51 BST25P2B
Product Description
Full Text Search
 

To Download MMBTA92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation supersedes data of 2000 apr 11 2004 jan 16 discrete semiconductors MMBTA92 pnp high-voltage transistor
2004 jan 16 2 philips semiconductors product speci?cation pnp high-voltage transistor MMBTA92 features low current (max. 100 ma) high voltage (max. 300 v). applications telephony professional communication equipment. description pnp high-voltage transistor in a sot23 plastic package. npn complement: mmbta42. marking note 1. * = p : made in hong kong. * = t : made in malaysia. * = w : made in china. pinning type number marking code (1) MMBTA92 7e* pin description 1 base 2 emitter 3 collector handbook, halfpage 2 1 3 mam256 top view 2 3 1 fig.1 simplified outline (sot23) and symbol. ordering information limiting values in accordance with the absolute maximum rating system (iec 60134). note 1. transistor mounted on an fr4 printed-circuit board. type number package name description version MMBTA92 - plastic surface mounted package; 3 leads sot23 symbol parameter conditions min. max. unit v cbo collector-base voltage open emitter -- 300 v v ceo collector-emitter voltage open base -- 300 v v ebo emitter-base voltage open collector -- 5v i c collector current (dc) -- 100 ma i cm peak collector current -- 200 ma i bm peak base current -- 100 ma p tot total power dissipation t amb 25 c; note 1 - 250 mw t stg storage temperature - 65 +150 c t j junction temperature - 150 c t amb operating ambient temperature - 65 +150 c
2004 jan 16 3 philips semiconductors product speci?cation pnp high-voltage transistor MMBTA92 thermal characteristics note 1. transistor mounted on an fr4 printed-circuit board. characteristics t amb =25 c unless otherwise speci?ed. note 1. pulse test: t p 300 m s; d 0.02. symbol parameter conditions value unit r th(j-a) thermal resistance from junction to ambient note 1 500 k/w symbol parameter conditions min. max. unit i cbo collector cut-off current i e = 0; v cb = - 200 v -- 250 na i ebo emitter cut-off current i c = 0; v eb = - 3v -- 100 na h fe dc current gain v ce = - 10 v; note 1 i c = - 1ma 25 - i c = - 10 ma 40 - i c = - 30 ma 25 - v cesat collector-emitter saturation voltage i c = - 20 ma; i b = - 2ma -- 500 mv v besat base-emitter saturation voltage i c = - 20 ma; i b = - 2ma -- 900 mv c c collector capacitance i e =i e = 0; v cb = - 20 v; f = 1 mhz - 6pf f t transition frequency i c = - 10 ma; v ce = - 20 v; f = 100 mhz 50 - mhz
2004 jan 16 4 philips semiconductors product speci?cation pnp high-voltage transistor MMBTA92 package outline unit a 1 max. b p cd e e 1 h e l p qw v references outline version european projection issue date 97-02-28 99-09-13 iec jedec eiaj mm 0.1 0.48 0.38 0.15 0.09 3.0 2.8 1.4 1.2 0.95 e 1.9 2.5 2.1 0.55 0.45 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot23 to-236ab b p d e 1 e a a 1 l p q detail x h e e w m v m a b a b 0 1 2 mm scale a 1.1 0.9 c x 12 3 plastic surface mounted package; 3 leads sot23
2004 jan 16 5 philips semiconductors product speci?cation pnp high-voltage transistor MMBTA92 data sheet status notes 1. please consult the most recently issued data sheet before initiating or completing a design. 2. the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the latest information is available on the internet at url http://www.semiconductors.philips.com. 3. for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. level data sheet status (1) product status (2)(3) definition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn). definitions short-form specification ? the data in a short-form specification is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values definition ? limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the specification is not implied. exposure to limiting values for extended periods may affect device reliability. application information ? applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. disclaimers life support applications ? these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes ? philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change notification (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
? koninklijke philips electronics n.v. 2004 sca76 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. philips semiconductors C a worldwide company contact information for additional information please visit http://www.semiconductors.philips.com . fax: +31 40 27 24825 for sales of?ces addresses send e-mail to: sales.addresses@www.semiconductors.philips.com . printed in the netherlands r75/02/pp 6 date of release: 2004 jan 16 document order number: 9397 750 12433


▲Up To Search▲   

 
Price & Availability of MMBTA92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X