Part Number Hot Search : 
MDC03 TFDU4102 00225 05WS24 ADM1191 1206C 99004 102M2
Product Description
Full Text Search
 

To Download MIC2315311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mic23153 4mhz pwm 2a buck regulator with hyperlight load? and power good hyperlight load is a trademark of micrel, inc. mlf and micro leadframe are registered trademark amkor technology inc. l +1 ( 408 ) 944-0800 ? fax + 1 (408) 474-1000 ? http://www.micrel.com micrel inc. ? 2180 fortune drive ? san jose, ca 95131 ? usa ? te september 2011 general description the mic23153 is a high-efficiency, 4mhz, 2a, synchronous buck regulator wi th hyperlight load? mode, power good output indicator, and programmable soft-start. hyperlight load? provides very-high efficiency at light loads and ultra-fast transient response which makes the mic23153 perfectly suited fo r supplying processor core voltages. an additional benefit of this proprietary architecture is very-low output ripple voltage throughout the entire load range with the use of small output capacitors. the tiny 2.5mm x 2.5mm thin mlf ? package saves precious board space and requires only four external components. the mic23153 is designed for use with a very-small inductor, down to 0.47h, and an output capacitor as small as 2.2 f that enables a total solution size, less than 1mm in height. the mic23153 has a very-low quiescent current of 22a and achieves a peak efficiency of 93% in continuous conduction mode. in discontinuous conduction mode, the mic23153 can achieve 85% efficiency at 1ma. the mic23153 is available in 10-pin 2.5mm x 2.5mm thin mlf ? package with an operating junction temperature range from ?40 c to +125 c. datasheets and support documentation can be found on micrel?s web site at: www.micrel.com . features ? input voltage: 2.7v to 5.5v ? output voltage: fixed or adjustable (0.62v to 3.6v) ? up to 2a output current ? up to 93% peak efficiency ? 85% typical efficiency at 1ma ? power good output ? programmable soft-start ? 22a typical quiescent current ? 4mhz pwm operation in continuous mode ? ultra-fast transient response ? low ripple output voltage ? 35mvpp ripple in hyperlight load ? mode ? 5mv output voltage ripple in full pwm mode ? fully integrated mosfet switches ? 0.01a shutdown current ? thermal shutdown and current-limit protection ? 10-pin 2.5mm x 2.5mm thin mlf ? ? ?40 c to +125 c junction temperature range applications ? solid state drives (ssd) ? mobile handsets ? portable media/mp3 players ? portable navigation devices (gps) ? wifi/wimax/wibro modules ? wireless lan cards ? portable applications ____________________________________________________________________________________________________________ typical application fixed output voltage adjustable output voltage m9999-092211-b
micrel inc. mic23153 september 2011 2 m9999-092211-b ordering information part number marking code nominal output voltage junction temperature range package mic23153-gymt weg 1.8v ?40c to +125c 10-pin 2.5mm x 2.5mm thin mlf ? mic23153ymt wea adjustable ?40c to +125c 10-pin 2.5mm x 2.5mm thin mlf ? notes: 1. other options available (1v - 3.3v). contact micrel marketing for details. 2. thin mlf ? is green rohs-compliant package. lead finish is nipdau. mold compound is halogen free. 3. thin mlf ? = pin 1 identifier. pin configuration 2.5mm x 2.5mm thin mlf ? (mt) fixed output voltage (top view) 2.5mm x 2.5mm thin mlf ? (mt) adjustable output voltage (top view) pin description pin number (fixed) pin number (adjustable) pin name pin function 1 1 sw switch (output): inter nal power mosfet output switches. 2 2 en enable (input): logic high enables operatio n of the regulator. logic low will shut down the device. do not leave floating. 3 3 sns sense: connect to v out as close to output capacitor as possible to sense output voltage. 4 - nc not internally connected. - 4 fb feedback: connect a resistor divider from the output to ground to set the output voltage. 5 5 pg power good: open drain output for the powe r good indicator. use a pull-up resistor from this pin to a voltage source to detect a power good condition. 6 6 ss soft start: place a capacitor from this pin to ground to program the soft start time. do not leave floating, 100pf minimum c ss is required. 7 7 agnd analog ground: connect to central ground point where all high current paths meet (c in , c out , pgnd) for best operation. 8, 9 8, 9 vin input voltage: connect a capacitor to ground to decouple the noise. 10 10 pgnd power ground.
micrel inc. mic23153 september 2011 3 m9999-092211-b absolute maximum ratings (1) supply voltage (v in ) .......................................... ? 0.3v to 6v sense voltage (v sns ) ........................................ ? 0.3v to v in output switch voltage (v sw ) ............................. ? 0.3v to v in enable input voltage (v en )................................ ? 0.3v to v in power good voltage (v pg )................................ ? 0.3v to v in junction temperature (t j ) ....................................... +150 c storage temperature range (t s ) ............. ? 65 c to +150 c lead temperature (sol dering, 10s)............................ 260 c esd rating (3) ................................................. esd sensitive operating ratings (2) supply voltage (v in )... ??????????..2.7v to 5.5v enable input voltage (v en ) .. ?????????.0v to v in sense voltage (v sns ) ..................................... 0.62v to 3.6v junction temperature range (t j ).. ?. ? 40 c t j +125 c thermal resistance 2.5mm x 2.5mm thin mlf ? -10 ( ja )..................90 c/w 2.5mm x 2.5mm thin mlf ? -10 ( jc ) .................63 c/w electrical characteristics (4) t a = 25c; v in = v en = 3.6v; l = 1.0h; c out = 4.7f unless otherwise specified. bold values indicate ?40c t j +125c, unless noted. parameter condition min. typ. max. units supply voltage range 2.7 5.5 v undervoltage lockout threshold (turn-on) 2.45 2.55 2.65 v undervoltage lockout hysteresis 75 mv quiescent current i out = 0ma , sns > 1.2 * v out nominal 22 45 a shutdown current v en = 0v; v in = 5.5v 0.01 5 a v in = 3.6v if v outnom < 2.5v, i load = 20ma output voltage accuracy v in = 4.5v if v outnom 2.5v, i load = 20ma ? 2.5 +2.5 % feedback regulation voltage i load = 20ma 0.6045 0.62 0.635 v current limit sns = 0.9*v outnom 2.2 3.3 a v in = 3.6v to 5.5v if v outnom < 2.5v, i load = 20ma output voltage line regulation v in = 4.5v to 5.5v if v outnom 2.5v, i load = 20ma 0.3 %/v 20ma < i load < 500ma, v in = 3.6v if v outnom < 2.5v 20ma < i load < 500ma, v in = 5.0v if v outnom 2.5v 0.3 % 20ma < i load < 1a, v in = 3.6v if v outnom < 2.5v output voltage load regulation 20ma < i load < 1a, v in = 5.0v if v outnom 2.5v 0.7 % pwm switch on-resistance i sw = 100ma pmos i sw = ? 100ma nmos 0.2 0.19 switching frequency i out = 120ma 4 mhz soft-start time v out = 90%, c ss = 470pf 320 s soft-start current v ss = 0v 2.7 a power good threshold (rising) 86 92 96 % power good threshold hysteresis 7 % power good delay time rising 68 s enable threshold turn-on 0.5 0.9 1.2 v enable input current 0.1 2 a over-temperature shutdown 160 c over-temperature shutdown hysteresis 20 c notes: 1. exceeding the absolute maximum rating may damage the device. 2. the device is not guaranteed to function outside its operating rating. 3. devices are esd sensitive. handling precautions recommended. human body model, 1.5k ? in series with 100pf. 4. specification for packaged product only.
micrel inc. mic23153 september 2011 4 m9999-092211-b typical characteristics efficiency vs. output current v out = 1.8v @ 25c 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 1 10 100 1000 10000 output current (ma) efficiency (%) efficiency vs. output current v out = 3.3v @ 25c 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 1 10 100 1000 10000 output current (ma) efficiency (%) v out rise time vs. c ss 1 10 100 1000 10000 100000 1000000 100 1000 10000 100000 1000000 css (pf) rise time (s) current limit vs. input voltage 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input vo lt age (v) current limit (a) shutdown current vs. input voltage 0 5 10 15 20 25 30 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) shutdown current (na) line regulation (low loads) 1.700 1.725 1.750 1.775 1.800 1.825 1.850 1.875 1.900 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input volt age (v) output voltage (v) line regulation (high loads) 1.70 1.75 1.80 1.85 1.90 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input volt age (v) output voltage (v) output voltage vs. output current (hll) 1.700 1.725 1.750 1.775 1.800 1.825 1.850 1.875 1.900 0 0.02 0.04 0.06 0.08 0.1 output current (a) output voltage (v) output voltage vs. output current (ccm) 1.700 1.725 1.750 1.775 1.800 1.825 1.850 1.875 1.900 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 output current (a) output voltage (v) output voltage vs. temperature 1.75 1.76 1.77 1.78 1.79 1.80 1.81 1.82 1.83 1.84 1.85 -40 -20 0 20 40 60 80 100 120 temperature (c) output voltage (v) pg delay time vs. input voltage 0 10 20 30 40 50 60 70 80 90 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input vo lt age (v) pg delay (s) pg thresholds vs. input voltage 81% 82% 83% 84% 85% 86% 87% 88% 89% 90% 91% 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) pg threshold (% of vref) v in = 4.2v v in = 5v v in = 5.5v v in = 3.6v v in = 3.6v v in = 5v v in = 3v i out = 130ma i out = 1ma i out = 20ma t case = 25c t case = 25c i out = 300ma i out = 1a v in = 3.6v v in = 3.6v pg rising pg falling pg rising pg falling i load = 20ma
micrel inc. mic23153 september 2011 5 m9999-092211-b typical characteristics (continued) uvlo threshold vs. temperature 2.46 2.47 2.48 2.49 2.50 2.51 2.52 2.53 2.54 2.55 2.56 -40 -20 0 20 40 60 80 100 120 temperature (c) uvlo threshold (v) enable threshold v s. input voltage 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input volt age (v) ven threshold (v) enable threshold vs. temperature 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 -40 -20 0 20 40 60 80 100 120 temperature (c) ven threshold (v) switching frequency vs. load current 0.1 1 10 100 1000 10000 0.0001 0.001 0.01 0.1 1 10 load current (a) sw frequency (khz) feedback voltage vs. temperature 0.59 0.60 0.61 0.62 0.63 0.64 0.65 -40-200 20406080100120 temperature (c) feedback voltage (v) uvlo_on uvlo_off t case = 25c v in = 3.3v v in = 5.5v v in = 3.6v v in = 2.6v l = 1h l = 2.2h v out = 1.8v
micrel inc. mic23153 september 2011 6 m9999-092211-b functional characteristics
micrel inc. mic23153 september 2011 7 m9999-092211-b functional characteristics (continued)
micrel inc. mic23153 september 2011 8 m9999-092211-b functional characteristics (continued)
micrel inc. mic23153 september 2011 9 m9999-092211-b functional diagram figure 1. simplified mic23153 functional block diagram ? fixed output voltage figure 2. simplified mic23153 functional block diagram ? adjustable output voltage
micrel inc. mic23153 september 2011 10 m9999-092211-b functional description vin the input supply (vin) provides power to the internal mosfets for the switch mode regulator along with the internal control circuitry. t he vin operating range is 2.7v to 5.5v so an input capacitor, with a minimum voltage rating of 6.3v, is recommended. due to the high switching speed, a minimum 2.2f bypass capacitor placed close to vin and the power ground (pgnd) pin is required. refer to the layout recommendations for details. en a logic high signal on the enable pin activates the output voltage of the device. a logic low signal on the enable pin deactivates the output and reduces supply current to 0.01a. mic23153 features ex ternal soft-start circuitry via the soft start (ss) pin that reduces in-rush current and prevents the output volt age from overshooting at start up. do not leave the en pin floating. sw the switch (sw) connects directly to one end of the inductor and provides the current path during switching cycles. the other end of the inductor is connected to the load, sns pin and output capacitor. due to the high speed switching on this pin, the switch node should be routed away from sensitive nodes whenever possible. sns the sense (sns) pin is connected to the output of the device to provide feedback to the control circuitry. the sns connection should be placed close to the output capacitor. refer to the layout recommendations for details. agnd the analog ground (agnd) is the ground path for the biasing and control circuitry. the current loop for the signal ground should be separate from the power ground (pgnd) loop. refer to the layout recommendations for details. pgnd the power ground pin is the ground path for the high current in pwm mode. the current loop for the power ground should be as small as possible and separate from the analog ground (agnd) loop as applicable. refer to the layout recommendations for details. pg the power good (pg) pin is an open drain output which indicates logic high when the output voltage is typically above 92% of its steady state voltage. a pull-up resistor of more than 5k should be connected from pg to v out . ss the soft start (ss) pin is used to control the output voltage ramp up time. the approximate equation for the ramp time in seconds is 270x10 3 x ln(10) x c ss . for example, for a c ss = 470pf, t rise ~ 300s. see the typical characteristics curve for a graphical guide. the minimum recommended value for c ss is 100pf. fb the feedback (fb) pin is provided for the adjustable voltage option (no internal connection for fixed options). this is the control input for programming the output voltage. a resistor divider network is connected to this pin from the output and is compared to the internal 0.62v reference within the regulation loop. the output voltage can be programmed between 0.65v and 3.6v using the following equation: ? ? ? ? ? ? +?= r2 r1 1vv ref out where: r1 is the top resistor, r2 is the bottom resistor. example feedback resistor values: v out r1 r2 1.2v 274k 294k 1.5v 316k 221k 1.8v 301k 158k 2.5v 324k 107k 3.3v 309k 71.5k
micrel inc. mic23153 september 2011 11 m9999-092211-b application information the mic23153 is a high-p erformance dc-to-dc step- down regulator offering a small solution size. supporting an output current up to 2a inside a tiny 2.5mm x 2.5mm thin mlf ? package, the ic requires only three external components while meeting today?s miniature portable electronic device needs. using the hyperlight load? switching scheme, the mic23153 is able to maintain high efficiency throughout the entire load range while providing ultra-fast load transient response. the following sections provide additional device application information. input capacitor a 2.2f ceramic capacitor or greater should be placed close to the vin pin and pgnd pin for bypassing. a murata grm188r60j475me84d, size 0603, 4.7f ceramic capacitor is recommended based upon performance, size and cost. a x5r or x7r temperature rating is recommended for the input capacitor. y5v temperature rating capacitors, aside from losing most of their capacitance over temperature, can also become resistive at high fre quencies. this reduces their ability to filter out high-frequency noise. output capacitor the mic23153 is designed for use with a 2.2f or greater ceramic output capacitor. increasing the output capacitance will lower output ripple and improve load transient response but could also increase solution size or cost. a low equivalent series resistance (esr) ceramic output capacitor such as the murata grm188r60j475me84d, size 0603, 4.7f ceramic capacitor is recommended based upon performance, size and cost. both the x7r or x5r temperature rating capacitors are recommended. the y5v and z5u temperature rating capacitors are not recommended due to their wide variation in capacitance over temperature and increased resistance at high frequencies. inductor selection when selecting an inductor, it is important to consider the following factors (not nec essarily in the order of importance): ? inductance ? rated current value ? size requirements ? dc resistance (dcr) the mic23153 is designed for use with a 0.47h to 2.2h inductor. for faster transient response, a 0.47h inductor will yield the best result. for lower output ripple, a 2.2h inductor is recommended. maximum current ratings of the inductor are generally given in two methods; permissible dc current and saturation current. permissible dc current can be rated either for a 40c temperature rise or a 10% to 20% loss in inductance. ensure the inductor selected can handle the maximum operating current. when saturation current is specified, make sure that there is enough margin so that the peak current does not cause the inductor to saturate. peak current can be calculated as follows: ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? += lf2 /vv1 vii inout out out peak as shown by the calculati on above, the peak inductor current is inversely proportional to the switching frequency and the inductance; the lower the switching frequency or the inductance the higher the peak current. as input voltage increases, the peak current also increases. the size of the inductor depends on the requirements of the application. refer to the typical application circuit and bill of materials for details. dc resistance (dcr) is also important. while dcr is inversely proportional to size, dcr can represent a significant efficiency loss. refer to the efficiency considerations . the transition between high loads (ccm) to hyperlight load (hll) mode is determined by the inductor ripple current and the load current. the diagram shows the signal s for high side switch drive (hsd) for t on control, the inductor current and the low side switch drive (lsd) for t off control.
micrel inc. mic23153 september 2011 12 m9999-092211-b in hll mode, the inductor is charged with a fixed ton pulse on the high side switch (hsd). after this, the lsd is switched on and current falls at a rate v out /l. the controller remains in hll mode while the inductor falling current is detected to cross approximately ? 50ma. when the lsd (or t off ) time reaches its minimum and the inductor falling current is no longer able to reach this ? 50ma threshold, the part is in ccm mode and switching at a virtually constant frequency. once in ccm mode, the t off time will not vary. therefore, it is important to note that if l is large enough, the hll transition level will not be triggered. that inductor is: 50ma2 135ns v l out max = compensation the mic23153 is designed to be stable with a 0.47h to 2.2h inductor with a 4.7f ceramic (x5r) output capacitor. duty cycle the typical maximum duty cycle of the mic23153 is 80%. efficiency considerations efficiency is defined as the amount of useful output power, divided by the amount of power supplied. 100 iv iv % efficiency inin out out ? ? ? ? ? ? ? ? = maintaining high efficiency serves two purposes. it reduces power dissipation in the power supply, reducing the need for heat sinks and thermal design considerations and it reduces consumption of current for battery-powered applications. reduced current draw from a battery increases the devices operating time and is critical in hand held devices. there are two types of losses in switching converters; dc losses and switching losses. dc losses are simply the power dissipation of i 2 r. power is dissipated in the high side switch during the on cycle. power loss is equal to the high side mosfet r dson multiplied by the switch current squared. during the off cycle, the low side n- channel mosfet conducts, also dissipating power. device operating current also reduces efficiency. the product of the quiescent (operating) current and the supply voltage represents another dc loss. the current required driving the gates on and off at a constant 4mhz frequency and the switching transitions make up the switching losses. efficiency vs. output current v out = 1.8v @ 25c 0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.90 1.00 0.00001 0.001 0.1 10 output current (a) efficiency (%) v in = 3v v in = 3.6v v in = 5v figure 2. efficiency under load the figure above shows an efficiency curve. from no load to 100ma, efficiency losses are dominated by quiescent current losses, gate drive and transition losses. by using the hyperlight load? mode, the mic23153 is able to maintain high efficiency at low output currents. over 100ma, efficiency loss is dominated by mosfet r dson and inductor losses. higher input supply voltages will increase the gate-to-source threshold on the internal mosfets, thereby reducing the internal r dson . this improves efficiency by reducing dc losses in the device. all but the inductor losses are inherent to the device. in which case, inductor selection becomes increasingly critical in efficiency calculations. as the inductors are reduced in si ze, the dc resistance (dcr) can become quite significant. the dcr losses can be calculated as follows: p dcr = i out 2 x dcr from that, the loss in efficiency due to inductor resistance can be calculated as follows: 100 piv iv 1loss efficiency dcr out out out out ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? + ?= efficiency loss due to dcr is minimal at light loads and gains significance as the load is increased. inductor selection becomes a trade-off between efficiency and size in this case.
micrel inc. mic23153 september 2011 13 m9999-092211-b hyperlight load? mode as shown in the previous equation, the load at which the mic23153 transitions from hyperlight load? mode to pwm mode is a function of the input voltage (v in ), output voltage (v out ), duty cycle (d), inductance (l) and frequency (f). as shown in figure 3, as the output current increases, the switching frequency also increases until the mic23153 goes from hyperlight load? mode to pwm mode at approximately 120ma. the mic23153 will switch at a relatively constant frequency around 4mhz once the output current is over 120ma. mic23153 uses a minimum on and off time proprietary control loop (patented by micrel). when the output voltage falls below the regulation threshold, the error comparator begins a switching cycle that turns the pmos on and keeps it on for the duration of the minimum-on-time. this increases the output voltage. if the output voltage is over t he regulation threshold, then the error comparator turns the pmos off for a minimum- off-time until the output drops below the threshold. the nmos acts as an ideal rectifier that conducts when the pmos is off. using a nmos switch instead of a diode allows for lower voltage drop across the switching device when it is on. the asynchronous switching combination between the pmos and the nmos allows the control loop to work in discontinuous mode for light load operations. in discontinuous mode, the mic23153 works in pulse frequency modulation (pfm) to regulate the output. as the output current increases, the off-time decreases, thus provides more energy to the output. this switching scheme improves the efficiency of mic23153 during light load currents by only switching when it is needed. as the load current increases, the mic23153 goes into continuous conduction mode (ccm) and switches at a frequency centered at 4mhz. the equation to calculate the load when the mic23153 goes into continuous conduction mode may be approximated by the following formula: switching frequency vs. load current 0.1 1 10 100 1000 10000 0.0001 0.001 0.01 0.1 1 10 load current (a) sw frequency (khz) l = 2.2h l = 1h v out = 1.8v figure 3. sw frequency vs. output current ? ? ? ? ? ? ? ? ? > f2l d)v(v i out in load
micrel inc. mic23153 september 2011 14 m9999-092211-b typical application circuit (fixed output) bill of materials item part number manufacturer description qty. c1608x5r0j475k tdk (1) c1 grm188r60j475ke19d murata (2) 1 c1608x5r0j475k tdk (1) c2 grm188r60j475ke84d murata (2) ceramic capacitor, 4.7f, 6.3v, x5r, size 0603 1 c3 c1608npo0j471k tdk (1) ceramic capacitor, 470pf, 6.3v, npo, size 0603 1 vls3012st-1r0n1r9 tdk (1) 1h, 2a, 60m ? , l3.0mm x w3.0mm x h1.0mm l1 lqh44pn1r0nj0 murata (2) 1h, 2.8a, 50m ? , l4.0mm x w4.0mm x h1.2mm 1 r3 crcw06031002fkea vishay (3) resistor,10k, size 0603 1 r4 crcw06031002fkea vishay (3) resistor,10k, size 0603 1 u1 mic23153-xymt micrel, inc. (4) 4mhz 2a buck regulator with hyperlight load? mode 1 notes: 1. tdk: www.tdk.com . 2. murata : www.murata.com . 3. vishay: www.vishay.com . 4. micrel, inc.: www.micrel.com .
micrel inc. mic23153 september 2011 15 m9999-092211-b typical application circuit (adjustable output) bill of materials item part number manufacturer description qty. c1608x5r0j475k tdk (1) c1 grm188r60j475ke19d murata (2) 1 c1608x5r0j475k tdk (1) c2 grm188r60j475ke84d murata (2) ceramic capacitor, 4.7f, 6.3v, x5r, size 0603 1 c3 c1608npo0j471k tdk (1) ceramic capacitor, 470pf, 6.3v, npo, size 0603 1 c4 ? ? not fitted (nf) 0 vls3010st-1r0n1r9 tdk (1) 1h, 2a, 60m ? , l3.0mm x w3.0mm x h1.0mm l1 lqh44pn1r0nj0 murata (2) 1h, 2.8a, 50m ? , l4.0mm x w4.0mm x h1.2mm 1 r1 crcw06033013fkea vishay (3) resistor,301k, size 0603 1 r2 crcw06031583fkea vishay (3) resistor,158k, size 0603 1 r3 crcw06031002fkea vishay (3) resistor,10k, size 0603 1 r4 crcw06031002fkea vishay (3) resistor,10k, size 0603 1 u1 mic23153-aymt micrel, inc. (4) 4mhz 2a buck regulator with hyperlight load? mode 1 notes: 1. tdk: www.tdk.com . 2. murata : www.murata.com . 3. vishay: www.vishay.com . 4. micrel, inc.: www.micrel.com .
micrel inc. mic23153 september 2011 16 m9999-092211-b pcb layout recommendations top layer bottom layer
micrel inc. mic23153 september 2011 17 m9999-092211-b package information 10-pin 2.5mm x 2.5mm thin mlf ?
micrel inc. mic23153 september 2011 18 m9999-092211-b recommended land pattern micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel +1 (408) 944-0800 fax +1 (408) 474-1000 web http://www.micrel.com micrel makes no representations or warranties with respect to the accuracy or comple teness of the information furnished in this data sheet. this information is not intended as a warranty and micrel does not assume responsibility for it s use. micrel reserves the right to change circuitry, specifications and descriptions at any time without notice. no license, whether express, implied, arising by estoppel or other wise, to any intellectual property rights is granted by this document. except as provided in micrel?s terms and conditions of sale for such products, mi crel assumes no liability whatsoever, and micrel disclaims any express or implied warranty relating to the sale and/or use of micrel products including l iability or warranties relating to fitness for a partic ular purpose, merchantability, or infringement of any patent, copyright or other intellectual p roperty right. micrel products are not designed or authorized for use as components in life suppor t appliances, devices or systems where malfu nction of a product reasonably be expected to result in pers onal injury. life support devices or system s are devices or systems that (a) are intended for surgical impla into the body or (b) support or sustain life, and whose failure to perform can be reasonably expect ed to result in a significan t injury to the user. a purchaser?s use or sale of micrel produc ts for use in life support app liances, devices or systems is a purchaser?s own risk and purchaser agrees to fully indemnify micrel for any damages re sulting from such use or sale. can nt ? 2009 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of MIC2315311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X