Part Number Hot Search : 
220N03 AOD486 PSC06V2 74LS160D 13017 KBU801G DS24W 2SK231
Product Description
Full Text Search
 

To Download MCU0805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  key benefits ? thin flm technology ? low tcr: 10 to 25 ppm/k ? precision tolerance of value: 0.1 and 0.25 % ? superior overall stability: class 0.1 and 0.25 ? green product, supports lead-free soldering ? approved according to en 140 401-801 appl i ca ti o ns ? telecommunications ? industrial equipment ? automotive electronics ? test and measuring equipment ? medical equipment res o u rc es ? datasheet: mcs 0402, mct 0603, mcu 0805, mca 1206 series - http://www.vishay.com/doc?28700 ? for technical questions contact thinflmchip@vishay.com resistors - precision and superior stability mcs 0402, mct 0603, mcu 0805, mca 1206 series th is do cument is subj ect to change witho ut notice. the products described herein and this document are subject to specific disclaimers, set fo rth at www.vishay.com/doc?91000 t h in fi lm fuse r esist or s i n n o v a t i o n a n d t e c h n o l o g y 1 9 6 2 - 2 0 1 2 v ish a y i ntertec h n o l og y, i nc . vmn-pt9106-1203 1/ 2 discrete semiconductors and passive components one of the worlds largest manufacturers of pr o duct s h eet precision t hin f ilm f lat chip resistors
resistors - precision and superior stability mcs 0402, mct 0603, mcu 0805, mca 1206 series th is do cument is subj ect to change witho ut notice. the products described herein and this document are subject to specific disclaimers, set fo rth at www.vishay.com/doc?91000 vmn-pt9106-1203 2/2 pr o duct s h eet t h in fi lm fuse r esist or s i n n o v a t i o n a n d t e c h n o l o g y 1 9 6 2 - 2 0 1 2 v ish a y i ntertec h n o l og y, i nc . precision t hin f ilm f lat chip resistors precision thin film chip resistors www.vishay.com for technical questions, contact: thinfilmchip@vishay.com document number: 28700 208 revision: 18-dec-09 mcs 0402, mct 0603, mcu 0805, mca 1206 - precision vishay beyschlag thin film flat chip resistors combine the proven reliability of the professional products with an advanced level of precision and stability. therefore they are perfectly suited for applications in the fields of test and measuring equipment together with industrial and medical electronics. features ? approved according to en 140401-801 ? low tcr: 10 ppm/k to 25 ppm/k ? precision tolerance of value: 0.1 % and 0.25 % ? superior overall stability: class 0.1 and 0.25 ? lead (pb)-free solder contacts ? compliant to rohs directive 2002/95/ec applications ? automotive ? test and measuring equipment ? medical equipment ? industrial equipment note (1) the power dissipation on the resi stor generates a temperature rise against the local ambient, depending on the heat flow suppor t of the printed-circuit board (ther mal resistance). the rated dissipation applies only if the permitted film temperature is not exceede d. metric size inch: 0402 0603 0805 1206 metric: rr 1005m rr 1608m rr 2012m rr 3216m technical specifications description mcs 0402 mct 0603 mcu 0805 mca 1206 metric size rr 1005m rr 1608m rr 2012m rr 3216m resistance range 100 to 221 k 39 to 511 k 39 to 1.5 m 39 to 2 m resistance tolerance 0.25 %; 0.1 % temperature coefficient 25 ppm/k; 15 ppm/k; 10 ppm/k operation mode precision standard precision standard precision standard precision standard climatic category (lct/uct/days) 10/85/56 55/125/56 10/85/56 55/125/56 10/85/56 55/125/56 10/85/56 55/125/56 rated dissipation, p 70 (1) 0.016 w 0.063 w 0.032 w 0.1 w 0.050 w 0.125 w 0.1 w 0.25 w operating voltage, u max. ac/dc 12.5 v 50 v 25 v 75 v 35 v 150 v 50 v 200 v film temperature 85 c 125 c 85 c 125 c 85 c 125 c 85 c 125 c max. resistance change at p 70 for resistance range, | r/r | max., after: 100 to 221 k 39 to 511 k 39 to 1.5 m 39 to 2 m 1000 h 0.1 % 0.2 % 0.1 % 0.2 % 0.1 % 0.2 % 0.05 % 0.1 % 8000 h 0.2 % 0.4 % 0.2 % 0.4 % 0.2 % 0.4 % 0.1 % 0.25 % 225 000 h 0.5 % 1.0 % 0.5 % 1.0 % 0.5 % 1.0 % 0.25 % 0.5 % specified lifetime 225 000 h 225 000 h 225 000 h 225 000 h insulation voltage: 1 min; u ins 75 v 100 v 200 v 300 v continuous 75 v 75 v 75 v 75 v failure rate: fit observed 0.1 x 10 -9 /h 0.1 x 10 -9 /h 0.1 x 10 -9 /h 0.1 x 10 -9 /h revision 18-dec-09


▲Up To Search▲   

 
Price & Availability of MCU0805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X