Part Number Hot Search : 
KF5N53F W005G D6433 U30D30C 1N3890 2MK35 UR13205 B102J
Product Description
Full Text Search
 

To Download MCT06030D4641DPW00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mcs 0402, mct 0603, mcu 0805, mca 1206 - professional www.vishay.com vishay beyschlag revision: 24-jan-13 1 document number: 28705 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 professional thin film chip resistors mcs 0402, mct 0603, mcu 0805 and mca 1206 professional thin film flat chip resistors are the perfect choice for most fields of modern professional electronics where reliability and stability is of major concern. typical applications include telecommunication, medical equipment and high-end computer and audio/video electronics. features ? approved to en 140401-801 ? excellent overall st ability: class 0.5 ? professional tolerance of value: 0.5 % and 1 % ? lead (pb)-free solder contacts ? waste gas resistance verified by astm b 809 ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? automotive ? telecommunication ? medical equipment ? industrial equipment notes ? these resistors do not feature a limited lifetime when operated within the permissible limits. however, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifeti me. (1) the power dissipation on the resistor generates a temperature rise against the local ambient, depe nding on the heat flow suppor t of the printed-circuit bo ard (thermal resistance). the rated dissipation applies only if the permitted film temperature is not exceede d. technical specifications mcs 0402 mct 0603 mcu 0805 mca 1206 imperial size 0402 0603 0805 1206 metric size code rr1005m rr1608m rr2012m rr3216m resistance range 10 ? to 4.99 m ? ; 0 ? 1 ? to 10 m ? ; 0 ? 1 ? to 10 m ? ; 0 ? 1 ? to 2 m ? ; 0 ? resistance tolerance 1 %; 0.5 % temperature coefficient 50 ppm/k; 25 ppm/k operation mode standard power standard power standard power standard power rated dissipation, p 70 (1) 0.063 w 0.1 w 0.1 w 0.125 w 0.125 w 0.2 w 0.25 w 0.4 w operating voltage, u max. ac/dc 50 v 75 v 150 v 200 v permissible film temperature, ? f max. 125 c 155 c 125 c 155 c 125 c 155 c 125 c 155 c operating temperature range - 55 c to 125 c - 55 c to 155 c - 55 c to 125 c - 55 c to 155 c - 55 c to 125 c - 55 c to 155 c - 55 c to 125 c - 55 c to 155 c max. resistance change at p 70 for resistance range, | ? r / r | max., after: 10 ? to 4.99 m ? 1 ? to 10 m ? 1 ? to 10 m ? 1 ? to 2 m ? 1000 h ? 0.25 % ? 0.5 % ? 0.25 % ? 0.5 % ? 0.25 % ? 0.5 % ? 0.25 % ? 0.5 % 8000 h ? 0.5 % ? 1.0 % ? 0.5 % ? 1.0 % ? 0.5 % ? 1.0 % ? 0.5 % ? 1.0 % 225 000 h ? 1.5 % - ? 1.5 % - ? 1.5 % - ? 1.5 % - insulation voltage: 1 min; u ins 75 v 100 v 200 v 300 v continuous 75 v 75 v 75 v 75 v failure rate: fit observed ? 0.1 x 10 -9 /h ? 0.1 x 10 -9 /h ? 0.1 x 10 -9 /h ? 0.1 x 10 -9 /h
mcs 0402, mct 0603, mcu 0805, mca 1206 - professional www.vishay.com vishay beyschlag revision: 24-jan-13 2 document number: 28705 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? products can be ordered using either the product description or part number. (1) jumpers are ordered by the resistance value 0 ? , e.g. mct 0603 p5 0r0. notes ? resistance values are av ailable for 1 % toleranc e from the e24 and e96 se ries; for 0.5 % toleranc e from the e24 and e192 s eries. ? resistance ranges printed in bold are preferred tcr/tolerance combinations with optimized availability. part number and product description part number: MCT06030D4641DPW00 type/size version tcr resistance tolerance packaging mcs0402 mct0603 mcu0805 mca1206 0 = neutral d = 25 ppm/k c = 50 ppm/k z = jumper 3 digit value 1 digit multiplier multiplier 8 = *10 -2 9 = *10 -1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 4 = *10 4 5 = *10 5 0000 = jumper d = 0.5 % f = 1 % z = jumper p5 pw e0 product description: mct 0603-25 0.5 % pw 4k64 mct 0603 -25 0.5 % pw 4k64 type size tcr tolerance packaging resistance mcs mct mcu mca 0402 0603 0805 1206 25 ppm/k 50 ppm/k 0.5 % 1 % p5 pw e0 4k64 = 4.64 k ? 50r1 = 50.1 ? 0r0 = jumper (1) temperature coefficient and resistance range description resistance range tcr tolerance mcs 0402 mct 0603 mcu 0805 mca 1206 50 ppm/k 1 % 10 ? to 4.99 m ? 1 ? to 10 m ? 1 ? to 10 m ? 1 ? to 2 m ? 0.5 % 10 ? to 221 k ? 10 ? to 511 k ? 10 ? to 1.5 m ? 10 ? to 2 m ? 25 ppm/k 0.5 % 10 ? to 221 k ? 10 ? to 511 k ? 10 ? to 1.5 m ? 10 ? to 2 m ? jumper - ? 20 m ? i max. = 0.63 a ? 20 m ? i max. = 1 a ? 20 m ? i max. = 1.5 a ? 20 m ? i max. = 2 a packaging type code quantity carrier tape width pitch reel diameter mcs 0402 e0 10 000 paper tape acc. iec 60286-3 type i 8 mm 2 mm 180 mm/7" mct 0603 p5 5000 4 mm 180 mm/7" pw 20 000 330 mm/13" mcu 0805 p5 5000 180 mm/7" pw 20 000 330 mm/13" mca 1206 p5 5000 180 mm/7" ct06030d4 m 41dpw 00 6
mcs 0402, mct 0603, mcu 0805, mca 1206 - professional www.vishay.com vishay beyschlag revision: 24-jan-13 3 document number: 28705 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions solder pad dimensions note ? the rated dissipation applies only if the permitted film temperature is not exceeded. furthermore, a high level of ambient tem perature or of power dissipation may raise the temperature of the solder joint, hence special solder alloys or board materials may be required to maintain the reliability of the assembly. specified power rating above 125 c requires dedicated he at-sink pads, which depe nd on boar d materials. the given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards iec 6118 8-5-x, or in publication ipc-7351. they do not guaran tee any supposed therma l properties, particularly as th ese are also st rongly influen ced by many other parameters. still, the given solder pad dimensions will be found adequate for most general applications, e.g. those referring to standard operation mode. please note however that applications for power operation mode require special considerations for the design of solder pads and adjacent conductor areas. dimensions and mass type h (mm) l (mm) w (mm) w t (mm) t t (mm) t b (mm) mass (mg) mcs 0402 0.32 0.05 1.0 0.05 0.5 0.05 > 75 % of w 0.2 + 0.1/- 0.15 0.2 0.1 0.6 mct 0603 0.45 + 0.1/- 0.05 1.55 0.05 0.85 0.1 > 75 % of w 0.3 + 0.15/- 0.2 0.3 + 0.15/- 0.2 1.9 mcu 0805 0.45 + 0.1/- 0.05 2.0 0.1 1.25 0.15 > 75 % of w 0.4 + 0.1/- 0.2 0.4 + 0.1/- 0.2 4.6 mca 1206 0.55 0.1 3.2 + 0.1/- 0.2 1.6 0.15 > 75 % of w 0.5 0.25 0.5 0.25 9.2 recommended solder pad dimensions type wave soldering reflow soldering g (mm) y (mm) x (mm) z (mm) g (mm) y (mm) x (mm) z (mm) mcs 0402 - - - - 0.35 0.55 0.55 1.45 mct 0603 0.55 1.10 1.10 2.75 0.65 0.70 0.95 2.05 mcu 0805 0.80 1.25 1.50 3.30 0.90 0.90 1.40 2.70 mca 1206 1.40 1.50 1.90 4.40 1.50 1.15 1.75 3.80 t b t t l h w w t g x y z
mcs 0402, mct 0603, mcu 0805, mca 1206 - professional www.vishay.com vishay beyschlag revision: 24-jan-13 4 document number: 28705 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 description production is strictly controlled and follows an extensive set of instructions established for reproducibility. a homogeneous film of metal a lloy is deposited on a high grade (al 2 o 3 ) ceramic substrate and conditioned to achieve the desired temperature coefficient. specially designed inner contacts are deposited on both sides. a special laser is used to achieve the target value by smoothly cutting a meander groove in the resistiv e layer without damaging the ceramics. for the high and low ohmic range, optimized cermet products provide co mparable properties. the resistor elements are covered by a protective coating designed for electrical, mechanical and climatic protection. the terminations receive a final pure tin on nickel plating. the result of the determined pr oduction is verified by an extensive testing procedure and optical inspection performed on 100 % of the indi vidual chip resistors. this includes full screening for the elimination of products with potential risk of early field failures (feasible for r ? 10 ? ). only accepted products are laid directly into the paper tape in accordance with iec 60286-3 (3) . assembly the resistors are suitable fo r processing on automatic smd assembly systems. they are suitable for automatic soldering using wave, reflow or vapour phase as shown in iec 61760-1 . the encapsulation is resistant to all cleaning solvents commonly used in the electronics industry, including alcohols, esters and aqueous solutions. the suitability of conformal coatings, if applied, shall be qualified by appropriate means to ensure the long-term stability of the whole system. the resistors are rohs compliant, the pure tin plating provides compatibility with lead (pb)-free and lead-containing soldering processes. solderability is specified for 2 years after produ ction or requalification. the permitted storage time is 20 years. the immunity of the plating against tin whisker growth has been proven under extensive testing. all products comply with the gadsl (1) and the cefic-eeca-eicta (2) list of legal restrictions on hazardous substances. this includes full compliance with the following directives: ? 2000/53/ec end of vehicle life directive (elv) an annex ii (elv ii) ? 2011/65/eu restriction of the use of hazardous substances directive (rohs) ? 2002/96/ec waste electrical and electronic equipment directive (weee) approvals the resistors are approved wi thin the iecq-cecc quality assessment system for electron ic components to the detail specification en 140401-801 which refers to en 60115-1 , en 140400 and the variety of environmental test procedures of the iec 60068 (3) series. the detail sp ecification refers to the climatic category 55/125 /56, which relates to the standard operation mode of this datasheet. conformity is attested by the use of the cecc logo ( ) as the mark of conformity on the package label. vishay beyschlag has achieved approval of manufacturer in accordance with iecq 03-1 . the release certificate for technology approval schedule in accordance with cecc 240001 based on iecq 03-3 is granted for the vishay beyschlag manufacturing process. related products for more information about products with better tcr and tighter tolerance pl ease refer to the precision thin film chip resistors datasheet ( www.vishay.com/doc?28700 ). resistors are available with established reliability in accordance with en 140401-801 version e. please refer to the special datasheet ( www.vishay.com/doc?28744 ) for information on failure rate leve l, available resistance ranges and order codes. precision chip resistor arrays may be used in voltage divider applications or preci sion amplifiers where close matching between multiple resistors is necessary. acas 0612 chip arrays are specified by the following datasheets: ? professional type ( www.vishay.com/doc?28754 ) ? precision type ( www.vishay.com/doc?28751 ) notes (1) global automotive declarable substance list, see www.gadsl.org . (2) cefic (european chemical industry council), eeca (european electronic component manufacturers associatio n), eicta (european tra de organisation representing the information and communi cations technology and co nsumer electr onics), see www.eicta.org/index.php?id=995 ? issues ? environment policy ? chemicals ? chemicals for electronics. (3) the quoted iec standards are also released as en st andards with the same number and identical contents.
mcs 0402, mct 0603, mcu 0805, mca 1206 - professional www.vishay.com vishay beyschlag revision: 24-jan-13 5 document number: 28705 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance mcs 0402 mct 0603 mcu 0805 mca 1206 0.1 0.2 w power dissipation c 100 150 - 50 0 50 70 ? ambient te mperature amb 0 p derating - standard operation 0.1 0.2 0.3 0.4 0.5 w power dissipation p c 100 150 - 50 0 50 70 ? ambient te mperature amb mcs 0402 mct 0603 mcu 0805 mca 1206 derating - power operation 1 w 100 10 100 s 1 ms 10 ms 1 s 10 s 10 s 100 ms pulse duration i 0.1 mcs 0402 mct 0603 mcu 0805 mca 1206 t pulse load max. p ^ single pulse maximum pulse load, single pulse; applica b le if ? 0 and n ? 1000 and ? ? ? max. ; for permissi b le resistance change equivalent to 8 000 h operation in standard operation mode p
mcs 0402, mct 0603, mcu 0805, mca 1206 - professional www.vishay.com vishay beyschlag revision: 24-jan-13 6 document number: 28705 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 1 w 10 100 100 s 1 ms 10 ms 1 s 10 s 10 s 100 ms pulse duration 0.1 i mcs 0402 mct 0603 mcu 0805 mca 1206 t continuous pulse load max. p ^ continuous pulse maximum pulse load, continuous pulses; applica b le if ? p ( ? am b ) and ? ? ? max. ; for permissi b le resistance change equivalent to 8 000 h operation in standard operation mode p 1 kv 100 s 1 ms 10 ms 1 s 10 s 10 s 100 ms 100 v 10 v pulse duration i t mcs 0402 mct 0603 mcu 0805 mca 1206 pulse volta g e max. ? pulse voltage maximum pulse voltage, singl e and continuous pulses; applica b le if ? max. ; for permissi b le resistance change equivalent to 8 000 h operation in standard operation mode p ? p ? 100 v 1 kv 10 v 10 kv resistance v alue t est v o l ta g e 100 1 k 10 k 100 k 1 m 10 10 m mcs 0402 mct 0603 mcu 0805, mca 1206 r 1.2/50 pulse pulse load rating in accordance with en 60115-1 clause 4.27; 1.2 s/50 s; 5 pulses at 12 s interval; for permissi b le resistance change (0.5 % r + 0.05 ? )
mcs 0402, mct 0603, mcu 0805, mca 1206 - professional www.vishay.com vishay beyschlag revision: 24-jan-13 7 document number: 28705 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 100 v 1 kv 10 v 10 kv resistance v alue r t est v olta g e 100 1 k 10 k 100 k 1 m 10 10 m mcs 0402 mct 0603 mcu 0805, mca 1206 10/700 pulse pulse load rating in accordance with en 60115-1 clause 4.27; 10 s/700 s; 10 pulses at 1 min intervals; for permissi b le resistance change (0.5 % r + 0.05 ? ) 1 v/v current noise 1 100 resistance va lu e a r 10 0.1 0.01 1 k 10 k 100 k 1 m mcs 0402 mct 0603 mcu 0805 mca 1206 current noise current noise a 1 in accordance with iec 60195 0.1 0.3 1 ghz 20 0.5 1.0 1.5 2.0 frequency 310 mc t 060 3 m cu 0805 f | |/ r z rf-behaviour | z |/ r for 49.9 ? chip resistor
mcs 0402, mct 0603, mcu 0805, mca 1206 - professional www.vishay.com vishay beyschlag revision: 24-jan-13 8 document number: 28705 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tests and requirements all tests are carried out in accordance with the following specifications: en 60115-1, generic specification (includes tests) en 140400, sectional specification (includes schedule for qualification approval) en 140401-801, detail specification (includes schedule for conformance inspection) the components are approved in accordance with the european cecc-system, where applicable. the following table contains only the most important tests. for the full test schedule refer to the document s listed above. the testing also covers most of the requirements specified by eia/is-703 and jis-c-5202. the tests are carried out in accordance with iec 60068 and under standard atmospheric conditions in accordance with iec 60068-1, 5.3. climatic category lct/uct/56 (rated temperature range: lower category temperature, upper category temperature ; damp heat, long term, 56 days) is valid. unless otherwise specified th e following values apply: temperature: 15 c to 35 c relative humidity: 45 % to 75 % air pressure: 86 kpa to 106 kpa (860 mbar to 1060 mbar). the components are mounted for testing on boards in accordance with en 60115-1, 4.31 unless otherwise specified. the requirements stated in the test procedures and requirements table are based on the required tests and permitted limits of en 140401-801. however, some additional tests and a number of improvements against those minimum requirements have been included. test procedures and requirements en 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) stability class 0.5 stability class 1 stability for product types: mcs 0402 10 ? to 33.2 k ? > 33.2 k ?? to 4.99 m ? mct 0603 10 ? to 100 k ? 1 ? to < 10 ? ; > 100 k ? to 10 m ? mcu 0805 10 ? to 221 k ? 1 ? to < 10 ? ; > 221 k ? to 10 m ? mca 1206 10 ? to 332 k ? 1 ? to < 10 ? ; > 332 k ? to 2 m ? 4.5 - resistance - 1 % r ; ? 0.5 % r 4.8.4.2 - temperature coefficient at (20/- 55/20) c and (20/125/20) c 50 ppm/k; 25 ppm/k 4.25.1 - endurance at 70 c: standard operation mode u = or u = u max. ; whichever is the less severe; 1.5 h on; 0.5 h off; 70 c; 1000 h (0.25 % r + 0.05 ? ) 70 c; 8000 h ? (0.5 % r + 0.05 ? ) endurance at 70 c: power operation mode u = or u = u max. ; whichever is the less severe; 1.5 h on; 0.5 h off; 70 c; 1000 h (0.5 % r + 0.05 ? ) 70 c; 8000 h ? (1 % r + 0.05 ? ) 4.25.3 - endurance at upper category temperature 125 c; 1000 h ? (0.25 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) 155 c; 1000 h (0.5 % r +0.05 ? ) ? (1 % r + 0.05 ? ) 4.24 78 (cab) damp heat, steady state (40 2) c; 56 days; (93 3) % rh (0.5 % r +0.05 ? ) ? (1 % r + 0.05 ? ) p 70 x r p 70 x r
mcs 0402, mct 0603, mcu 0805, mca 1206 - professional www.vishay.com vishay beyschlag revision: 24-jan-13 9 document number: 28705 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 4.23 climatic sequence: standard operation mode: 4.23.2 2 (ba) dry heat 125 c; 16 h (0.5 % r +0.05 ? ) (1 % r + 0.05 ? ) 4.23.3 30 (db) damp heat, cyclic 55 c; 24 h; > 90 % rh; 1 cycle 4.23.4 1 (aa) cold - 55 c; 2 h 4.23.5 13 (m) low air pressure 8.5 kpa; 2 h; (25 10) c 4.23.6 30 (db) damp heat, cyclic 55 c; 24 h; > 90 % rh; 5 cycles 4.23.7 - dc load u = ??? u max. ; 1 min. - 1 (aa) cold - 55 c; 2 h (0.1 % r +0.01 ? ) (0.25 % r + 0.05 ? ) 4.19 14 (na) rapid change of temperature 30 min at lct and 30 min at uct; lct = - 55 c; uct = 125 c; 5cycles (0.1 % r + 0.01 ? ) no visible damage lct = - 55 c; uct = 125 c; 1000 cycles (0.25 % r + 0.05 ? ) no visible damage 4.13 - short time overload: standard operation mode u = 2.5 x or u = 2 x u max. ; whichever is the less severe; 5 s ? (0.1 % r + 0.01 ? ) ? (0.25 % r + 0.05 ? ) short time overload: power operation mode u = 2.5 x or u = 2 x u max. ; whichever is the less severe; 5 s ? (0.25 % r + 0.05 ? ) ? (0.5 % r + 0.05 ? ) 4.27 - single pulse high voltage overload: standard operation mode severity no. 4: u = 10 x or u = 2 x u max. ; whichever is the less severe; 10 pulses 10 s/700 s (0.5 % r + 0.05 ? ) no visible damage 4.37 - periodic electric overload: standard operation mode u = or u = 2 x u max. ; 0.1 s on; 2.5 s off; whichever is the less severe; 1000 cycles (0.5 % r + 0.05 ? ) no visible damage periodic electric overload: power operation mode u = or u = 2 x u max. ; 0.1 s on; 2.5 s off; whichever is the less severe; 1000 cycles (1 % r + 0.05 ? ) no visible damage test procedures and requirements en 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) stability class 0.5 stability class 1 stability for product types: mcs 0402 10 ? to 33.2 k ? > 33.2 k ?? to 4.99 m ? mct 0603 10 ? to 100 k ? 1 ? to < 10 ? ; > 100 k ? to 10 m ? mcu 0805 10 ? to 221 k ? 1 ? to < 10 ? ; > 221 k ? to 10 m ? mca 1206 10 ? to 332 k ? 1 ? to < 10 ? ; > 332 k ? to 2 m ? p 70 x r p 70 x r p 70 x r p 70 x r 15 x p 70 x r 15 x p 70 x r
mcs 0402, mct 0603, mcu 0805, mca 1206 - professional www.vishay.com vishay beyschlag revision: 24-jan-13 10 document number: 28705 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 4.40 - electro static discharge (human body model) iec 61340-3-1; 3 pos. + 3 neg. (equivalent to mil-std-883, method 3015) mcs 0402: 500 v mct 0603: 1000 v mcu 0805: 1500 v mca 1206: 2000 v ? (0.5 % r + 0.05 ? ) 4.22 6 (fc) vibration endurance by sweeping; 10 hz to 2000 hz; no resonance; amplitude ? 1.5 mm or ? 200 m/s 2 ; 7.5 h (0.1 % r + 0.01 ? ) no visible damage 4.17.2 58 (td) solderability solder bath method; snpb40; non-activated flux; (215 3) c; (3 0.3) s good tinning ( ? 95 % covered); no visible damage solder bath method; snag3cu0.5 or snag3.5; non-activated flux; (235 3) c; (2 0.2) s good tinning ( ? 95 % covered); no visible damage 4.18.2 58 (td) resistance to soldering heat solder bath method; (260 5) c; (10 1) s ? (0.1 % r + 0.01 ? ) no visible damage ? (0.25 % r + 0.05 ? ) no visible damage 4.29 45 (xa) component solvent resistance isopropyl alcohol + 50 c; method 2 no visible damage 4.32 21 (ue 3 ) shear (adhesion) rr1005m and rr1608m; 9 n no visible damage rr2012m and rr3216m; 45 n 4.33 21 (ue 1 ) substrate bending depth 2 mm, 3 times ? (0.1 % r + 0.01 ? ) no visible damage, no open circuit in bent position 4.7 - voltage proof u rms = u ins ; (60 5) s no flas hover or breakdown 4.35 - flammability iec 60695-11-5, needle flame test; 10 s no burning after 30 s test procedures and requirements en 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) stability class 0.5 stability class 1 stability for product types: mcs 0402 10 ? to 33.2 k ? > 33.2 k ?? to 4.99 m ? mct 0603 10 ? to 100 k ? 1 ? to < 10 ? ; > 100 k ? to 10 m ? mcu 0805 10 ? to 221 k ? 1 ? to < 10 ? ; > 221 k ? to 10 m ? mca 1206 10 ? to 332 k ? 1 ? to < 10 ? ; > 332 k ? to 2 m ?
mcs 0402, mct 0603, mcu 0805, mca 1206 - professional www.vishay.com vishay beyschlag revision: 24-jan-13 11 document number: 28705 for technical questions, contact: thinfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 historical 12nc information ? the resistors had a 12-digit numeric code starting with 2312. ? the subsequent 4 digits indicated the resistor type, specification and packag ing; see the 12nc table. ? the remaining 4 digits indi cated the resistance value: - the first 3 digits indicated the resistance value. - the last digit indicate d the resistance decade in accordance with the last digit of 12nc indicating resistance decade table. last digit of 12nc indicating resistance decade historical 12nc example the 12nc of a mct 0603 resistor, value 47 k ? and tcr 50 with 1 % tolerance, su pplied in cardboard tape of 5000 units per reel was: 2312 215 14703. resistance decade last digit 1 ? to 9.99 ? 8 10 ? to 99.9 ? 9 100 ? to 999 ? 1 1 k ? to 9.99 k ? 2 10 k ? to 99.9 k ? 3 100 k ? to 999 k ? 4 1 m ? to 9.99 m ? 5 10 m ? to 99.9 m ? 6 historical 12nc - resistor type and packaging description 2312... ..... cardboard tape on reel type tcr tol. p5 (5000 units) e0 (10 000 units) pw (20 000 units) mcs 0402 50 ppm/k 1 % - 275 1.... - 0.5 % - 275 5.... - 25 ppm/k 0.5 % - 276 5.... - jumper - - 275 90001 - mct 0603 50 ppm/k 1 % 215 1.... - 205 1.. 0.5 % 215 5.... - 205 5.... 25 ppm/k 0.5 % 216 5.... - 206 5.... jumper - 215 90001 - 205 90001 mcu 0805 50 ppm/k 0.5 % 255 5.... - 245 5.... 25 ppm/k 0.5 % 256 5.... - 246 5.... jumper - 255 90001 - 245 90001
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MCT06030D4641DPW00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X