Part Number Hot Search : 
ADIS1 GMBHR168 X8640 MB89P875 UZXYY TSOP1830 1N487B ZMC5245B
Product Description
Full Text Search
 

To Download MC4558CDCDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. april 2012 doc id 2181 rev 3 1/11 11 mc4558 wide bandwidth dual bipo lar operational amplifier datasheet ? production data features internally compensated short-circuit protection gain and phase match between amplifier low power consumption pin-to-pin compatible with mc1458/lm358 gain bandwidth (at 100 khz): 5.5 mhz description the mc4558 is a high performance monolithic dual operational amplifier. the circuit combines all of the outstanding features of the mc1458, and in addition possesses three times the unity gain bandwidth of the industry standard.        0vuqvu *owfsujohjoqvu /pojowfsujohjoqvu  7 $$ 7 $$ 0vuqvu *owfsujohjoqvu  /pojowfsujohjoqvu    pin connections (top view) n dip8 (plastic package) d so-8 (plastic micropackage) p tssop8 (thin shrink small outline package) table 1. device summary order codes temperature range package packing marking mc4558cn 0 c to +70 c dip8 tube mc4558cn mc4558cd/cdt so-8 tube or tape & reel 4558c mc4558cpt tssop8 tape & reel mc4558id/idt -40 c to +105 c so-8 tube or tape & reel 4558i www.st.com
absolute maximum ratings mc4558 2/11 doc id 2181 rev 3 1 absolute maximum ratings table 2. key parameters and their absolute maximum ratings symbol parameter mc4558i mc4558c unit v cc supply voltage 22 v v i (1) 1. input voltage is with respect to the midpoint betw een vcc+ and vcc-. its value must never exceed 15 v or the magnitude of vcc, whichever is less. input voltage 15 v v id (2) 2. differential voltages are the non-inverting input termi nal with respect to the inverting input terminal. differential input voltage 30 v p tot power dissipation 680 mw output short-circuit duration infinite t oper operating free-air temperature range -40 to +105 0 to +70 c r thja thermal resistance junction-to-ambient: so-8 tssop8 dip8 125 120 85 c/w esd hbm: human body model (3) 3. human body model, 100 pf discharged through a 1.5 k resistor into pin of device. 500 v mm: machine model (4) 4. machine model esd, a 200 pf cap is charged to the s pecified voltage, then discharged directly into the ic with no external series resi stor (internal resistor < 5 ), into pin of device. 200 cdm: charged device model 1500 table 3. operating conditions symbol parameter min. max. unit v cc supply voltage 2 20 v
mc4558 typical application schematic doc id 2181 rev 3 3/11 2 typical application schematic figure 1. schematic diagram (1/2mc4558) l 8 l 8 q'  l 8  8 l 8 l 8 q'  8  8 0vuqvu  8 7 $$ 7 $$ *owfsujohjoqvu /pojowfsujohjoqvu
electrical characteristics mc4558 4/11 doc id 2181 rev 3 3 electrical characteristics table 4. electrical characteristics for v cc = 15 v, t amb = 25 c (unless otherwise specified) symbol parameter min. typ. max. unit v io input offset voltage (r s 10k ) t amb = +25c t min . t amb t max. 15 6 mv i io input offset current t amb = +25c t min . t amb t max. 20 100 200 na i ib input bias current t amb = +25c t min . t amb t max. 50 400 500 na a vd large signal voltage gain (r l = 2k , v o = 10v) t amb = +25c t min . t amb t max. 50 25 200 v/mv svr supply voltage rejection ratio (r s 10k ) t amb = +25c t min . t amb t max. 77 77 90 db i cc supply current, all amplifiers, no load t amb = +25c t min . t amb t max. 2.3 4.5 6 ma v icm input common mode voltage range t amb = +25c t min . t amb t max. 12 12 v cmr common-mode rejection ratio (r s 10k ) t amb = +25c t min . t amb t max. 70 70 90 db i os output short-circuit current 10 20 40 ma v o output voltage swing t amb = +25c r l = 10k r l = 2k t min . t amb t max. r l = 10k r l = 2k 12 10 12 10 14 13 v sr slew rate v i = 10, r l = 2k , c l = 100pf, t amb = 25c, unity gain 1.5 2.2 v/s t r rise time v i = 20mv, r l = 2k , c l = 100pf, t amb = 25c, unity gain 0.3 s k ov overshoot v i = 20mv, r l = 2k , c l = 100pf, t amb = 25c, unity gain 15 % r i input resistance 0.3 2 m c i input capacitance 1.4 pf r o output resistance 75 b unity gain bandwidth 2.8 mhz
mc4558 electrical characteristics doc id 2181 rev 3 5/11 gbp gain bandwidth product v i = 10mv, r l = 2k , c l = 100pf, f = 100khz, t amb = 25c 5.5 mhz thd total harmonic distortion f = 1khz, a v = 20db, r l = 2k , v o = 2v pp , c l = 100pf, t amb = 25c 0.008 % e n equivalent input noise voltage (r s = 100 , f = 1khz) 12 v o1 /v o2 channel separation 120 db table 4. electrical characteristics for v cc = 15 v, t amb = 25 c (unless otherwise specified) symbol parameter min. typ. max. unit nv hz ----------- -
electrical characteristics mc4558 6/11 doc id 2181 rev 3 figure 2. transient response test circuit figure 3. positive output voltage swing vs. load resistance 04$*--04$01& 04$*--04$01& 7 * $ - 3 - figure 4. open loop frequency response figure 5. negative output voltage swing vs. load resistance figure 6. phase margin vs. frequency figure 7. power bandwidth
mc4558 package mechanical data doc id 2181 rev 3 7/11 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 8. dip8 package dim. mm. inch min. typ max. min. typ. max. a 3.3 0.130 a1 0.7 0.028 b 1.39 1.65 0.055 0.065 b1 0.91 1.04 0.036 0.041 b 0.5 0.020 b1 0.38 0.5 0.015 0.020 d 9.8 0.386 e 8.8 0.346 e 2.54 0.100 e3 7.62 0.300 e4 7.62 0.300 f 7.1 0.280 i 4.8 0.189 l 3.3 0.130 z 0.44 1.6 0.017 0.063 plastic dip-8 mechanical data p001f
package mechanical data mc4558 8/11 doc id 2181 rev 3 figure 9. so-8 package dim. mm. inch min. typ max. min. typ. max. a 1.35 1.75 0.053 0.069 a1 0.10 0.25 0.04 0.010 a2 1.10 1.65 0.043 0.065 b 0.33 0.51 0.013 0.020 c 0.19 0.25 0.007 0.010 d 4.80 5.00 0.189 0.197 e 3.80 4.00 0.150 0.157 e 1.27 0.050 h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.020 l 0.40 1.27 0.016 0.050 k ? (max.) ddd 0.1 0.04 so-8 mechanical data 0016023/c 8
mc4558 package mechanical data doc id 2181 rev 3 9/11 figure 10. tssop8 package dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.006 a2 0.80 1.00 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.008 d 2.90 3.00 3.10 0.114 0.118 0.122 e 6.20 6.40 6.60 0.244 0.252 0.260 e1 4.30 4.40 4.50 0.169 0.173 0.177 e 0.65 0.0256 k0? 8?0? 8? l 0.45 0.60 0.75 0.018 0.024 0.030 l1 1 0.039 tssop8 mechanical data 0079397/d
revision history mc4558 10/11 doc id 2181 rev 3 5 revision history table 5. document revision history date revision changes oct-2001 1 initial release. oct-2005 2 the following changes were made in this revision: ? table 3.: operating conditions on page 2 updated with vcc min. and max. ? addition of supplementary data in table 2.: key parameters and their absolute maximum ratings on page 2 minor grammatical and formatting changes throughout. 13-apr-2012 3 ? esd mm changed from 500 v to 200 v in table 2: key parameters and their absolute maximum ratings ? order codes mc4558in and mc4558ipt removed from table 1.: device summary ? minor text and formatting changes throughout.
mc4558 doc id 2181 rev 3 11/11 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2012 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of MC4558CDCDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X