Part Number Hot Search : 
TRRPB SBE818 2009ETI C253J R2010 UHE1A472 U1504 LC72131
Product Description
Full Text Search
 

To Download LMBTA06UT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio com p an y , ltd. lmbta05ut1g dual driver t ransistors maximum r a tings rating symbol lmb t a0 5 lmb t a0 6 unit collector?emitter v oltage v ceo 60 80 vdc collector?base v oltage v cbo 60 80 vdc emitter?base v oltage v ebo 4.0 vd c collector current ? continuous i c 50 0 madc thermal characteristics characteristic symbol ma x unit t otal device dissipation fr? 5 board, (1) p d 225 m w t a = 25c derate above 25c 1. 8 mw/c thermal resistance, junction to ambient r ja 55 6 c/w t otal device dissipation p d 300 m w alumina substrate, (2) t a = 25c derate above 25c 2. 4 mw/c thermal resistance, junction to ambient r ja 41 7 c/w junction and storage t emperature t j , t stg ?55 to +150 c device marking lmb t a05 u t1g = 3h, LMBTA06UT1G = 3gm; electrical characteristics ( t a = 25c unless otherwise noted.) characteristic symbol mi n ma x unit off characteristics collector?emitter breakdown v oltage(3) v (br)ceo vdc (i c = 1.0 madc, i b = 0) lmb t a05 60 ? lmb t a06 80 ? emitter?base breakdown v oltage v (br)ebo 4.0 ? vd c (i e = 100 adc, i c = 0) collector cuto f f current i ces ? 0.1 adc ( v ce = 60vdc, i b = 0) emitter cuto f f current i cbo adc ( v cb = 60vdc, i e = 0) lmb t a05 ? 0.1 ( v cb = 80vdc, i e = 0) lmb t a06 ? 0.1 1. fr?5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. 3. pulse test: pulse width < 300 s, duty cycle < 2.0%. value ? features LMBTA06UT1G we declare that the material of product compliance with rohs requirements. npn/pnp duals sc-74 6 54 3 2 1 c1 b2 e2 c2 b1 e1 tr1 tr2 rev.o 1/3
leshan radio com p an y , ltd. lmb t a05 u t1g LMBTA06UT1G electrical characteristics (t a = 25c unless otherwise noted) (continued) characteristic symbol min max unit on characteristics dc current gain h fe ?? (i c = 10 madc, v ce = 1.0 vdc) 100 ? (i c = 100 madc, v ce = 1.0 vdc) 100 ? collector?emitter saturation voltage v ce(sat) vdc (i c = 100 madc, i b = 10 madc) ? 0.25 base?emitter on voltage v be(sat) vdc (i c = 100 madc, v ce = 1.0 vdc) ? 1.2 small?signal characteristics current ?gain ? bandwidth product(4) f t 100 ? mhz (v ce = 2.0 v, i c = 10ma, f = 100 mhz) 4. f t is defined as the frequency at which |h f e | extrapolates to unity. ordering information lmbta05ut1g marking shipping device LMBTA06UT1G 3gm 3000/tape & reel 3000/tape & reel 3h rev.o 2/3
mm inches leshan radio company, ltd. 0.03 1 0. 8 lmb t a05 u t1g LMBTA06UT1G sc?74 23 4 5 6 d 1 e b e a1 a 0.05 (0.002) c l h e dim a min nom max min millimeters 0.90 1.00 1.10 0.035 inches a1 0.01 0.06 0.10 0.001 b 0.25 0.37 0.50 0.010 c 0.10 0.18 0.26 0.004 d 2.90 3.00 3.10 0.114 e 1.30 1.50 1.70 0.051 e 0.85 0.95 1.05 0.034 0.20 0.40 0.60 0.008 0.039 0.043 0.002 0.004 0.015 0.020 0.007 0.010 0.118 0.122 0.059 0.067 0.037 0.041 0.016 0.024 nom max 2.50 2.75 3.00 0.099 0.108 0.118 h e ? ? l 0 10 0 10   0.7 0.028 1.9 0.074 0.95 0.037 2.4 0.094 1.0 0.039 0.95 0.037  mm inches  scale 10:1 rev.o 3/3


▲Up To Search▲   

 
Price & Availability of LMBTA06UT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X