Part Number Hot Search : 
KB826AB 2G102K ENA0342A 2SB806 VCO3072 015477 88E1543 BPJR04
Product Description
Full Text Search
 

To Download LMBTA05WT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio com p an y , ltd. LMBTA05WT1G driver t ransistors maximum r a tings rating symbol lmb t a0 5 lmb t a0 6 unit collector?emitter v oltage v ceo 60 80 vdc collector?base v oltage v cbo 60 80 vdc emitter?base v oltage v ebo 4.0 vd c collector current ? continuous i c 50 0 madc thermal characteristics characteristic symbol ma x unit t otal device dissipation fr? 5 board, (1) p d 150 m w t a = 25c derate above 25c 1. 2 mw/c thermal resistance, junction to ambient r ja 83 3 c/w t otal device dissipation p d 200 m w alumina substrate, (2) t a = 25c derate above 25c 1. 6 mw/c thermal resistance, junction to ambient r ja 62 5 c/w junction and storage t emperature t j , t stg ?55 to +150 c device marking lmb t a05 w t1g = 1h, lmbta06wt1g = 1gm; electrical characteristics ( t a = 25c unless otherwise noted.) characteristic symbol mi n ma x unit off characteristics collector?emitter breakdown v oltage(3) v (br)ceo vdc (i c = 1.0 madc, i b = 0) lmb t a05 60 ? lmb t a06 80 ? emitter?base breakdown v oltage v (br)ebo 4.0 ? vd c (i e = 100 adc, i c = 0) collector cuto f f current i ces ? 0.1 adc ( v ce = 60vdc, i b = 0) emitter cuto f f current i cbo adc ( v cb = 60vdc, i e = 0) lmb t a05 ? 0.1 ( v cb = 80vdc, i e = 0) lmb t a06 ? 0.1 1. fr?5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. 3. pulse test: pulse width < 300 s, duty cycle < 2.0%. value 2 emitter 3 collector 1 base ? features lmbta06wt1g we declare that the material of product compliance with rohs requirements. 1 2 3 sot?323 / sc ? 70 rev.o 1/3
leshan radio com p an y , ltd. lmb t a05 w t1g lmbta06wt1g electrical characteristics (t a = 25c unless otherwise noted) (continued) characteristic symbol min max unit on characteristics dc current gain h fe ?? (i c = 10 madc, v ce = 1.0 vdc) 100 ? (i c = 100 madc, v ce = 1.0 vdc) 100 ? collector?emitter saturation voltage v ce(sat) vdc (i c = 100 madc, i b = 10 madc) ? 0.25 base?emitter on voltage v be(sat) vdc (i c = 100 madc, v ce = 1.0 vdc) ? 1.2 small?signal characteristics current ?gain ? bandwidth product(4) f t 100 ? mhz (v ce = 2.0 v, i c = 10ma, f = 100 mhz) 4. f t is defined as the frequency at which |h f e | extrapolates to unity. ordering information LMBTA05WT1G marking shipping device lmbta06wt1g 1gm 3000/tape & reel 3000/tape & reel 1h lmbta05wt3g lmbta06wt3g 1h 1gm 10000/tape & reel 10000/tape & reel rev.o 2/3
leshan radio company, ltd. lmb t a05 w t1g lmbta06wt1g sc - 70 a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028  mm inches  scale 10:1 xx m xx = specific device code m = date code  = pb?free package generic marking diagram *this information is generic. please refer to device data sheet for actual part marking. pb?free indicator, ago or microdot a  o, may or may not be present. 1 soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.7 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.425 ref 0.028 ref 0.026 bsc 0.017 ref rev.o 3/3


▲Up To Search▲   

 
Price & Availability of LMBTA05WT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X