Part Number Hot Search : 
GL310 001M0 XN04401 NSPB310B UA79MG BCM43 240NSR40 001M0
Product Description
Full Text Search
 

To Download LINK002M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  littelfuse.com ? 2013 littelfuse powr-gard ? products powr-gard ? blocks and holders datasheet rev: 010413 1 of 1 specifcations voltage rating ac: 100 C 600 v dc: 140 C 600 v amperage 30 a max sccr 200 ka ac (class cc) 20 ka dc 100 ka (klk midget) terminal type pressure plate terminal torque 17.7 in-lbs wire range #8C#14 cu stranded #10C#14 cu solid flammability rating ul94 v-0 approvals class cc: ul listed (file: e14721) midget: ul recognized (file: e14721) csa certifed (file: lr 7316) remote indicating circuit output (open fuse) open collector max current sink 25 ma (28 vdc max) terminals push in wire range #16C#24 cu solid/stranded suggested insulation strip length 8 mm (0.31 in) ordering information quick-link daisy chain connector littelfuse quick-link daisy chain connectors provide optimal utilization of multiple up-link remote indicating fuse holders when integrated with a plc. these products are used to daisy chain multiple up-link units together and reduce the number of plc i/o ports required. ordering information d 1 q 1 + - s 1 f 1 q 1 / l e d up-link functional schematic up-link logic f 1 s 1 load up-link tm module 100-600 vac/dc off off off on 3 3v #1 6 ? #24 awg + - + - plc 77.7 [3.06] 17.8 [0.70] voltage source 28 vdc max up-link interface 83.0 [3.27] 8.00 [0.31] up-link ? remote indication fuse holder 600 v description the littelfuse up-link remote indicating fuse holder can be easily integrated with a plc to offer remote notifcation when a fuse has opened. accompanied with local led indication, this reduces downtime by allowing instant communication and helping plant and maintenance personnel to quickly fx the problem. features/benefts ? cost effective solution for remote blown-fuse indication ? easily integrates with an existing plc or system ? utilizes reliable solid state circuitry ? meets stringent iec and ul touch-safe standards to improve worker safety web resources training videos, downloadable cad drawings, industry downtime reports and other technical information: www.littelfuse.com/up-link recommended fuses class cc and midget-style (10 x 38 mm) dimensions mm (inches) poles type ordering number 3 base qlink3b.z 9 extender qlink9e.z poles part number ordering number class cc 1 link001c link001c.z 2 link002c link002c.z 3 link003c link003c.z midget 10 x 38 mm 1 link001m link001m.z 2 LINK002M LINK002M.z 3 link003m link003m.z


▲Up To Search▲   

 
Price & Availability of LINK002M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X