Part Number Hot Search : 
SEN6A40 MT91610 W005M BB1110B SDN8000G DS1385 00152 ITR20004
Product Description
Full Text Search
 

To Download LBC807-40DMT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual general purpose transistors maximum ratings rating symbol v alue unit collector?emitter voltage v ceo 45 v collector?base voltage v cbo 50 v emitter?base voltage v ebo 5.0 v collector current ? continuous i c 500 madc thermal characteristics characteristic symbol max unit total device dissipation fr? 5 board, (1) p d t a = 25c 370 mw derate above 25c 3.0 mw/c thermal resistance, junction to ambient r ja 333 c/w total device dissipation p d alumina substrate, (2) t a = 25c 600 mw derate above 25c 4.8 mw/c thermal resistance, junction to ambient r ja 208 c/w junction and storage temperature t j , t stg ?55 to +150 c device marking lbc807?16 dmt1g = 5a; lbc807?25 dmt1g = 5b; lbc807?40 dmt1g = 5c electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol min typ max unit off characteristics collector?emitter breakdown voltage (i c = ?10 ma) v (br)ceo 45 ? ? v collector?emitter breakdown voltage (v eb = 0, i c = ?10 a) v (br)ces 50 ? ? v emitter?base breakdown voltage (i e = ?1.0 a) v (br)ebo 5.0 ? ? v collector cutoff current i cbo (v cb = 20 v) ? ? 100 na (v cb = 20 v, t a = 150c) ? ? 5.0 a 1. fr?5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. lbc807-16 dmt 1g lbc807-25 dmt 1g lbc807-40 dmt 1g ? leshan radio company, ltd. we declare that the material of product compliance with rohs requirements. pnp duals sc-74 1 3 2 6 4 5 q 2 q 1 rev.o 1/3
electrical characteristics (t a = 25c unless otherwise noted) (continued) characteristic symbol min typ max unit on characteristics dc current gain h fe (i c = 100 ma, v ce = 1.0 v) l bc807?16 10 0 ? 25 0 lbc807?25 16 0 ? 40 0 lbc807?40 25 0 ? 60 0 (i c = 500 ma, v ce = 1.0 v) 40 ? ? collector?emitter saturation voltage v ce(sat) ? ? 0.7 v (i c = 500 ma, i b = 50 ma) base?emitter on voltage v be(on) ? ? 1.2 v ( i c = 500 ma, v ce = 1.0 v) small?signal characteristics current?gain ? bandwidth product f t 100 ? ? mhz ( i c = 10 ma, v ce = 5.0 v dc , f = 100 mhz) output capacitance c obo ?10 ?pf (v cb = 10 v, f = 1.0 mhz) lbc807-16 dmt 1g l bc807-25 dmt 1g l bc807-40 dmt 1g leshan radio company, ltd. rev.o 2/3
leshan radio company, ltd. lbc807-16 dmt 1g l bc807-25 dmt 1g l bc807-40 dmt 1g sc?74 23 4 5 6 d 1 e b e a1 a 0.05 (0.002) c l h e dim a min nom max min millimeters 0.90 1.00 1.10 0.035 inches a1 0.01 0.06 0.10 0.001 b 0.25 0.37 0.50 0.010 c 0.10 0.18 0.26 0.004 d 2.90 3.00 3.10 0.114 e 1.30 1.50 1.70 0.051 e 0.85 0.95 1.05 0.034 0.20 0.40 0.60 0.008 0.039 0.043 0.002 0.004 0.015 0.020 0.007 0.010 0.118 0.122 0.059 0.067 0.037 0.041 0.016 0.024 nom max 2.50 2.75 3.00 0.099 0.108 0.118 h e ? ? l 0 10 0 10   0.7 0.028 1.9 0.074 0.95 0.037 2.4 0.094 1.0 0.039 0.95 0.037  mm inches  scale 10:1 rev.o 3/3


▲Up To Search▲   

 
Price & Availability of LBC807-40DMT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X