Part Number Hot Search : 
GLZ12B 1N4420 M3302A 1SV266 A57HR D4132 E1010 HMCS44C
Product Description
Full Text Search
 

To Download KBP151G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) kbp .460(11.68) .420(10.6) .160(4.1) .140(3.6) .153(3.9) .146(3.7) .050(1.27) .5 min (12.7) spacing ac .035(0.9) .028(0.7) .600(15.24) .560(14.22) features  glass passivated junction  ideal for printed circuit board  reliable low cost construction  high surge current capability  high temperature soldering guaranteed: 260 o c / 10 seconds at 5 lbs., ( 2.3 kg ) tension  small size, simple installation maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol kbp 151g kbp 152g kbp 153g kbp 154g kbp 155g kbp 156g kbp 157g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t a = 50 o c i (av) 1.5 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 50 a maximum instantaneous forward voltage @ 1.5a v f 1.1 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 10 500 ua ua typical thermal resistance (note) r ja r jl 40 13 o c/w operating temperature range t j -55 to +150 o c storage temperature range t stg -55 to +150 o c note: thermal resistance from junction to ambient and from junction to lead mounted on p.c.b. with 0.4? x 0.4? ( 10mm x 10mm ) co pp er pads. KBP151G-kbp157g single phase 1.5amp. glass passivatec bridge rectifiers http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (KBP151G thru kbp157g) fig.2- typical reverse characteristics 0 20 40 60 80 100 120 140 0.1 1 10 100 percent of rated peak reverse voltage. (%) tj=125 c 0 tj=25 c 0 fig.3- maximum non-repetitive forward surge current per bridge element peak forward surge current. (a) 10 246 1 40 60 20 100 10 0 20 30 50 60 40 number of cycles at 60hz fig.1- maximum forward current derating curve average forward current. (a) 20 40 60 80 100 120 140 150 0 2.0 1.5 1.0 0.5 ambient temperature. ( c) o instantaneous reverse current .( a) fig.5- typical forward per bridge element characteristics instantaneous forward current. (a) 0.6 0.7 0.90.8 1.0 1.3 1.1 1.2 1.4 0.01 0.1 1 10 instantaneous forward voltage. (v) tj=25 c pulse width-300 s 1% duty cycle 0 version: a06 fig.4- typical junction capacitance 1 2 5 10 20 800 100 1000 600 500 400 300 200 100 0 reverse voltage. (v) 200 500 junction capacitance.(pf) tj=25 c 0 50 0.1 0.5 KBP151G-kbp157g single phase 1.5amp. glass passivatec bridge rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of KBP151G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X