Part Number Hot Search : 
SA26107 BC738 FS0802XD C6093 MAX8887 6736X 18R153 UR101
Product Description
Full Text Search
 

To Download IRGP4650D-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
        


 
 















  to-247ac irgp4650dpbf to-247ad IRGP4650D-Ep g c e c g c e c e g n-channel c gc e gate collector emitter applications ? industrial motor drive ? inverters ? ups ? welding v ces = 600v i c = 50a, t c = 100c t sc ?? 5 s, t j(max) = 175c v ce(on) typ. = 1.60v @ i c = 35a form quantity irgp4650dpbf to-247ac tube 25 irgp4650dpbf IRGP4650D-Epbf to-247ad tube 25 IRGP4650D-Epbf base part number package type standard pack orderable part number features benefits low v ce(on) and switching losses high efficiency in a wide range of applications and switching frequencies square rbsoa and maximum junction temperature 175c improved reliability due to rugged hard switching performance and higher power capability positive v ce (on) temperature coefficient excellent current sharing in parallel operation 5 s short circuit soa enables short circuit protection scheme lead-free, rohs compliant environmentally friendly absolute maximum ratings parameter max. units v ces collector-to-emitter voltage 600 v i c @ t c = 25c continuous collector current 76 i c @ t c = 100c continuous collector current 50 i cm pulse collector current, v ge = 15v 105 a i lm clamped inductive load current, v ge = 20v  140 i f @ t c = 25c diode continous forward current 76 i f @ t c = 100c diode continous forward current 50 i fm diode maximum forward current 140 v ge continuous gate-to-emitter voltage 20 v transient gate-to-emitter voltage 30 p d @ t c = 25c maximum power dissipation 268 w p d @ t c = 100c maximum power dissipation 134 t j operating junction and -55 to +175 t stg storage temperature range c soldering temperature, for 10 sec. 300 (0.063 in. (1.6mm) from case) mounting torque, 6-32 or m3 screw 10 lbfin (1.1 nm) th e rm a l re si sta n ce parameter min. typ. max. units r ?  ??? ??? 0.56 c/w r ?  ??? ??? 1.0 r ? cs case-to-sink (flat, greased surface) ??? 0.24 ??? r ? ja junction-to-ambient (typical socket mount) ??? ??? 40
















 
 
 notes:  v cc = 80% (v ces ), v ge = 20v, l = 19 h, r g = 10 ? .  pulse width limited by max. junction temperature.  refer to an-1086 for guidelines for measuring v (br)ces safely.  r ?? is measured at t j of approximately 90c. electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br)ces collector-to-e mitter b reakdow n vol tage 600 ? ? v v ge = 0v, i c = 100 a ? v (br)ce s / ? t j t emper atur e coef f . of b r eak down vol tage ?1.3?mv/cv ge = 0v, i c = 1ma (25c-175c) ?1.601.90 i c = 35a, v ge = 15v, t j = 25c  v ce(on) collector-to-emitter saturation voltage ? 1.90 ? v i c = 35a, v ge = 15v, t j = 150c  ?2.00? i c = 35a, v ge = 15v, t j = 175c  v ge (t h) gate threshold voltage 4.0 ? 6.5 v v ce = v ge , i c = 1.0ma ? v ge ( t h ) / ? tj threshold voltage temp. coefficient ? -18 ? mv/c v ce = v ge , i c = 1.0ma (25c - 175c) gfe forward transconductance ? 25 ? s v ce = 50v, i c = 35a, pw = 60 s i ces collector-to-emitter leakage current ? 1.0 70 av ge = 0v, v ce = 600v ? 770 ? v ge = 0v, v ce = 600v, t j = 175c v fm diode forward voltage drop ? 2.0 3.0 v i f = 35a ?1.4? i f = 35a, t j = 175c i ge s gate-to-emitter leakage current ? ? 100 na v ge = 20v switching characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units q g total gate charge (turn-on) ? 69 104 i c = 35a q ge gate-to-emitter charge (turn-on) ? 18 27 nc v ge = 15v q gc gate-to-collector charge (turn-on) ? 29 44 v cc = 400v e on turn-on switching loss ? 390 508 i c = 35a, v cc = 400v, v ge = 15v e off turn-off switching loss ? 632 753 jr g = 10 ? , l = 200 h, l s = 150nh, t j = 25c e total total switching loss ? 1022 1261 e nergy los s es include tail & diode revers e recovery t d(on) turn-on delay time ? 46 56 i c = 35a, v cc = 400v, v ge = 15v t r rise time ? 33 42 ns r g = 10 ? , l = 200 h, l s = 150nh, t j = 25c t d(off) turn-off delay time ? 105 117 t f fall time ? 44 54 e on turn-on switching loss ? 1013 ? i c = 35a, v cc = 400v, v ge =15v e off turn-off switching loss ? 929 ? jr g =10 ? , l=200 h, l s =150nh, t j = 175c e total total switching loss ? 1942 ? e nergy los s es include tail & diode revers e recovery t d(on) turn-on delay time ? 43 ? i c = 35a, v cc = 400v, v ge = 15v t r rise time ? 35 ? ns r g = 10 ? , l = 200 h, l s = 150nh t d(off) turn-off delay time ? 127 ? t j = 175c t f fall time ? 61 ? c ies input capacitance ? 2113 ? pf v ge = 0v c oes output capacitance ? 197 ? v cc = 30v c res reverse transfer capacitance ? 65 ? f = 1.0mhz t j = 175c, i c = 140a rbsoa reverse bias safe operating area full square v cc = 480v, vp 600v rg = 10 ? , v ge = +20v to 0v scsoa short circuit safe operating area 5 ? ? sv cc = 400v, vp 600v rg = 10 ? , v ge = +15v to 0v erec reverse recovery energy of the diode ? 304 ? jt j = 175c t rr diode reverse recovery time ? 120 ? ns v cc = 400v, i f = 35a i rr peak reverse recovery current ? 25 ? a v ge = 15v, rg = 10 ? , l =210 h, l s = 150nh conditions
















  
 
 fig. 1 - maximum dc collector current vs. case temperature fig. 2 - power dissipation vs. case temperature fig. 3 - forward soa t c = 25c, t j ?? 175c; v ge =15v fig. 4 - reverse bias soa t j = 175c; v ge =20v fig. 5 - typ. igbt output characteristics t j = -40c; tp = ? 60 s fig. 6 - typ. igbt output characteristics t j = 25c; tp = ? 60 s 25 50 75 100 125 150 175 t c (c) 0 10 20 30 40 50 60 70 80 i c ( a ) 25 50 75 100 125 150 175 t c (c) 0 50 100 150 200 250 300 p t o t ( w ) 10 100 1000 v ce (v) 1 10 100 1000 i c ( a ) 0 2 4 6 8 10 v ce (v) 0 20 40 60 80 100 120 140 i c e ( a ) v ge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v 0 2 4 6 8 10 v ce (v) 0 20 40 60 80 100 120 140 i c e ( a ) v ge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v 1 10 100 1000 v ce (v) 0.1 1 10 100 1000 i c ( a ) 10 sec 100 sec tc = 25c tj = 175c single pulse dc 1msec
















  
 
 fig. 7 - typ. igbt output characteristics t j = 175c; tp = ? 60 s fig. 8 - typ. diode forward characteristics tp = 80 s fig. 10 - typical v ce vs. v ge t j = 25c fig. 11 - typical v ce vs. v ge t j = 175c fig. 12 - typ. transfer characteristics v ce = 50v; tp = 60 s fig. 9 - typical v ce vs. v ge t j = -40c 0 2 4 6 8 10 v ce (v) 0 20 40 60 80 100 120 140 i c e ( a ) v ge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v 0.0 1.0 2.0 3.0 4.0 v f (v) 0 20 40 60 80 100 120 140 i f ( a ) -40c 25c 175c 5 101520 v ge (v) 0 2 4 6 8 10 12 14 16 18 20 v c e ( v ) i ce = 18a i ce = 35a i ce = 70a 5 101520 v ge (v) 0 2 4 6 8 10 12 14 16 18 20 v c e ( v ) i ce = 18a i ce = 35a i ce = 70a 5101520 v ge (v) 0 2 4 6 8 10 12 14 16 18 20 v c e ( v ) i ce = 18a i ce = 35a i ce = 70a 4 5 6 7 8 9 10 11 12 13 14 v ge, gate-to-emitter voltage (v) 0 20 40 60 80 100 120 140 i c , c o l l e c t o r - t o - e m i t t e r c u r r e n t ( a ) t j = 175c t j = 25c
















  
 
 fig. 13 - typ. energy loss vs. i c t j = 175c; l = 200 h; v ce = 400v, r g = 10 ? ; v ge = 15v fig. 14 - typ. switching time vs. i c t j = 175c; l = 200 h; v ce = 400v, r g = 10 ? ; v ge = 15v fig. 15 - typ. energy loss vs. r g t j = 175c; l = 210 h; v ce = 400v, i ce = 35a; v ge = 15v fig. 16 - typ. switching time vs. r g t j = 175c; l = 210 h; v ce = 400v, i ce = 35a; v ge = 15v fig. 17 - typ. diode i rr vs. i f t j = 175c fig. 18 - typ. diode i rr vs. r g t j = 175c 0 10203040506070 i c (a) 0 500 1000 1500 2000 2500 3000 3500 4000 e n e r g y ( j ) e off e on 0 10 20 30 40 50 60 70 i c (a) 10 100 1000 s w i c h i n g t i m e ( n s ) t r td off t f td on 0 255075100 rg ( ? ) 500 1000 1500 2000 2500 3000 e n e r g y ( j ) e off e on 0 10 20 30 40 50 r g ( ? ) 10 100 1000 s w i c h i n g t i m e ( n s ) t r td off t f td on 10 20 30 40 50 60 70 i f (a) 10 15 20 25 30 35 i r r ( a ) r g = 100 ? r g = 10 ? r g = 2 2 ? r g = 47 ? 0 20 40 60 80 100 r g ( ?? 14 16 18 20 22 24 26 i r r ( a )
















  
 
 fig. 19 - typ. diode i rr vs. di f /dt v cc = 400v; v ge = 15v; i f = 35a; t j = 175c fig. 20 - typ. diode q rr vs. di f /dt v cc = 400v; v ge = 15v; t j = 175c fig. 23 - typ. capacitance vs. v ce v ge = 0v; f = 1mhz fig. 24 - typical gate charge vs. v ge i ce = 35a; l = 740 h fig. 21 - typ. diode e rr vs. i f t j = 175c fig. 22 - v ge vs. short circuit time v cc = 400v; t c = 25c 0 100 200 300 400 500 v ce (v) 10 100 1000 10000 c a p a c i t a n c e ( p f ) cies coes cres 0 10203040506070 q g , total gate charge (nc) 0 2 4 6 8 10 12 14 16 v g e , g a t e - t o - e m i t t e r v o l t a g e ( v ) v ces = 400v v ces = 300v 200 300 400 500 600 700 di f /dt (a/ s) 14 16 18 20 22 24 26 i r r ( a ) 10 20 30 40 50 60 70 i f (a) 100 150 200 250 300 350 400 e n e r g y ( j ) r g = 100 ? r g = 47 ? r g = 22 ? r g = 10 ? 8 1012141618 v ge (v) 0 5 10 15 20 t i m e ( s ) 0 75 150 225 300 c u r r e n t ( a ) t sc i sc 100 200 300 400 500 600 700 800 900 di f /dt (a/ s) 1000 1250 1500 1750 2000 2250 2500 q r r ( n c ) 10 ? 22 ? 100 ? 47 ? 35a 70a 18a
















  
 
 fig. 26. maximum transient thermal impedance, junction-to-case (diode) fig 25. maximum transient thermal impedance, junction-to-case (igbt) 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc ? j ? j ? 1 ? 1 ? 2 ? 2 ? 3 ? 3 r 1 r 1 r 2 r 2 r 3 r 3 ci i ? ri ci= ? i ? ri ? ? c ? 4 ? 4 r 4 r 4 ri (c/w) ?? i (sec) 0.01041 0.000006 0.15911 0.000142 0.23643 0.002035 0.15465 0.013806 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.0001 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc ? j ? j ? 1 ? 1 ? 2 ? 2 ? 3 ? 3 r 1 r 1 r 2 r 2 r 3 r 3 ci i ? ri ci= ? i ? ri ? ? c ? 4 ? 4 r 4 r 4 ri (c/w) ?? i (sec) 0.01716 0.000031 0.35875 0.000517 0.41334 0.004192 0.20121 0.024392
















  
 
 fig.c.t.1 - gate charge circuit (turn-off) fig.c.t.2 - rbsoa circuit 0 1k vcc dut l l rg 80 v dut vcc + - fig.c.t.5 - resistive load circuit rg vcc dut r = vcc icm g force c sens e 100k dut 0.0075 f d1 22k e force c force e sense fig.c.t.6 - bvces filter circuit fig.c.t.3 - s.c. soa circuit dc 4x dut vcc scsoa fig.c.t.4 - switching loss circuit l rg vcc dut / driver diode clamp / dut -5v
















 
 
 fig. wf3 - typ. diode recovery waveform @ t j = 175c using fig. ct.4 fig. wf4 - typ. s.c. waveform @ t j = 25c using fig. ct.3 -100 0 100 200 300 400 500 600 6.4 6.6 6.8 7 7.2 time (s) v ce (v) -10 0 10 20 30 40 50 60 i ce (a) test current 90% test current 5% v ce 10% test current tr eon loss -100 0 100 200 300 400 500 600 -0.5 0 0.5 1 1.5 2 time(s) v ce (v) -10 0 10 20 30 40 50 60 i ce (a) 90% i ce 5% v ce 5% i ce eof f lo s s tf fig. wf1 - typ. turn-off loss waveform @ t j = 175c using fig. ct.4 fig. wf2 - typ. turn-on loss waveform @ t j = 175c using fig. ct.4 -100 0 100 200 300 400 500 600 700 -4.5 0.5 5.5 10.5 time (us) vce (v) -50 0 50 100 150 200 250 300 350 i ce (a) vce ice -30 -20 -10 0 10 20 30 40 -0.3 -0.2 -0.1 0 0.1 0.2 time (s) v f (v) peak i rr t rr q rr 10% pe a k irr
















  
 
 

 
   
 
 
          
 
                 !"#! $%&'  
  !! 
 $$&'(  )*!! +,-.-/) ) 0* $  &   
'1'2 to-247ac package is not recommended for surface mount application.  
          
     
















  
 
 
 
 
          
          
       

   
         

      !    "     #           $%&  '( )**&+,-. -'(& /$*'%'$( '(0'1)%&* &)0#2&& 

 
   to-247ad package is not recommended for surface mount application.
















  
 
 ? qualification standards can be found at international rectifier?s web site: http://www.irf.com/product-info/reliability ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ qualification information ? moisture sensitivity level to-247ac n/a to-247ad n/a rohs compliant yes qualification level industrial (per international rectifier?s internal guidelines)


▲Up To Search▲   

 
Price & Availability of IRGP4650D-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X