Part Number Hot Search : 
MCP618 BYT85 F10U60DN CM12MB 120ZI ADP3031 2SC3930 MC68HC9
Product Description
Full Text Search
 

To Download EDG0308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  when small size & low power matter key features utilizes leading-edge gsm/gprs/edge silicon ? solutions from texas instruments bga and multi pin connector forms ? supports essential features ? - voice - sms - circuit-switched data - packet data class 10 www.enfora.com enabler ? iii gs m/gprs /edge quad-band oem module the enabler iii is a certifed quad-band oem module family that packs complete gsm/gprs/edge functionality into a compact footprint. the embedded software environment enables development of essential capabilitiesmobile connectivity, device intelligence and location awareby utilizing the built-in program rules engine, network router and control and automation capabilities. with power consumption of <2.5ma the enabler iii signifcantly enhances longer battery life. to accelerate deployment, use enforas services gateway to quickly build links from your asset-tracking devices to your existing enterprise applications and services. the services gateway provides a complete view of your devices, enabling proactive asset management. it also supports popular enterprise software such as ms sql server, mysql and oracle. - tcp/ip software stack - udp (pad) - utilize enforas services gateway to quickly link to existing applications & services (actual size)
enable r iiig dual-ban d enable r iiig qua d-band enabler iiig-bga qua d-band model number gsm0306 gsm0308 gsm0408 characteristics dimensions weight rf connector main connector 28 x 27 x 2.5 mm <3.6 g board-to-board compressor molex 0.4 mm slim stack (1.5 mm matting height) 28 x 27 x 2.5 mm <4.2 g w/ sim carrier /<3.6 g w/o sim carrier mcd coaxial or board-to-board compressor molex 0.4 mm slim stack (1.5 mm mating height) 28 x 24 x 3.0* mm *nominal thickness (includes bga ball) before refow < 3.6 g 167 pin bga (includes rf) radio performance frequency (mhz) sensitivity transmit power 900/1800 C106 dbm (typical) class 4 (2w@850/900 mhz) class 1 (1w@1800/1900 mhz) 850/900/1800/1900 C106 dbm (typical) class 4 (2w@850/900 mhz) class 1 (1w@1800/1900 mhz) gpr s packet d ata mode protocol coding schemes packet channel class b, multislot 10 gsm/gprs rel 97, amr rel 99 cs1-cs4 pbcch/pccch gsm functionality voice cs data gsm sms fr, efr, hr & amr asynchronous; transparent and non-transparent up to 14.4 kb text, pdu, mo/mt, cell broadcast sim access remote sim optional integrated sim carrier 1.8/3v sim yes 1.8/3v sim no in terface host protocols internal protocols api control/status physical interface peripheral interface at commands, udp api, cmux, ppp ppp, udp api, tcp api, udp and tcp (pad) at commands, udp api, tcp api, at commands over sms uart, usb 8 programmable i/o (expandable to 20), 1 analog input, 3 audio (1 digital audio) at commands, udp api, cmux, ppp ppp, udp api, tcp api, udp and tcp (pad) at commands, udp api, tcp api, at commands over sms uart, usb up to 20 programmable i/o (includes keypad), 3 analog input, 4 audio (2 digital audio) plus speaker, 2 lcd, camera, battery charger environment operating compliant storage humidity C30oc to 85oc C20oc to 60oc C40oc to 85oc up to 95% non-condensing power dc voltage gsm operating power (typical) 3.3 to 4.5 v band mode a vg (ma) peak a gsm 850/900 1tx/1rx 250 1.6 gsm1800/1900 1tx/1rx 215 1.3 idle <2.5 drx 5 sleep 600 a certifi c ations fcc gcf ptcrb ce mark industry canada rohs compliant n/a version 3.27.0 n/a yes n/a yes parts 15, 22 & 24 version 3.27.0 version 3.12.0 yes yes yes part nu mbers without sim carrier with sim carrier gsm0306-10 (b2b rf) gsm0306-70 (micro coaxial) gsm0306-11 (b2b rf) gsm0306-71 (micro coaxial) gsm0308-10 (b2b rf) gsm0308-70 (micro coaxial) gsm0308-11 (b2b rf) gsm0308-71 (micro coaxial) gsm0408-40
enable r iiie qu ad-band enabl e r iiie- b g a qu ad-band model number EDG0308 edg0408 characteristics dimensions weight rf connector main connector 34 x 28 x 2.5 mm < 5.6 g w/ sim carrier/ < 4.7g w/o sim carrier board-to-board compressor or mcd coaxial molex 0.4 mm slim stack (1.5 mm matting height) 33 x 28 x 3.3* mm *nominal thickness (includes bga ball) before refow < 5.8 g 223 pin bga (includes rf) radio performance frequency (mhz) sensitivity transmit power 850/900/1800/1900 C106 dbm (typical) class 4 (2w@850/900 mhz) class 1 (1w@1800/1900 mhz) gprs packet d ata mode protocol coding schemes packet channel class b, multislot 10 gsm/gprs/edge/amr rel 99 cs1-cs4, mcs1-mcs9 pbcch/pccch gsm functionality voice cs data gsm sms fr, efr, hr & amr asynchronous; transparent and non-transparent up to 14.4 kb text, pdu, mo/mt, cell broadcast sim access remote sim optional integrated sim carrier 1.8/3v sim yes 1.8/3v sim no in terface host protocols internal protocols api control/status physical interface peripheral interface at commands, cmux, ppp ppp at commands serial 16550, usb 2.0 8 programmable i/o, 1 analog inputs 3 audio (1 digital audio) environment operating compliant storage humidity C30oc to 85oc C20oc to 60oc C40oc to 85oc up to 95% non-condensing power dc voltage gsm operating power (typical) 3.3 to 4.5 v band mode a vg (ma) peak a gsm 850/900 1tx/1rx 250 1.6 gsm 1800/1900 1tx/1rx 215 1.3 idle <2.5 drx 5 sleep 600 a certifi c ations fcc gcf ptcrb ce mark industry canada rohs compliant parts 15, 22 & 24 version 3.27.0 version 3.12.0 yes yes yes parts 15, 22 & 24 version 3.27.0 version 3.12.0 yes yes yes part nu mbers without sim carrier with sim carrier EDG0308-10 (b2b rf) EDG0308-70 (micro coaxial) EDG0308-11 (b2b rf) EDG0308-71 (micro coaxial) edg0408-40
specifcations subject to change. enfora, enable information anywhere are trademarks or registered trademarks of enfora, inc.


▲Up To Search▲   

 
Price & Availability of EDG0308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X