|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1 n-channel 30-v (d-s) mosfet features ? halogen-free ? trenchfet ? power mosfet ? o p timized for high-side synchronous rectifier operation ? 100 % r g tested ? 100 % uis tested applications ? notebook cpu core - high-side switch product summa ry v ds (v) r ds(on) ( ) i d (a) a q g (typ .) 30 0.007 at v gs = 10 v 15 6 .8 nc 0.009 at v gs = 4.5 v 13 so-8 sd sd sd gd 5 6 7 8 t op view 2 3 4 1 n-channel mosfet g d s notes: a. base on t c = 25 c. b. surface mounted on 1" x 1" fr4 board. c. t = 10 s. d. maximum under steady state conditions is 8 5 c/w. absolute maximum ratings t a = 25 c , unless otherwise noted paramet e r symbol limit u nit dr ain-source voltage v ds 30 v gate-source v o ltage v gs 20 continuous dr ain current (t j = 150 c) t c = 25 c i d 15 a t c = 70 c 12 t a = 25 c 11 b, c t a = 70 c 9 b, c pulsed drain cu rrent i dm 50 continuous source-dr ain diode current t c = 25 c i s 3.8 t a = 25 c 2.1 b, c single pulse avalanche current l = 0.1 mh i as 22 avalanche energ y e as 24 mj max im u m power dissipation t c = 25 c p d 4.5 w t c = 70 c 2.8 t a = 25 c 2.5 b, c t a = 70 c 1.6 b, c ope r ating j unction and storage temperature range t j , t stg - 55 to 150 c thermal resist ance rat i ngs pa rameter sym b ol typical maximum u nit maxim um junction-to-ambient b, d t 10 s r thja 38 50 c/w maximum junction-to-f oot (drain) steady state r thjf 22 28 www.din-tek.jp dt m44 20 b
2 note s : a. p ulse test; pulse width d 300 s, duty cycle d 2 %. b. guaranteed by design, not s ubject to production testing. stresses b e yond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications t j = 25 c , unless otherwise noted parame te r sy mbol test conditions min. typ. max. unit static drai n-source breakdo wn voltage v ds v gs = 0 v , i d = 2 50 a 30 v v ds temperature coefficient ' v ds /t j i d = 2 50 a 28 mv/c v gs(th) t emper ature coefficient ' v gs(t h) /t j - 6 gate-s ource thresho l d voltage v gs(th) v ds = v gs , i d = 250 a 1.2 2.5 v gate-s ource leakage i gss v ds = 0 v, v gs = 20 v 10 0 n a z ero gate voltage drain current i dss v ds = 30 v, v gs = 0 v 1 a v ds = 30 v, v gs = 0 v , t j = 55 c 10 on-state dr ain current a i d(on) v ds t 5 v, v gs = 10 v 20 a dra i n-source on-state resistance a r ds(on) v gs = 10 v, i d = 11 a 0.005 0.007 : v gs = 4.5 v, i d = 10 a 0.007 0.009 f orw ard transconductance a g fs v ds = 1 5 v , i d = 1 1 a 52 s dy nam i c b input capacitan ce c iss v ds = 15 v, v gs = 0 v, f = 1 mhz 820 pf output capacitance c oss 195 reverse t r ansfer capacitance c rss 73 total gate charge q g v ds = 15 v, v gs = 10 v, i d = 11 a 15 23 nc v ds = 15 v, v gs = 5 v, i d = 11 a 6.8 10.2 gate-s o urce charge q gs 2.5 gate-dra in charge q gd 2.3 gate re si stance r g f = 1 mhz 0.36 1.8 3 .6 : tu r n - o n d e l ay t i m e t d( on) v dd = 15 v, r l = 1.4 : i d # 9 a, v gen = 4.5 v, r g = 1 : 16 24 ns rise time t r 12 18 turn -off delay time t d(off) 16 24 fall time t f 10 20 tu r n - o n d e l ay t i m e t d(on) v dd = 15 v, r l = 1.4 : i d # 9 a, v gen = 10 v , r g = 1 : 816 rise time t r 10 20 tur n -off delay time t d(off) 16 24 fal l time t f 815 drain-so ur ce body diode characteristics continuous source-drain diode current i s t c = 25 c 25 a pulse diod e f orward current a i sm 50 body diode voltage v sd i s = 9 a 0.8 1.2 v body diode re verse recovery time t rr i f = 9 a, di/dt = 100 a/s , t j = 25 c 15 30 ns body diode reverse recovery charge q rr 612n c re verse recovery fall time t a 8 ns re verse reco v ery rise time t b 7 z z z g l q w h n m s ' 7 0 % 3 typica l c har ac teristics 25 c, unless otherwise noted output c h aracteristics on-resistance vs. drain current and gate voltage gate charge 0 10 20 30 40 50 0246 8 10 v gs =10th r u 4 v v gs =3 v v ds - drain - to -so u rce v oltage ( v ) - drain c u rrent (a) i d 0.005 0.007 0.009 0.011 0.013 0.015 0 102 03 04050 v gs =4.5 v v gs =10 v - on-r esistance ( ) r ds(on) i d - drain c u rrent (a) 0 2 4 6 8 10 04 8 12 16 v ds = 24 v i d = 11 a v ds =15 v - gate-t o -so u rce v oltage ( v ) q g - t otal gate charge (nc) v gs tra n sfer characteristics capacitance on-resistance vs. junction temperature 0 1 2 3 4 5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t c = 25 c t c = 125 c t c =- 55 c v gs - gate - to-so u rce v oltage ( v ) - drain c u rrent (a) i d c rss 0 300 600 900 1200 0 6 12 1 8 24 30 c iss c oss v ds - drain-to -so u rce v oltage ( v ) c - capacitance (pf) 0.6 0.9 1.2 1.5 1. 8 - 50 - 25 0 25 50 75 100 125 150 v gs =4.5 v v gs =1 0 v i d = 11 a t j -j u nction temperat u re (c) ( n ormalized) - on-r esistance r ds(on) www.din-tek.jp dt m44 20 b 4 ty pi cal ch ara cteristics 25 c, unless otherwise noted source-drain diode for ward voltage threshold voltage 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 1 0.01 0.001 0.1 10 100 t j = 150 c t j = 25 c v sd -so u rce - to-drain v oltage ( v ) - so u rce c u rrent (a) i s 1.0 1.2 1.4 1.6 1. 8 2.0 2.2 - 50 - 25 0 25 50 75 100 125 150 i d = 250 a ( v ) v gs(th) t j - t emperat u re (c) on-resistance vs. gate-to-so urce voltage single pulse power, junction-to-ambient 0.000 0.005 0.010 0.015 0.020 0.025 0.030 0246 8 10 t j =25 c t j = 125 c - on-r esistance ( ) r ds(on) v gs - gate - to-so u rce v oltage ( v ) 0 50 10 pow er (w) time (s) 20 1 100 600 10 10 -1 10 -2 10 -3 30 40 safe opera t ing area, junction-to-ambient 100 1 0.1 1 10 100 0.01 10 0.1 t a =25 c single p u lse 100 a 1s 10 s limited b yr ds(on) * b v dss limited 1ms 10 ms 100 ms dc v ds - drain- to -so u rce v oltage ( v ) * v gs > minim u m v gs at w hich r ds(on) is specified - drain c u rrent (a) i d www.din-tek.jp dt m44 20 b 5 typica l c har ac teristics 25 c, unless otherwise noted * t he power dissipat ion p d is based on t j(max ) = 150 c , using junctio n-to-case thermal resi stance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to determine the current rating, when this rating falls below the package limit. current derating* 0 3 6 9 12 15 1 8 0 25 50 75 100 125 150 t c - case t emperat u re (c) i d - drain c u rrent (a) power derat i ng, junction-to-foot 0 1 2 3 4 5 6 0 25 50 75 100 125 150 t c - case t emperat u re (c) po w er ( w ) power d e rating, junction-to-ambient 0.0 0.5 1.0 1.5 2.0 0 25 50 75 100 125 150 t a -am b ient t emperat u re (c) po w er ( w ) www.din-tek.jp dt m44 20 b 6 ty pi cal ch ara cteristics 25 c, unless otherwise noted normalized th erma l transient im pedance, junction-to-ambient 10 -3 10 -2 1 1 0 600 10 -1 10 -4 100 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 square wave pulse dur ation (s) normalized ef f ectiv e t ransient thermal impedance 1. duty cycle , d = 2. per unit base = r th j a = 70 c/w 3. t jm - t a = p dm z th j a (t ) t 1 t 2 t 1 t 2 notes: 4. surface mounted p dm normalized ther mal transient impedance, junction-to-foot 10 -3 10 -2 11 0 10 -1 10 -4 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 square w av e pulse dur ation (s) normalized ef f ective transient thermal impedance www.din-tek.jp dt m44 20 b 1 di m millimeter s inc hes min ma x min max a 1 .35 1.7 5 0.053 0.069 a 1 0 .10 0.2 0 0.004 0.008 b 0.35 0.51 0.014 0.020 c 0.19 0.25 0.0075 0.010 d 4.80 5.00 0.189 0.196 e 3.80 4.00 0.150 0.157 e 1.27 bsc 0.050 bsc h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.020 l 0.50 0.93 0.020 0.037 q0 8 0 8 s 0.44 0.64 0.018 0.026 ecn: c-06527-rev. i, 11-sep-06 dwg: 5498 4 3 1 2 5 6 8 7 h e h x 45 c all lea d s q 0.101 mm 0.004" l ba 1 a e d 0.25 mm (ga ge pla ne) soic (narrow): 8-lead jedec p a rt n u m b er: ms -012 s package information www.din-tek.jp 1 appl ication note r ecommended minimum pads for so-8 0.246 (6.248) recommended mi nimum pads dimensions in inches/(mm) 0.172 (4.369) 0.152 (3.861) 0.047 (1.194) 0.028 (0.71 1) 0.050 (1.270) 0.022 (0.559) return to index r eturn to inde x application note www.din-tek.jp 1 disclaimer all product, produ ct specifications and data are subject to change without notice to improve reliability, function or design or otherwise. din-tek intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, din-tek ), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. din-tek makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, din-tek disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on din-tek s knowledge of typical requirements that are often placed on din-tek products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify din-tek s terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, din-tek products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the din-tek product could result in personal injury or death. customers using or selling din-tek products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized din-tek personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of din-tek . product names and markings noted herein may be trad emarks of their respective owners. material category policy din-tek intertech nology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some din-tek documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. din-tek intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some din-tek documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards. legal disclaimer notice www.din-tek.jp |
Price & Availability of DTM4420B |