page . 1 april 10,2012-rev.01 cbd20150vct low vf schottky rectifier voltage 150 volts 20 amperes features ? low forward voltage drop, low power losses ? high efficiency operation ? lead free in comply with eu rohs 2002/95/ec directives mechanical data case : to-220ab, plastic terminals : solderable per mil-std-750, method 2026 weight : 0.0655 ounces, 1.859 grams. current maximum ratings(t a =25 o c unless otherwise noted) electrical characteristics(t a =25 o c unless otherwise noted) note : 1. mounted on infinite heatsink. parameter symbol value unit maximum repetitive peak reverse voltage v rrm 150 v maximum rms voltage v rms 105 v maximum dc blocking voltage v r 150 v maximum average forward rectified current per device per diode i f(av) 20 10 a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load per diode i fsm 200 a typical thermal resistance (note 1) r jc 2.5 o c/w operating junction temperature range t j -55 to + 150 o c storage temperature range t stg -55 to + 150 o c parameter symbol test conditions min. typ. max. unit breakdown voltage per diode v br i r =1ma 150 - - v instantaneous forward voltage per diode v f i f =3a i f =5a i f =10a t j =25 o c - - - 0.61 0.68 0.76 - - 0.81 v i f =3a i f =5a i f =10a t j =125 o c - - - 0.50 0.56 0.64 - - - v reverse current per diode i r v r =120v - 6.82 - a v r =150v t j =25 o c t j =125 o c - - - 16 100 - a ma 0.419(10.66) 0.387(9.85) 0.139(3.55) min. 0.058(1.47) 0.042(1.07) 0.038(0.96) 0.019(0.50) 0.100(2.54) 0.100(2.54) 0.196(5.00) 0.163(4.16) 0.054(1.39) 0.045(1.15) 0.115(2.92) 0.080(2.03) 0.025(0.65)max. 0.177(4.5) max. 0.50(12.7)min. 0.624(15.87) 0.548(13.93)
page . 2 april 10,2012-rev.01 cbd20150vct 0.1 1 10 100 1000 10000 100000 20 40 60 80 100 percent of rated peak reverse voltage (%) i r ,rever se cur rent ( ua) t j = 25c t j = 75c t j = 125c t j = 150c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1000 0.1 1 10 100 v r , reverse bias voltage (v) c j , junc tion capacitanc e (pf ) 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 v f , forward voltage (v) i f , fo rw ard cur rent ( a) t j = 125c t j = 150c t j = 25c t j = 75c per diode per diode per diode 0 2 4 6 8 10 12 0 25 50 75 100 125 150 i f , fo rw ard cur rent ( a) t c , case temperature (c) per diode
page . 3 april 10,2012-rev.01 cbd20150vct for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code t/b a n/a 0 hf 0 serial number t/r r 7" 1 rohs 1 serial number b/p b 13" 2 t/p t 26mm x trr s 52mm y trl l pbcu u forming f pbcd d part no_packing code_version cbd20150vct_t0_00001 cbd20150vct_00001 cbd20150vct_t0_10001 cbd20150vct_10001
|