Part Number Hot Search : 
BST72 NSSU100 TD123 E170A 106M16 AP3983E LM329AH 7SZ08
Product Description
Full Text Search
 

To Download AP0203GMT-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss 30v so-8 compatible with heatsink r ds(on) 2.2m low on-resistance i d 155a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t a =25 a i d @t a =70 a i dm a p d @t c =25 w p d @t a =25 w e as single pulse avalanche energy 4 mj t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 1.5 /w rthj-a maximum thermal resistance, junction-ambient 3 25 /w data & specifications subject to change without notice AP0203GMT-HF 5 halogen-free product 155 pulsed drain current 1 300 parameter rating drain-source voltage 30 thermal data parameter gate-source voltage + 20 continuous drain current 3 38 continuous drain current (chip) continuous drain current 3 30 200910191 total power dissipation 83.3 1 storage temperature range operating junction temperature range -55 to 150 -55 to 150 total power dissipation 28.8 a dvanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. g d s the pmpak 5x6 package is special for dc-dc converters application and the foot print is compatible with so-8 with backside heat sink and lower profile. s s s g pmpak 5x6 d d d d
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =30a - - 2.2 m ? ? 3 - ? 2
a p0203gmt-h f fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 40 80 120 160 200 0.0 1.0 2.0 3.0 4.0 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 7.0v 6.0v 5.0v v g =4.0v 0 50 100 150 200 250 300 0.0 2.0 4.0 6.0 8.0 10.0 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 7.0v 6.0v 5.0v v g = 4.0 v 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =30a v g =10v 0 10 20 30 40 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 1.6 2 2.4 2.8 3.2 246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =20a t c =25 o c 0.0 0.4 0.8 1.2 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v)
ap0203gmt-h f fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 1 10 100 1000 0.01 0.1 1 10 100 v ds ,drain-to-source voltage (v) i d (a) t c =25 o c s in g le puls e 100us 1ms 10ms 100ms dc 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = pdm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor = 0.5 single pulse 0 2 4 6 8 10 0 102030405060 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =20a v ds =15v 0 1000 2000 3000 4000 1 5 9 1317212529 v ds ,drain-to-source voltage (v) c (pf) f=1.0mhz c iss c oss c rss q v g 4.5v q gs q gd q g charge t d(on) t r t d(off) t f v ds v gs 10% 90% operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP0203GMT-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X