Part Number Hot Search : 
SEMTECH 03203 SR2N7 S1210D IRLR024 SMAJ85C TDA756 EN8987
Product Description
Full Text Search
 

To Download AO6810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AO6810 30v dual n-channel mosfet v ds i d (at v gs =10v) 3.5a r ds(on) (at v gs =10v) < 50m w r ds(on) (at v gs = 4.5v) < 70m w symbol v ds v gs v drain-source voltage v 30 20 gate-source voltage units parameter the AO6810 uses advanced trench technology to provide excellent r ds(on) and low gate charge. this device is suitable for use as a load switch or in p wm applications. 30v maximum absolute maximum ratings t a =25c unless otherwise noted top view s2 s1 g2 g 1 d 2 d 1 1 2 3 6 5 4 g2 d2 s2 g1 d1 s1 v gs i dm t j , t stg symbol t 10s steady-state steady-state r q jl 150 r q ja 78 typ max 80 t a =25c parameter t a =70c junction and storage temperature range power dissipation b -55 to 150 maximum junction-to-ambient a thermal characteristics c/w maximum junction-to-lead c/w c/w maximum junction-to-ambient a d 64 106 units 110 w c t a =25c t a =70c i d 3.5 3 20 1.15 0.73 pulsed drain current c p d a continuous drain current v 20 gate-source voltage top view s2 s1 g2 g 1 d 2 d 1 1 2 3 6 5 4 g2 d2 s2 g1 d1 s1 general description features www.freescale.net.cn 1 / 5
symbol min typ max units bv dss 30 v v ds =30v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 1.5 2 2.5 v i d(on) 20 a 40 50 t j =125c 61 77 52 70 m w g fs 12 s v sd 0.79 1 v i s 1.5 a c iss 170 210 pf c oss 35 pf c rss 23 pf r g 1.7 3.5 5.3 w q g (10v) 4.05 5 nc q g (4.5v) 2 3 nc q gs 0.55 nc q gd 1 nc t d(on) 4.5 ns t r 1.5 ns t d(off) 18.5 ns turn-on rise time turn-off delaytime v gs =10v, v ds =15v, r l =4.2 w , r gen =3 w turn-on delaytime gate-body leakage current forward transconductance diode forward voltage switching parameters gate resistance v gs =0v, v ds =0v, f=1mhz output capacitance v ds =0v, v gs = 20v m w i s =1a,v gs =0v v ds =5v, i d =3.5a v gs =4.5v, i d =2a v ds =v gs i d =250 m a v gs =10v, v ds =5v on state drain current v gs =10v, v ds =15v, i d =3.5a reverse transfer capacitance r ds(on) static drain-source on-resistance maximum body-diode continuous current input capacitance dynamic parameters v gs =10v, i d =3.5a v gs =0v, v ds =15v, f=1mhz gate source charge gate drain charge total gate charge total gate charge electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions m a i dss zero gate voltage drain current i d =250 m a, v gs =0v drain-source breakdown voltage t d(off) 18.5 ns t f 15.5 ns t rr 7.5 10 ns q rr 2.5 nc body diode reverse recovery charge i f =3.5a, di/dt=100a/ m s turn-off fall time turn-off delaytime r gen =3 w i f =3.5a, di/dt=100a/ m s body diode reverse recovery time a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the value in any given application depends on the user' s specific board design. b. the power dissipation p d is based on t j(max) =150 c, using 10s junction-to-ambient thermal resistance. c. repetitive rating, pulse width limited by junct ion temperature t j(max) =150 c. ratings are based on low frequency and duty cycl es to keep initialt j =25 c. d. the r q ja is the sum of the thermal impedance from junction t o lead r q jl and lead to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-ambien t thermal impedance which is measured with the devi ce mounted on 1in 2 fr-4 board with 2oz. copper, assuming a maximum junction temperatur e of t j(max) =150 c. the soa curve provides a single pulse rating. AO6810 30v dual n-channel mosfet www.freescale.net.cn 2 / 5
n-channel: typical electrical and thermal characteristics 17 5 2 10 0 18 0 2 4 6 8 10 0.5 1 1.5 2 2.5 3 3.5 4 4.5 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 30 40 50 60 70 0 2 4 6 8 10 r ds(on) (m w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =2a v gs =10v i d =3.5a 25 c 125 c v ds =5v v gs =4.5v v gs =10v 0 3 6 9 12 15 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =3v 3.5v 10v 4v 4.5v 7v 40 0 2 4 6 8 10 0.5 1 1.5 2 2.5 3 3.5 4 4.5 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 30 40 50 60 70 0 2 4 6 8 10 r ds(on) (m w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c 0.8 1 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =2a v gs =10v i d =3.5a 20 40 60 80 100 120 2 4 6 8 10 r ds(on) (m w w w w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) 25 c 125 c v ds =5v v gs =4.5v v gs =10v i d =3.5a 25 c 125 c 0 3 6 9 12 15 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =3v 3.5v 10v 4v 4.5v 7v AO6810 30v dual n-channel mosfet www.freescale.net.cn 3 / 5
n-channel: typical electrical and thermal characteristics 0 2 4 6 8 10 0 1 2 3 4 5 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 50 100 150 200 250 300 0 5 10 15 20 25 30 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =15v i d =3.5a 1 10 100 1000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 10: single pulse power rating junction- to-ambient (note f) t a =25 c 0.0 0.1 1.0 10.0 100.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150 c t a =25 c 100 m s 10ms 0 2 4 6 8 10 0 1 2 3 4 5 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 50 100 150 200 250 300 0 5 10 15 20 25 30 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =15v i d =3.5a 1 10 100 1000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 10: single pulse power rating junction- to-ambient (note f) t a =25 c 0.0 0.1 1.0 10.0 100.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150 c t a =25 c 100 m s 10ms 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q q q q ja normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja r q ja =150 c/w t on t p d single pulse AO6810 30v dual n-channel mosfet www.freescale.net.cn 4 / 5
- + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off id + l vgs vds bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr AO6810 30v dual n-channel mosfet www.freescale.net.cn 5 / 5


▲Up To Search▲   

 
Price & Availability of AO6810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X