Part Number Hot Search : 
MX043 AAT7551 LS709 D118EI LPC2214 ARF1733 ZPD68 KK431
Product Description
Full Text Search
 

To Download AO4612 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol max p-channel units v ds v v gs v i dm t j , t stg c symbol units t 10s c/w steady-state c/w steady-state r jl c/w max 62.5 90 40 maximum junction-to-lead c typ 48 74 35 p d junction and storage temperature range parameter r ja maximum junction-to-ambient a maximum junction-to-ambient a t a =70c power dissipation t a =25c a continuous drain current a t a =25c i d t a =70c pulsed drain current b -20 20 4.5 3.6 absolute maximum ratings t a =25c unless otherwise noted parameter max n-channel -2.6 -3.2 thermal characteristics: n-channel and p-channel -55 to 150 -55 to 150 w 2 1.28 2 1.28 20 drain-source voltage 20 gate-source voltage 60 -60 AO4612 60v complementary enhancement mode field effect transistor features n-channel p-channel v ds (v) = 60v -60v i d = 4.5a (v gs =10v) -3.2a (v gs = -10v) r ds(on) r ds(on) < 56m ? (v gs =10v) < 105m ? (v gs = -10v) < 77m ? (v gs =4.5v) < 135m ? (v gs = -4.5v) 100% rg tested general description the AO4612 uses advanced trench technology mosfets to provide excellent r ds(on) and low gate charge. the complementary mosfets may be used in h-bridge, inverters and other applications. g1 s1 g2 s2 d1 d1 d2 d2 1 2 3 4 8 7 6 5 soic-8 g2 d2 s2 g1 d1 s1 n-channel p -channel soic-8 top view bottom view pin1 alpha & omega semiconductor, ltd.
AO4612 symbol min typ max units bv dss 60 v 1 t j =55c 5 i gss 100 na v gs(th) 1 2.1 3 v i d(on) 20 a 46 56 t j =125c 79 64 77 m w g fs 11 s v sd 0.74 1 v i s 3 a c iss 450 540 pf c oss 60 pf c rss 25 pf r g 1.65 2 w q g (10v) 8.5 10.5 nc q g (4.5v) 4.3 5.5 nc q gs 1.6 nc q gd 2.2 nc t d(on) 4.7 7 ns t r 2.3 4.5 ns gate resistance output capacitance input capacitance diode forward voltage v gs =10v, v ds =30v, r l =6.7 w , w gate source charge gate drain charge turn-on delaytime turn-on rise time v gs =0v, v ds =30v, f=1mhz v gs =0v, v ds =0v, f=1mhz switching parameters reverse transfer capacitance v gs =10v, v ds =5v total gate charge v gs =10v, v ds =30v, i d =4.5a forward transconductance m w v gs =4.5v, i d =3a v ds =5v, i d =4.5a i s =1a,v gs =0v v gs =10v, i d =4.5a gate-body leakage current v ds =0v, v gs = 20v r ds(on) static drain-source on-resistance i dss zero gate voltage drain current gate threshold voltage v ds =v gs i d =250 m a on state drain current drain-source breakdown voltage i d =250 m a, v gs =0v maximum body-diode continuous current dynamic parameters n channel electrical characteristics (t j =25c unless otherwise noted) parameter conditions static parameters v ds =48v, v gs =0v m a total gate charge alpha & omega semiconductor, ltd. t d(off) 15.7 24 ns t f 1.9 4 ns t rr 27.5 35 ns q rr 32 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice r gen =3 w body diode reverse recovery charge i f =4.5a, di/dt=100a/ m s turn-off delaytime turn-off fall time body diode reverse recovery time i f =4.5a, di/dt=100a/ m s a: the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the value in any a given application depends on the user's speci fic board design. the current rating is based on th e t 10s thermal resistance rating. b: repetitive rating, pulse width limited by juncti on temperature. c. the r q ja is the sum of the thermal impedence from junction t o lead r q jl and lead to ambient. d. the static characteristics in figures 1 to 6 are obtained using 80 m s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the soa curve provides a single pulse rating. rev3: oct 2010 alpha & omega semiconductor, ltd.
AO4612 typical electrical and thermal characteristics: n-c hannel 0 5 10 15 20 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics v gs =3.5v 4.0v 10v 5.0v 4.5v 0 5 10 15 2 2.5 3 3.5 4 4.5 5 i d (a) v gs (volts) figure 2: transfer characteristics 20 30 40 50 60 70 80 90 100 0 5 10 15 20 r ds(on) (m w ww w ) 0.8 1 1.2 1.4 1.6 1.8 2 0 25 50 75 100 125 150 175 normalized on-resistance v gs =10v v gs =4.5v i d =3.0a i d =4.5a 25 c 125 c v ds =5v v gs =4.5v v gs =10v alpha & omega semiconductor, ltd. 0 5 10 15 20 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics v gs =3.5v 4.0v 10v 5.0v 4.5v 0 5 10 15 2 2.5 3 3.5 4 4.5 5 i d (a) v gs (volts) figure 2: transfer characteristics 20 30 40 50 60 70 80 90 100 0 5 10 15 20 r ds(on) (m w ww w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 i s (a) v sd (volts) figure 6: body-diode characteristics 25 c 125 c 0.8 1 1.2 1.4 1.6 1.8 2 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature v gs =10v v gs =4.5v i d =3.0a i d =4.5a 40 60 80 100 120 140 2 4 6 8 10 r ds(on) (m w ww w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage 25 c 125 c v ds =5v v gs =4.5v v gs =10v i d =4.5a 25 c 125 c alpha & omega semiconductor, ltd.
AO4612 typical electrical and thermal characteristics: n-c hannel 0 2 4 6 8 10 0 10 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 0 10 20 30 40 50 60 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss 0 10 20 30 40 0.001 0.01 0.1 1 10 100 1000 power (w) pulse width (s) c oss c rss 0.0 0.1 1.0 10.0 100.0 0.1 1 10 100 i d (amps) 10ms 1ms 0.1s 1s 10s dc t j(max) =150 c t a =25 c r ds(on) v ds =30v i d = 4.5a t j(max) =150 c t a =25 c 10 m s alpha & omega semiconductor, ltd. 0 2 4 6 8 10 0 10 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 0 10 20 30 40 50 60 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss 0 10 20 30 40 0.001 0.01 0.1 1 10 100 1000 power (w) pulse width (s) figure 10: single pulse power rating junction-to- ambient (note e) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q qq q ja normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal impe dance c oss c rss 0.0 0.1 1.0 10.0 100.0 0.1 1 10 100 i d (amps) v ds (volts) figure 9: maximum forward biased safe operating area (note e) 10ms 1ms 0.1s 1s 10s dc t j(max) =150 c t a =25 c r ds(on) v ds =30v i d = 4.5a single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja r q ja =62.5 c/w t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150 c t a =25 c 10 m s alpha & omega semiconductor, ltd.
AO4612 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off l bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar alpha & omega semiconductor, ltd. - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr alpha & omega semiconductor, ltd.
AO4612 symbol min typ max units bv dss -60 v -1 t j =55c -5 i gss 100 na v gs(th) -1 -2.1 -3 v i d(on) -20 a 84 105 t j =125c 145 106 135 m w g fs 9 s v sd -0.73 -1 v i s -3 a c iss 930 1120 pf c oss 85 pf c rss 35 pf r g 7.2 9 w q g (10v) 16 20 nc q g (4.5v) 8 10 nc q gs 2.5 nc q gd 3.2 nc t d(on) 8 12 ns drain-source breakdown voltage i d =-250 m a, v gs =0v i dss zero gate voltage drain current v ds =-48v, v gs =0v p-channel electrical characteristics (t j =25c unless otherwise noted) parameter conditions static parameters m a gate threshold voltage v ds =v gs i d =-250 m a on state drain current v gs =-10v, v ds =-5v gate-body leakage current v ds =0v, v gs =20v diode forward voltage i s =-1a,v gs =0v maximum body-diode continuous current output capacitance m w v ds =-5v, i d =-3.2a r ds(on) static drain-source on-resistance forward transconductance v gs =-10v, i d =-3.2a v gs =-4.5v, i d =-2.8a reverse transfer capacitance gate resistance dynamic parameters input capacitance v gs =0v, v ds =-30v, f=1mhz v gs =0v, v ds =0v, f=1mhz total gate charge (4.5v) gate source charge gate drain charge switching parameters total gate charge (10v) v gs =-10v, v ds =-30v, i d =-3.2a turn-on delaytime alpha & omega semiconductor, ltd. t d(on) 8 12 ns t r 3.8 7.5 ns t d(off) 31.5 48 ns t f 7.5 15 ns t rr 27 35 ns q rr 32 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice body diode reverse recovery charge i f =-3.2a, di/dt=100a/ m s turn-on delaytime v gs =-10v, v ds =-30v, r l =9.4 w , r gen =3 w turn-on rise time turn-off delaytime turn-off fall time body diode reverse recovery time i f =-3.2a, di/dt=100a/ m s a: the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the value in any a given application depends on the user's specific board design. the current rating i s based on the t 10s thermal resistance rating. b: repetitive rating, pulse width limited by juncti on temperature. c. the r q ja is the sum of the thermal impedence from junction t o lead r q jl and lead to ambient. d. the static characteristics in figures 1 to 6,12, 14 are obtained using 80 m s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the soa curve provides a single pulse rating. a: the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the value in any a given application depends on the use r's specific board design. the current rating is ba sed on the t 10s thermal resistance rating. b: repetitive rating, pulse width limited by juncti on temperature. c. the r q ja is the sum of the thermal impedence from junction t o lead r q jl and lead to ambient. d. the static characteristics in figures 1 to 6,12, 14 are obtained using 80 m s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the soa curve provides a single pulse rating. alpha & omega semiconductor, ltd.
AO4612 typical electrical and thermal characteristics: p-c hannel 0 5 10 15 20 0 1 2 3 4 5 -i d (a) -v ds (volts) fig 1: on-region characteristics v gs =-3.0v -3.5v -4.5v -10v -4.0v 0 5 10 15 20 25 30 1 1.5 2 2.5 3 3.5 4 -i d (a) -v gs (volts) figure 2: transfer characteristics 70 80 90 100 110 120 130 r ds(on) (m w ww w ) 0.8 1 1.2 1.4 1.6 1.8 2 0 25 50 75 100 125 150 175 normalized on-resistance v gs =-10v v gs =-4.5v 25 c 125 c v ds =-5v v gs =-4.5v v gs =-10v i d =-3.2a i d =-2.8a alpha & omega semiconductor, ltd. 0 5 10 15 20 0 1 2 3 4 5 -i d (a) -v ds (volts) fig 1: on-region characteristics v gs =-3.0v -3.5v -4.5v -10v -4.0v 0 5 10 15 20 25 30 1 1.5 2 2.5 3 3.5 4 -i d (a) -v gs (volts) figure 2: transfer characteristics 70 80 90 100 110 120 130 0 2 4 6 8 10 r ds(on) (m w ww w ) -i d (a) figure 3: on-resistance vs. drain current and gate voltage 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 -i s (a) -v sd (volts) figure 6: body-diode characteristics 25 c 125 c 0.8 1 1.2 1.4 1.6 1.8 2 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature v gs =-10v v gs =-4.5v 60 80 100 120 140 160 180 200 2 3 4 5 6 7 8 9 10 r ds(on) (m w ww w ) -v gs (volts) figure 5: on-resistance vs. gate-source voltage 25 c 125 c v ds =-5v v gs =-4.5v v gs =-10v i d =-3.2a 25 c 125 c i d =-3.2a i d =-2.8a alpha & omega semiconductor, ltd.
AO4612 typical electrical and thermal characteristics: p-c hannel 0 2 4 6 8 10 0 4 8 12 16 20 -v gs (volts) -q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 1000 1200 1400 0 10 20 30 40 50 60 capacitance (pf) -v ds (volts) figure 8: capacitance characteristics c iss 0 10 20 30 40 0.001 0.01 0.1 1 10 100 1000 power (w) c oss c rss 0.0 0.1 1.0 10.0 100.0 0.1 1 10 100 -i d (amps) 100 m s 10ms 1ms 0.1s 1s 10s dc r ds(on) limited t j(max) =150 c t a =25 c v ds =-30v i d =-3.2a t j(max) =150 c t a =25 c alpha & omega semiconductor, ltd. 0 2 4 6 8 10 0 4 8 12 16 20 -v gs (volts) -q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 1000 1200 1400 0 10 20 30 40 50 60 capacitance (pf) -v ds (volts) figure 8: capacitance characteristics c iss 0 10 20 30 40 0.001 0.01 0.1 1 10 100 1000 power (w) pulse width (s) figure 10: single pulse power rating junction-to- ambient (note e) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q qq q ja normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal impe dance c oss c rss 0.0 0.1 1.0 10.0 100.0 0.1 1 10 100 -i d (amps) -v ds (volts) figure 9: maximum forward biased safe operating area (note e) 100 m s 10ms 1ms 0.1s 1s 10s dc r ds(on) limited t j(max) =150 c t a =25 c v ds =-30v i d =-3.2a single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja r q ja =62.5 c/w t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150 c t a =25 c alpha & omega semiconductor, ltd.
AO4612 vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v unclamped inductive switching (uis) test circuit & waveforms vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds t t t t t t 90% 10% r on d(off) f off d(on) alpha & omega semiconductor, ltd. vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v vdd vgs id vgs rg dut vdc vgs vds id vgs unclamped inductive switching (uis) test circuit & waveforms vds l - + 2 e = 1/2 li ar ar bv dss i ar ig vgs - + vdc dut l vgs isd diode recovery test circuit & waveforms vds - vds + di/dt rm rr vdd vdd q = - idt t rr -isd -vds f -i -i vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds t t t t t t 90% 10% r on d(off) f off d(on) alpha & omega semiconductor, ltd.


▲Up To Search▲   

 
Price & Availability of AO4612

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X