Part Number Hot Search : 
HC259 P1500ECL 10004 DS0052 SP774BJ 390AS AMDL190J LM7810T
Product Description
Full Text Search
 

To Download 80413150440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? 2009 littelfuse, inc. specifications are subject to change without notice. please refer to www.littelfuse.com/series/804.html for current information. 804 series te-umf 804 series universal modular fuses te > time lag > 804 series description the 804 series is a te umf, tt time lag type subminiature fuse designed for overcurrent protection. it is 250v rated and designed in accordance to iec 60127-4. agency approvals agency agency file number ampere range e242325 800ma C 6.3a de1-42667 800ma, 1.25a C 6.3a cqc10012048703 800ma, 1.25a C 6.3a nbk060111-jp1021a 1a C 2.5a nbk060111-jp1021b 3.15a C 5a nbk060111-jp1021c 6.3a su05024-10004 to 10005 80 0ma C 6.3a features electrical characteristics applications % of ampere rating opening time 125% 3600 secs minimum 200% 120 secs maximum 1000% 100 milliseconds minimum 1 secs maximum amp code ampere rating rated voltage interrupting rating 50-60hz/ cos=1 voltage drop 1.0 x i n max [mv] power dissipation 1.25 x i n max [mw] melting integral 10 x i n min [a 2 s] agency approvals 0800 800ma 250v 150a/250vac 218 332 12 xxxxx 1100 1.00a 250v 150a/250vac 171 324 20 x x x 1125 1.25a 250v 150a/250vac 151 352 30 xxxxx 1160 1.60a 250v 150a/250vac 135 464 51 xxxxx 1200 2.00a 250v 150a/250vac 183 486 80 xxxxx 1250 2.50a 250v 150a/250vac 118 675 136 xxxxx 1315 3.15a 250v 150a/250vac 163 818 189 xxxxx 1400 4.00a 250v 150a/250vac 128 945 346 xxxxx 1500 5.00a 250v 150a/250vac 98 1091 748 xxxxx 1630 6.30a 250v 150a/250vac 78 1125 1099 xxxxx electrical characteristics t-fbegsffboe3p)4 compliant t 3fevdfe1$#tqbdf requirements t %jsfdutpmefsbcmfpsqmvhjo versions t -pxjoufsobmsftjtubodf t *oufsobmmzbqqspwfe t 4ipdltbgfdbtjoh t 7jcsbujposftjtubou t )bmphfo'sff t #buufsz$ibshfs t $potvnfs&mfduspojdt t 1pxfs4vqqmjft t *oevtusjbm$pouspmmfst revised: june 1, 2011 804 series fuse, te, time-lag fuse
introduction to circuit protection introduction to circuit protection transientology 2 ? 2009 littelfuse, inc. specifications are subject to change without notice. please refer to www.littelfuse.com/series/804.html for current information. te-umf 804 series universal modular fuses te > time lag > 804 series average time current curves temperature rerating curve soldering parameters - wave soldering dwell t ime 0 20 4 0 60 80 100 120 1 4 0 160 180 200 220 2 4 0 260 280 300 0 10 20 30 4 0 50 60 70 80 90 100 110 120 130 1 4 0 150 160 170 180 190 200 210 220 230 2 4 0 t ime (seconds) t emperature (c) - measured on bottom side of board cooling t ime preheat t ime wave parameter lead-free recommendation preheat: (depends on flux activation temperature) 5zqjdbm*oevtusz3fdpnnfoebujpo
temperature minimum: 100 c temperature maximum: 150 c preheat time: 60-180 seconds solder pot temperature: 260 c maximum solder dwell time: 2-5 seconds recommended hand-solder parameters: solder iron temperature: 350 c +/- 5c )fbujoh5jnftfdpoetnby note: these devices are not recommended for ir or convection reflow process. recommended process parameters: 0% 20% 40% 60% 80% 100% 120% 140% - 55 -30 - 5 20 4 5 70 9 5 120 ambient temperature (c) percent of rating 80 4 de-rating curve current [a] blowtime [sec]. 0.1 1 10 100 1000 0.8a 1a 1.25a 1.6a 2a 2.5a 3.15a 4a 5a 6.3a 0.010 0.001 0.100 1.000 10.000 100.000 1000.000
3 ? 2009 littelfuse, inc. specifications are subject to change without notice. please refer to www.littelfuse.com/series/804.html for current information. te-umf 804 series 804 series universal modular fuses te > time lag > 804 series product characteristics operating temperature -40oc to +125oc (consider de-rating) climatic category -40oc/+85oc/21 days (en 60068-1, -2-1, -2-2, -2-78) stock conditions +10oc to +60oc relative humidity 75% yearly bwfsbhf xjuipvuefx nbyjnvn value for 30 days C 95% vibration resistance 24 cycles at 15 min. each (en60028-2-6) )[bunnbnqmjuvef o)[buhbddfmfsbujpo materials #btf$bq#mbdl5ifsnpqmbtujd  1pmzbnjef 6-7  #sbtt /jdlfmqmbufe$bq 3pvoe1jot$pqqfs 4o1mbufe lead pull strength 10 n (en 60068-2-21) solderability 260oc, 3s. (wave) 350oc, 1s. (soldering iron) soldering heat resistance 260oc, 10s. (iec 60068-2-20) 350oc, 3s. (soldering iron) dimensions part numbering system packaging packaging option packaging specification quantity quantity & packaging code reel size 804 series 5bqf"nnpqbdl n/a 1,000 000 n/a 4ipsu-fbet n/a 1,000 044 n/a 804 000 xxxx packaging code amp code series 0000 tape/ammopack (1000 pcs) 0440 short leads - bulk (1000 pcs) refer to amp code column of electrical characteristics table


▲Up To Search▲   

 
Price & Availability of 80413150440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X