Part Number Hot Search : 
6SMBJ5 IRFP2 5N50D P040038 BPC3506 5N2008 ICS8501 E5108A
Product Description
Full Text Search
 

To Download 672D477F012DM5D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  672d www.vishay.com vishay sprague revision: 22-may-13 1 document number: 42054 for technical questions, contact: aluminumcaps4@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum capacitors + 105 c, miniature, radial lead features ? original smps output capacitors ? minimal esr change ? high ripple current capability ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 quick reference data description value nominal case size ? ? d x l in inches [mm] 0.394 x 0.472 [10.0 x 12.0] to 0.709 x 1.575 [18.0 x 40.0] operating temperature - 55 c to + 105 c rated capacitance range, c r 4.7 f to 3300 f tolerance on c r - 10 %, + 50 % rated voltage range, u r 6.3 wv dc to 250 wv dc termination 2 and 3 radial leads and axial mount. life validation test at 105 c 4000 h (> 0.394" [10.0] diameter): 3000 h (> 0.394" [10.0] diameter): ? cap ? 20 % from individual measurement. ? esr ? 1.15 x initial specified limit. ? dcl ? 3 x initial specified limit. shelf life at 105 c 500 h: ? cap ? 10 % from initial measurement. ? esr ? 1.15 x initial specified limit. ? dcl ? 2 x initial specified limit, (6.3 wv dc to 100 wv dc ); ? 3 x initial specified limit, (150 wv dc to 250 wv dc ). dc leakage current at 25 c 6.3 wv dc to 100 wv dc i = 0.03 150 wv dc to 250 wv dc i = 0.01 cv i in a, c in f, v in volts cv ripple current multipliers temperature ambient temperature multipliers + 105 c 0.5 + 85 c 1.0 ? + 75 c 1.25 frequency (hz) wv dc 50 to 60 100 to 120 300 to 400 1k to 19k 0 to 75 0.60 0.70 0.75 0.80 76 to 100 0.40 0.55 0.70 0.80 101 to 250 0.25 0.35 0.45 0.65 low temperature performance capacitance ratio c - 55 c /c + 25 c minimum at 120 hz maximum ? capacitance ? change voltage multiplier 6.3 v to 100 v 0.75 150 v to 250 v 0.70 maximum ? impedance ? change voltage multiplier 6.3 v to 100 v 2.5 150 v to 250 v 2.0 esl (typical values at 1 mhz to 10 mhz) nominal diameter 0.394 [10.0] 0.512 [13.0] 0.630 [16.0] 0.709 [18.0] typical esl (nh) 4.0 7.0 10.0 12.0 available
672d www.vishay.com vishay sprague revision: 22-may-13 2 document number: 42054 for technical questions, contact: aluminumcaps4@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 bulk specifications in millimeters notes positive terminal negative terminal no charge potential terminal code c s d 7.1 min. s leeve 9.5 min. w l + - terminal code j s d l 25 min. 25 min. 25 min. + - nc s leeve w terminal code d 15 min. w 20 min. l s d + - s leeve terminal code o s d 7.1 1.6 5.0 1.6 9.5 1.6 t w l + - third lead may fall within 20 of c l nc s leeve dimensions in inches [millimeters] case code nominal styles 2 and 4 styles 3 and 5 lead spacing lead diameter d l d (max.) l (max.) d (max.) l (max.) s 0.024 [0.60] t 0.020 [0.50] nominal awg cc 0.394 [10.0] 0.512 [13.0] 0.413 [10.5] 0.563 [14.3] 0.413 [10.5] 0.630 [16.0] 0.197 [5.0] n/a 0.025 [0.63] 22 cd 0.394 [10.0] 0.630 [16.0] 0.413 [10.5] 0.669 [17.0] 0.413 [10.5] 0.740 [18.8] 0.197 [5.0] n/a 0.025 [0.63] 22 cg 0.394 [10.0] 0.787 [20.0] 0.413 [10.5] 0.846 [21.5] 0.413 [10.5] 0.906 [23.0] 0.197 [5.0] n/a 0.025 [0.63] 22 dg 0.492 [12.5] 0.787 [20.0] 0.512 [13.0] 0.846 [21.5] 0.512 [13.0] 0.906 [23.0] 0.197 [5.0] 0.098 [2.5] 0.032 [0.81] 20 dk 0.492 [12.5] 0.984 [25.0] 0.512 [13.0] 1.043 [26.5] 0.512 [13.0] 1.142 [29.0] 0.197 [5.0] 0.098 [2.5] 0.032 [0.81] 20 dm 0.492 [12.5] 1.043 [26.5] 0.512 [13.0] 1.102 [28.0] 0.512 [13.0] 1.161 [29.5] 0.197 [5.0] 0.098 [2.5] 0.032 [0.81] 20 dt 0.492 [12.5] 1.319 [33.5] 0.512 [13.0] 1.346 [34.2] 0.512 [13.0] 1.417 [36.0] 0.197 [5.0] 0.098 [2.5] 0.032 [0.81] 20 ds 0.492 [12.5] 1.673 [42.5] 0.512 [13.0] 1.720 [43.7] 0.512 [13.0] 1.791 [45.5] 0.197 [5.0] 0.098 [2.5] 0.032 [0.81] 20 ek 0.630 [16.0] 0.984 [25.0] 0.650 [16.5] 1.031 [26.2] 0.650 [16.5] 1.098 [27.9] 0.295 [7.5] 0.150 [3.8] 0.032 [0.81] 20 en 0.630 [16.0] 1.260 [32.0] 0.650 [16.5] 1.319 [33.5] 0.650 [16.5] 1.417 [36.0] 0.295 [7.5] 0.150 [3.8] 0.032 [0.81] 20 er 0.630 [16.0] 1.417 [36.0] 0.650 [16.5] 1.476 [37.5] 0.650 [16.5] 1.575 [40.0] 0.295 [7.5] 0.150 [3.8] 0.032 [0.81] 20 et 0.630 [16.0] 1.319 [33.5] 0.650 [16.5] 1.347 [34.2] 0.650 [16.5] 1.417 [36.0] 0.295 [7.5] 0.150 [3.8] 0.032 [0.81] 20 eu 0.630 [16.0] 1.575 [40.0] 0.650 [16.5] 1.642 [41.7] 0.650 [16.5] 1.669 [42.4] 0.295 [7.5] 0.150 [3.8] 0.032 [0.81] 20 fr 0.709 [18.0] 1.417 [36.0] 0.728 [18.5] 1.476 [37.5] 0.728 [18.5] 1.575 [40.0] 0.295 [7.5] 0.150 [3.8] 0.032 [0.81] 20 fv 0.709 [18.0] 1.575 [40.0] 0.728 [18.5] 1.653 [42.0] 0.728 [18.5] 1.693 [43.0] 0.295 [7.5] 0.150 [3.8] 0.032 [0.81] 20 + - nc
672d www.vishay.com vishay sprague revision: 22-may-13 3 document number: 42054 for technical questions, contact: aluminumcaps4@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tape and reel, specifications to eia-468d in inches [millimeters] note (1) available as special order. dimensions in inches [millimeters] and packaging quantities case size f lead spacing std. qty/reel 0.236 x 0.453 [6.0 x 11.0] 0.197 [5.0] 800 0.315 x 0.472 [8.0 x 12.0] 0.197 [5.0] 700 p k h f p d d 0 w 0 w l 1 h 0 forme d lea d s dimensions in inches [millimeters] and packaging quantities case size f lead spacing std. qty/reel 0.236 x 0.453 [6.0 x 11.0] 0.098 [2.5] 800 0.315 x 0.472 [8.0 x 12.0] 0.140 [3.5] (1) 700 0.394 x 0.512 [10.0 x 13.0] 0.197 [5.0] 500 0.394 x 0.630 [10.0 x 16.0] 0.197 [5.0] 500 0.394 x 0.787 [10.0 x 20.0] 0.197 [5.0] 500 p unforme d ( s traight) lea d s d 0 h f p 0 l 1 w 0 w d f
672d www.vishay.com vishay sprague revision: 22-may-13 4 document number: 42054 for technical questions, contact: aluminumcaps4@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? positive leader is standard. negative leader is available by special order. ordering example electrolytic capacitor 672d series: 672d 336 f 100 dm 5 d note ? for lead (pb)-free/rohs compliant prod ucts add suffix e 3 to part number. ? example: 672d336f100dm5de3 dimensions in inches [millimeters] item case size (diameter x length) 0.236 x 0.433 [6.0 x 11.0] 0.315 x 0.472 [8.0 x 12.0] 0.394 x 0.512 [10.0 x 13.0] 0.394 x 0.630 [10.0 x 16.0] 0.394 x 0.787 [10.0 x 20.0] d - lead-wire diameter 0.025 [0.63] 0.025 [0.6 3] 0.025 [0.63] 0.025 [0.63] 0.025 [0.63] p - pitch of component 0.500 [12.7] 0.500 [1 2.7] 0.500 [12.7] 0.500 [12.7] 0.500 [12.7] p 0 - feed hole pitch 0.500 [12.7] 0.500 [12. 7] 0.500 [12.7] 0.500 [12.7] 0.500 [12.7] f - lead-to-lead distance 0.197 [5.0] 0.197 [5.0] 0.197 [5.0] 0.197 [5.0] 0.197 [5.0] k - clinch height 0.098 [2.5] 0.157 [4.0] n/a n/a n/a h - height of component from tape center 0.728 [18.5] 0.787 [20.0] 0.906 [23.0] 0.906 [23.0] 0.906 [23.0] h 0 - lead-wire clinch height 0.630 [16.0] 0.630 [16.0] n/a n/a n/a w - tape width 0.709 [18.0] 0.709 [18.0] 0.709 [18.0] 0.709 [18.0] 0.709 [18.0] w 0 - hold down tape width 0.591 [15.0] 0.591 [15.0] 0.591 [15.0] 0.591 [15.0] 0.591 [15.0] d 0 - feed hole diameter 0.157 [4.0] 0.157 [4.0] 0.157 [4.0] 0.157 [4.0] 0.157 [4.0] f - total tape thickness 0.028 [0.7] 0.028 [0.7] 0.028 [0.7] 0.028 [0.7] 0.028 [0.7] l 1 - maximum lead protrusion 0.118 [3.0] 0.118 [3.0] 0.118 [3.0] 0.118 [3.0] 0.118 [3.0] description code explanation 672d product type 336 capacitance value (33 f) f tolerance (f = - 10 %/+ 50 %) 100 voltage rating at 105 c (100 = 100 v) dm can size (see dimensions table) 5 sleeve and sealing (5 = polyester sleeve w/epoxy end seal) d terminal code/packaging (d = bulk; straight leads) electrical data and ordering information capacitance (f) part number nominal case size d x l max. esr at + 25 c (m ? ) max. ripple at + 85 c (a) max. impedance at + 25 c (m ? ) 100 hz 120 hz 20 khz 20 khz to 100 khz 6.3 wv dc at 105 c, surge = 9 v 150.0 672d157f6rcd5d 0.394 x 0.630 [10.0 x 16.0] 1.10 0.70 0.50 0.60 220.0 672d227f6rcg5d 0.394 x 0.787 [10.0 x 20.0] 0.75 0.40 0.70 0.33 1000.0 672d108f6rek5d 0.630 x 0.984 [16.0 x 25.0] 0.16 0.09 2.05 0.085 1500.0 672d158f6ret5d 0.630 x 1.319 [16.0 x 33.5] 0.105 0.06 2.90 0.055 3300.0 672d338f6rfv5d 0.709 x 1.575 [18.0 x 40.0] 0.075 0.045 3.40 0.045 12 wv dc at 105 c, surge = 16 v 100.0 672d107f012cc5d 0.394 x 0.512 [10.0 x 13.0] 1.60 0.90 0.40 0.70 470.0 672D477F012DM5D 0.492 x 1.043 [12.5 x 26.5] 0.31 0.16 1.35 0.12 1000.0 672d108f012ds5d 0.492 x 1.673 [12.5 x 42.5] 0.15 0.08 2.35 0.06 2200.0 672d228f012fv5d 0.709 x 1.575[18.0 x 40.0] 0.08 0.05 3.30 0.05 15 wv dc at 105 c, surge = 20 v 100.0 672d107f015cd5d 0.394 x 0.630 [10.0 x 16.0] 1.35 0.70 0.50 0.50 470.0 672d477f015dt5d 0.492 x 1.319 [12.5 x 35.5] 0.25 0.12 1.75 0.11 1000.0 672d108f015et5d 0.630 x 1.319 [16.0 x 33.5] 0.12 0.06 2.90 0.055 20 wv dc at 105 c, surge = 30 v 100.0 672d107f020cg5d 0.394 x 0.787 [10.0 x 20.0] 1.25 0.40 0.70 0.35 470.0 672d477f020ek5d 0.630 x 0.984 [16.0 x 25.0] 0.24 0.09 2.00 0.085 1000.0 672d158f020fv5d 0.709 x 1.575 [18.0 x 40.0] 0.09 0.05 3.25 0.05
672d www.vishay.com vishay sprague revision: 22-may-13 5 document number: 42054 for technical questions, contact: aluminumcaps4@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 25 wv dc at 105 c, surge = 35 v 47.0 672d476f025cc5d 0.394 x 0.512 [10.0 x 13.0] 2.35 0.90 0.40 0.85 330.0 672d337f025dt5d 0.492 x 1.319 [12.5 x 33.5] 0.29 0.12 1.75 0.10 470.0 672d477f025ds5d 0.492 x 1.673 [12.5 x 42.5] 0.22 0.08 2.35 0.07 1200.0 672d128f025fv5d 0.709 x 1.575 [18.0 x 40.0] 0.10 0.05 3.20 0.055 40 wv dc at 105 c, surge = 55 v 220.0 672d227f040ek5d 0.630 x 0.984 [16.0 x 25.0] 0.48 0.14 1.65 0.12 330.0 672d337f040et5d 0.630 x 1.319 [16.0 x 33.5] 0.32 0.12 2.25 0.08 50 wv dc at 105 c, surge = 75 v 100.0 672d107f050dt5d 0.492 x 1.319 [12.5 x 33.5] 0.80 0.26 1.15 0.22 150.0 672d157f050ek5d 0.630 x 0.984[16.0 x 25.0] 0.55 0.22 1.30 0.18 220.0 672d277f050et5d 0.630 x 1.319 [16.0 x 33.5] 0.40 0.15 1.85 0.12 470.0 672d477f050fv5d 0.709 x 1.575 [18.0 x 40.0] 0.25 0.09 2.40 0.095 60 wv dc at 105 c, surge = 85 v 15.0 672d156f060cd5d 0.394 x 0.512 [10.0 x 13.0] 7.00 2.00 0.28 1.70 22.0 672d226f060cg5d 0.394 x 0.787 [10.0 x 20.0] 4.60 1.20 0.40 1.00 100.0 672d107f060ek5d 0.630 x 0.984 [16.0 x 25.0] 0.90 0.28 1.20 0.24 150.0 672d157f060et5d 0.630 x 1.319 [16.0 x 33.5] 0.60 0.18 1.65 0.15 75 wv dc at 105 c, surge = 100 v 12.0 672d126f075cd5d 0.394 x 0.512 [10.0 x 13.0] 8.50 2.20 0.26 1.75 120.0 672d127f075et5d 0.630 x 1.319 [16.0 x 33.5] 0.68 0.18 1.50 0.16 100 wv dc at 105 c, surge = 125 v 10.0 672d106f100cd5d 0.394 x 0.630 [10.0 x 16.0] 10.00 2.30 0.26 1.80 33.0 672d336f100dm5d 0.492 x 1.043 [12.5 x 26.5] 2.55 0.55 0.72 0.39 120.0 672d127f100et5d 0.630 x 1.319 [16.0 x 33.5] 0.68 0.19 1.50 0.17 200 wv dc at 105 c, surge = 250 v 4.7 672d475f200cg5d 0.394 x 0.787 [10.0 x 20.0] 22.50 1.95 0.31 1.75 15.0 672d156f200dt5d 0.492 x 1.319 [12.5 x 33.5] 7.00 0.58 0.76 0.55 47.0 672d476f200fv5d 0.709 x 1.575 [18.0 x 40.0] 2.30 0.18 1.90 0.165 250 wv dc at 105 c, surge = 300 v 10.0 672d106f250dt5d 0.492 x 1.319 [12.5 x 33.5] 12.00 1.50 0.48 1.60 electrical data and ordering information - original ratings capacitance (f) case code part number 6.3 wv dc at 105 c, surge = 9 v 150.0 cd 672d157h6r3cd5c 220.0 cg 672d227h6r3cg5c 680.0 dm 672d687h6r3dm5c 1000.0 ek 672d108h6r3ek5c 1200.0 ds 672d158h6r3et5c 3300.0 fv 672d338h6r3fv5c 7.5 wv dc at 105 c, surge = 10 v 100.0 cc 672d107h7r5cc5c 150.0 cd 672d157h7r5cd5c 680.0 dt 672d687h7r5dt5c 1000.0 et 672d108h7r5et5c 2700.0 fv 672d278h7r5fv5c note (1) capacitance tolerance code h, - 10 %, + 100 %; lead code c, cut leads. c lead = negative lead: 0.281" [7.1 mm], 0.062" [1.6 m m]; positive lead: 0375" [9.5 mm], 0.062" [1.6 mm ]. d lead = 1.0" [25.4 mm] minimum. electrical data and ordering information capacitance (f) part number nominal case size d x l max. esr at + 25 c (m ? ) max. ripple at + 85 c (a) max. impedance at + 25 c (m ? ) 100 hz 120 hz 20 khz 20 khz to 100 khz
672d www.vishay.com vishay sprague revision: 22-may-13 6 document number: 42054 for technical questions, contact: aluminumcaps4@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 12 wv dc at 105 c, surge = 16 v 100.0 cc 672d107h012cc5c 150.0 cg 672d157h012cg5c 470.0 dm 672d477h012dm5c 680.0 dt 672d687h012dt5c 1000.0 ds 672d108h012ds5c 2200.0 fv 672d228h012fv5c 15 wv dc at 105 c, surge = 20 v 100.0 cd 672d107h015cd5c 150.0 cg 672d157h015cg5c 470.0 dt 672d477h015dt5c 680.0 ek 672d687h015ek5c 820.0 ds 672d827h015ds5c 1000.0 (1) et 672d108h015et5c 1800.0 fv 672d188h015fv5c 20 wv dc at 105 c, surge = 30 v 68.0 cd 672d868h020cd5c 100.0 cg 672d107h020cg5c 330.0 dm 672d337h020dm5c 470.0 ek 672d477h020ek5c 560.0 ds 672d567h020ds5c 680.0 et 672d687h020et5c 1500.0 fv 672d158h020fv5c 25 wv dc at 105 c, surge = 35 v 47.0 cc 672d476h025cc5c 68.0 cd 672d686h025cd5c 330.0 dt 672d337h025dt5c 470.0 ds 672d477h025ds5c 680.0 eu 672d687h025eu5c 1200.0 fv 672d128h025fv5c 40 wv dc at 105 c, surge = 55 v 47.0 cd 672d476h040cd5c 220.0 ek 672d227h040ek5c 330.0 et 672d337h040et5c 390.0 ds 672d397h040ds5c 820.0 fv 672d827h040fv5c 50 wv dc at 105 c, surge = 75 v 22.0 cd 672d226h050cd5c 100.0 dt 672d107h050dt5c 150.0 ek 672d157h050ek5c 180.0 ds 672d187h050ds5c 220.0 et 672d227h050et5c 470.0 fv 672d477h050fv5c 60 wv dc at 105 c, surge = 85 v 15.0 cd 672d156h060cd5c 22.0 cg 672d226h060cg5c 68.0 (1) dm 672d686h060dm5c 100.0 ek 672d107h060ek5c 120.0 ds 672d127h060ds5c 150.0 et 672d157h060et5c 390.0 fv 672d397h060fv5c electrical data and ordering information - original ratings capacitance (f) case code part number note (1) capacitance tolerance code h, - 10 %, + 100 %; lead code c, cut leads. c lead = negative lead: 0.281" [7.1 mm], 0.062" [1.6 m m]; positive lead: 0375" [9.5 mm], 0.062" [1.6 mm ]. d lead = 1.0" [25.4 mm] minimum.
672d www.vishay.com vishay sprague revision: 22-may-13 7 document number: 42054 for technical questions, contact: aluminumcaps4@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 75 wv dc at 105 c, surge = 100 v 12.0 cd 672d126h075cd5c 18.0 cg 672d186h075cg5c 82.0 ek 672d826h075ek5c 120.0 et 672d127h075et5c 270.0 fv 672d277h075fv5c 100 wv dc at 105 c, surge = 125 v 8.2 cc 672d825h100cc5c 10.0 cd 672d106h100cd5c 33.0 dm 672d336h100dm5c 68.0 ek 672d686h100ek5c 120.0 et 672d127h100et5c 180.0 fv 672d187h100fv5c 150 wv dc at 105 c, surge = 200 v 6.8 cg 672d685h150cg5c 22.0 dt 672d226h150dt5c 39.0 et 672d396h150et5c 68.0 fv 672d686h150fv5c 200 wv dc at 105 c, surge = 250 v 4.7 cg 672d475h200cg5c 15.0 dt 672d156h200dt5c 27.0 et 672d276h200et5c 47.0 fv 672d476h200fv5c 250 wv dc at 105 c, surge = 300 v 8.2 dm 672d825h250dm5c 10.0 dt 672d106h250dt5c 22.0 et 672d226h250et5c 39.0 fv 672d396h250fv5c electrical data and ordering information - original ratings capacitance (f) case code part number note (1) capacitance tolerance code h, - 10 %, + 100 %; lead code c, cut leads. c lead = negative lead: 0.281" [7.1 mm], 0.062" [1.6 m m]; positive lead: 0375" [9.5 mm], 0.062" [1.6 mm ]. d lead = 1.0" [25.4 mm] minimum.
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 672D477F012DM5D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X