Part Number Hot Search : 
PFSM100 9LV16 36003250 2SC5004 USFF1206 AC03D 0A015 20N03L
Product Description
Full Text Search
 

To Download 55002058 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   -phase ac filters / dc filters fsw www.schurter.com/pg06_  emc products ac filter 2-stage, very high symmetrical and asymmetrical attenuation description - chassis: screw-on mounting, from top - line-filter in standard version, 2 positions, high attenuation - quick connect terminals 6.3 x 0.8 mm or screw terminals - especially effective against asymmetrical interferences in the frequency range from 10khz up to 30mhz approvals - vde certificate number: 40004673 - ul file number: e72928 characteristics - designed for increased requirements - 2-stage line filter with increased attenuation protection against interference voltage from the mains - especially designed for industrial applications such as: frequency con - verters, stepper motor drives, ups-systems, inverters especially suitable for use in switching power supplies - qualified for use in equipment according iec/en 60950 references weblinks pd f , general product informatio n , approval s , roh s , china-roh s , mating connector s , e-stor e , schurter-stock-chec k , distributor- stock-chec k , accessorie s technical data ratings iec 3 - 36 a @ ta 40 c / 250 vac; 50 hz ratings ul/csa 3 - 36 a @ ta 40 c / 125 vac; 60 hz leakage current standard < 0.5 ma (250 v / 60 hz) dielectric strength > 1.7 kvdc between l-n > 2.7 kvdc between l/n-pe test voltage (2 sec) allowable operation temp. -25 c to 100 c climatic category 25/100/21 acc. to iec 60068-1 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal quick connect terminals 6.3 x 0.8 mm or screw terminals current >24 a requires screw terminals material: housing alu. anodised / stainless steel line filter standard and industrial version, iec 60939, iec 60601-1, ul 1283, ul 544, en 133 200, csa c22.2 no. 8 technical detail s mtbf > 200'000 h acc. to mil-hb-217 f dimensions case 48 75 0.3 91 max. 66 max. 51 max. (20) 6.3x0.8 (3.5) 43 max. (12) (27) 5.3 1) 2) 1) line 2) load case 49 75 0.3 91 max. 66 max. 51 max. (20) 6.3x0.8 (3.5) 32 max. (12) (27) 5.3 1) 2) 1) line 2) load
 -phase ac filters / dc filters fsw www.schurter.com/pg06_  emc products case ff with quick connect terminals 143 0.3 58 max. 48 max. 6.1 (32.5) (130) (12) (27) 5.3 0.3 (12) (27) 0.2 (157) 2) 1) 6.3x0.8 (15.5) 1) line 2) load case ff with screw terminals 143 0.3 58 max. 48 max. 6.1 (32.5) (130) (15) (12) (27) 5.3 0.3 (12) (27) 0.2 (156) 2) 1) 164 max. 3) 4) m 4 1) line 2) load 3) lock-nut do not unscrew 4) nut torque 0.85...1 nm, keep lock-nut fastened diagrams standard version 1) 2) 1) line 2) load attenuation loss - - - - differential mode _____ common mode standard version 3 a 6 a 10 a 16 a 20 a 24 a 25 a 36 a
 -phase ac filters / dc filters fsw www.schurter.com/pg06_  emc products industrial version 3 a 6 a 10 a variants rated current [a] filter-type leakage cur - rent [ma] terminal l [mh] cx [f] cy  [nf] cy  [nf] r [m ? ] weight [g] housing order number 3 standard version 0.25 quick connect terminals 2 x 2 0.1 1.5 1 1 - 49 5500.2058 6 standard version 0.25 quick connect terminals 2 x 0.8 0.1 1.5 1 1 - 49 5500.2060 10 standard version 0.25 quick connect terminals 2 x 0.4 0.1 1.5 1 1 - 49 5500.2062 16 standard version 0.5 quick connect terminals 2 x 2.8 1 - 4.7 1 - 48 5500.2218 20 standard version 0.5 quick connect terminals 2 x 2.4 2.2 - 4.7 1 - ff 5500.2219 24 standard version 0.5 quick connect terminals 2 x 2 2.2 - 4.7 1 - ff 5500.2220 25 standard version 0.5 bolts and nuts m4 2 x 2 2.2 - 4.7 1 - ff 5500.2221 36 standard version 0.5 bolts and nuts m4 2 x 1.23 2.2 - 4.7 1 - ff 5500.2222 3 industrial version 2.5 quick connect terminals 2 x 2 0.1 22 1 1 - 49 5500.2059 6 industrial version 2.5 quick connect terminals 2 x 0.8 0.1 22 1 1 - 49 5500.2061 10 industrial version 2.5 quick connect terminals 2 x 0.4 0.1 22 1 1 - 49 5500.2063 packaging unit 10 pcs the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 55002058

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X