Part Number Hot Search : 
101M1 GP1S73 P2805 Q6704 100AXC MAX11135 23T1A PE4352
Product Description
Full Text Search
 

To Download 4TPB680M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs compliance solid electrolytic capacitors with polymerized organic semiconductor tpb series standard products tpb series are the standard products corresponding to the diversification of the needs. feature 20 items condition characteristics endurance temperature characteristics of impedance ratio damp heat (steady state) surge operating temperature range rated capacitance range capacitance tolerance rated voltage dissipation factor (d.f.) leakage current equivalent series resistance (e.s.r. m ? max.) 105 c,2000h, rated voltage applied 100khz/+20 c 60 c,90 to 95%rh,500h, no voltage applied 105 c,1000 cycles, 1k ? discharge resistance, surge voltage applied 120hz/20 c 120hz/20 c 120hz/20 c rated voltage applied, after 5 minutes 100khz/20 c ? c/c d.f. l.c. ? c/c d.f. l.c. ? c/c d.f. l.c. ?5 c +105 c z/z 20 c z/z 20 c ?5 to +105 ( c ) 47 to 1000 ( f ) m: + _ 20% 2.5 to 10.0 ( v.dc ) 8.0 or 10.0 or 15.0 ( % ) 0.1cv ( a ) please see the attached characteristics list 1.0 to 2.0 0.6 to 1.0 within + _ 20% of the initial value 1.5 times the initial limit the initial limit within+50%,?0% of the initial value ( 2r5tpb1000m ) within+40%, ?0% of the initial value ( except for the above model ) 1.5 times the initial limit 3 times the initial limit within + _ 5% of the initial value the initial limit 3 times the initial limit l w s w1 h s rv (sv) ? 47 68 82 100 150 220 330 470 680 1000 4.0 (5.0) 6.3 (8.0) 8.0 (10.0) 10.0 (13.0) 2.5 (3.2) c d3,d3l d3l d4,d3l d4 c c,d3,d3l d3l d4,d3l d4 c c,d3,d3l d3l d3l,d4 d4 c c c d3,d3l d3l d3l,d4 d4 specifications dimensions size list size code c d3l d3 d4 w (?.2) 3.2 4.3 4.3 4.3 h (?.2) 2.8 2.8 3.1 3.8 s (?.2) 1.3 1.3 1.3 1.3 w1 (?.1) 1.8 2.4 2.4 2.4 * 1 ?.3:d3l,d4 l * 1 (?.2) 6.0 7.3 7.3 7.3 (unit: mm) t p b
rohs compliance solid electrolytic capacitors with polymerized organic semiconductor 21 characteristics list * 1 100k to 500khz,45? size code sanyo part number rated voltage (v) rated capacitance (?) d.f. (%max.) l.c. (?) max./5min. e.s.r. (m ? max.) 100khz/20? maximum allowable ripple current (marms) 100khz * 1 c 10tpb68mc 10tpb47mc 8tpb82mc 6tpb150mc 6tpb100mc 4tpb220mc 4tpb150mc 2r5tpb220mc 10.0 10.0 8.0 6.3 6.3 4.0 4.0 2.5 10.0 10.0 10.0 6.3 6.3 6.3 4.0 4.0 4.0 2.5 2.5 2.5 10.0 6.3 4.0 2.5 10.0 10.0 6.3 6.3 4.0 4.0 2.5 2.5 68 47 82 150 100 220 150 220 220 150 100 330 220 150 470 330 220 680 470 330 100 150 220 330 330 220 470 330 680 470 1000 680 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 10.0 10.0 8.0 10.0 10.0 8.0 10.0 10.0 8.0 10.0 10.0 8.0 8.0 8.0 8.0 8.0 10.0 10.0 15.0 10.0 15.0 10.0 15.0 10.0 68.0 47.0 65.6 94.5 63.0 88.0 60.0 55.0 220.0 150.0 100.0 207.9 138.6 94.5 188.0 132.0 88.0 170.0 117.5 82.5 100.0 94.5 88.0 82.5 330.0 220.0 296.1 207.9 272.0 188.0 250.0 170.0 55 55 45 45 45 45 45 45 40 40 55 40 40 55 40 40 55 40 40 55 55 55 65 65 35 40 35 40 35 40 30 40 1500 1500 1700 1700 1700 1700 1700 1700 2000 2000 1900 2000 2000 1900 2000 2000 1900 2000 2000 1900 32a 1900 1900 1500 1500 3000 3000 3000 3000 3000 3000 3000 3000 10tpb220ml 10tpb150ml 10tpb100ml 6tpb330ml 6tpb220ml 6tpb150ml 4tpb470ml 4tpb330ml 4tpb220ml 2r5tpb680ml 2r5tpb470ml 2r5tpb330ml 10tpb100m 6tpb150m 4tpb220m 2r5tpb330m 10tpb330m 10tpb220m 6tpb470m 6tpb330m 4TPB680M 4tpb470m 2r5tpb1000m 2r5tpb680m d3l d3 d4 rated temperature (?) 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 reflow temp. 260? msl reflow temp. 250? t p b


▲Up To Search▲   

 
Price & Availability of 4TPB680M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X