Part Number Hot Search : 
FJ128 2SC1623W TTINY MMSZ5226 S541A MMSZ5226 4536Z B1426
Product Description
Full Text Search
 

To Download 3900L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ac axial compact fan 3900 l ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com nominal data type 3900 l phase 1~ nominal voltage vac 115 frequency hz 60 speed min -1 1850 power input w 5.0 min. ambient temperature c -10 max. ambient temperature c 80 air flow m 3 /h 39 sound power level b 4.0 sound pressure level db(a) 27 ml = max. load me = max. efficiency fa = running at free air cs = customer specs cu = customer unit subject to alterations web data sheet xi page 1 of 4 ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com
ac axial compact fan 3900 l technical features general description ac voltage fan with internal rotor shaded-pole motor. protected from overload by impedance protection. fan housing made of metal, impeller made of mineral-reinforced pa plastic. air exhaust over bars. rotational direction counter-clockwise looking at rotor. electrical connection to 2 flat plugs 2.8 x 0.5 mm. fan housing with grounding lug for m4 screw. mass 280 g. please note our new acmaxx series. with identical fastening dimensions and voltages, this series achieves higher energy efficiency. mass 0.280 kg dimensions 92 x 92 x 25 mm material of impeller mineral-reinforced pa plastic housing material metal direction of air flow air exhaust over bars direction of rotation left, looking at rotor bearing sintec sleeve bearing system lifetime l10 at 40 c 70000 h lifetime l10 at maximum temperature 27500 h connection line 2 flat plugs 2.8 x 0.5 mm. housing with grounding lug for m4 screw. motor protection protected from overload using impedance protection approval vde, csa, ul, ce web data sheet xi page 2 of 4 ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com
ac axial compact fan 3900 l product drawing web data sheet xi page 3 of 4 ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com
ac axial compact fan 3900 l charts: air flow web data sheet xi page 4 of 4 ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com 01015 30 25 5 10 15 20 35 ? m3/h pa 25 v  p f   cfm 0,1 0,08 (in h o) 2 0,06 0,04 0,02 20 5 10 520 15


▲Up To Search▲   

 
Price & Availability of 3900L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X