Part Number Hot Search : 
SF2N4931 ADN4600 2SC3865 R2010 GXP6H VIT3080S SP8M4 M4001
Product Description
Full Text Search
 

To Download 2N7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2n7000/7002, vq1000j/p, bs170 siliconix s-52429erev. e, 28-apr-97 1 n-channel enhancement-mode mosfet transistors product summary part number v (br)dss min (v) r ds(on) max (  ) v gs(th) (v) i d (a) 2n7000 5 @ v gs = 10 v 0.8 to 3 0.2 2N7002 7.5 @ v gs = 10 v 1 to 2.5 0.115 vq1000j 60 5.5 @ v gs = 10 v 0.8 to 2.5 0.225 vq1000p 5.5 @ v gs = 10 v 0.8 to 2.5 0.225 bs170 5 @ v gs = 10 v 0.8 to 3 0.5 features benefits applications  low on-resistance: 2.5   low threshold: 2.1 v  low input capacitance: 22 pf  fast switching speed: 7 ns  low input and output leakage  low offset voltage  low-voltage operation  easily driven without buffer  high-speed circuits  low error voltage  direct logic-level interface: ttl/cmos  drivers: relays, solenoids, lamps, hammers, displays, memories, transistors, etc.  battery operated systems  solid-state relays 2N7002 (72)* *marking code for to-236 to-226aa (to-92) top view s d g 1 2 3 g to-236 (sot-23) s d top view 2 3 1 plastic: vq1000j sidebraze: vq1000p top view to-92-18rm (to-18 lead form) d s g 1 2 3 2n7000 bs170 1 2 3 4 5 6 7 14 13 12 11 10 9 8 top view dual-in-line d 1 d 4 s 1 s 4 g 1 g 4 nc nc g 2 g 3 s 2 s 3 d 2 d 3 n n n n updates to this data sheet may be obtained via facsimile by calling siliconix faxback, 1-408-970-5600. please request faxback document #70226.
2n7000/7002, vq1000j/p, bs170 2 siliconix s-52429erev. e, 28-apr-97 absolute maximum ratings (t a = 25  c unless otherwise noted) single total quad parameter symbol 2n7000 2N7002 vq1000j vq1000p vq1000j/p bs170 unit drain-source voltage v ds 60 60 60 60 60 gate-source voltageenon-repetitive v gsm  40  40  30  25 v gate-source voltageecontinuous v gs  20  20  20  20  20 continuous drain current t a = 25  c i d 0.2 0.115 0.225 0.225 0.5 (t j = 150  c) t a = 100  c i d 0.13 0.073 0.14 0.14 0.175 a pulsed drain current a i dm 0.5 0.8 1 1 power dissipation t a = 25  c p d 0.4 0.2 1.3 1.3 2 0.83 w power dissipation t a = 100  c p d 0.16 0.08 0.52 0.52 0.8 w maximum junction-to-ambient r thja 312.5 625 96 96 62.5 156  c/w operating junction and storage temperature range t j , t stg 55 to 150  c notes a. pulse width limited by maximum junction temperature. b. t p  50  s. specifications a for 2n7000 and 2N7002 limits 2n7000 2N7002 parameter symbol test conditions typ b min max min max unit static drain-source breakdown voltage v (br)dss v gs = 0 v, i d = 10  a 70 60 60 gate threshold voltage v gs(th) v ds = v gs , i d = 1 ma 2.1 0.8 3 v gate - threshold voltage v gs(th) v ds = v gs , i d = 0.25 ma 2.0 1 2.5 v ds = 0 v, v gs =  15 v  10 gate-body leakage i gss v ds = 0 v, v gs =  20 v  10 0 na v ds = 48 v, v gs = 0 v 1 zero gate voltage drain current i dss t c = 125  c 1000  a zero gate voltage drain current i dss v ds = 60 v, v gs = 0 v 1  a t c = 125  c 500 on state drain current c i d( ) v ds = 10 v, v gs = 4.5 v 0.35 0.075 a on - state drain current c i d(on) v ds = 7.5 v, v gs = 10 v 1 0.5 a v gs = 4.5 v, i d = 0.075 a 4.5 5.3 v gs = 5 v, i d = 0.05 a 3.2 7.5 drain-source on-resistance c r ds(on) t c = 125  c 5.8 13.5  v gs = 10 v, i d = 0.5 a 2.4 5 7.5   = 125  c 4.4 9 13.5 forward transconductance c g fs v ds = 10 v, i d = 0.2 a 100 80 ms common source output conductance c g os v ds = 5 v, i d = 0.05 a 0.5 ms dynamic input capacitance c iss v 25 v v 0v 22 60 50 output capacitance c oss v ds = 25 v , v gs = 0 v f = 1 mhz 11 25 25 pf reverse transfer capacitance c rss f 1 mhz 2 5 5
2n7000/7002, vq1000j/p, bs170 siliconix s-52429erev. e, 28-apr-97 3 specifications a for 2n7000 and 2N7002 limits 2n7000 2N7002 parameter symbol test conditions typ b min max min max unit switching e turn-on time t on        
    7 10 turn-off time t off     
       7 10 ns turn-on time t on        
    7 20 ns turn-off time t off     
       11 20 notes a. t a = 25  c unless otherwise noted.d. vnbf06 b. for design aid only, not subject to production testing. c. pulse test: pw  80  s duty cycle  1%. d. this parameter not registered with jedec. e. switching time is essentially independent of operating temperature. specifications a for vq1000j/p and bs170 limits vq1000j/p bs170 parameter symbol test conditions typ b min max min max unit static drain-source breakdown voltage v (br)dss v gs = 0 v, i d = 100  a 70 60 60 v gate-threshold voltage v gs(th) v ds = v gs , i d = 1 ma 2.1 0.8 2.5 0.8 3 v v ds = 0 v, v gs =  10 v  100 gate-body leakage i gss   = 125  c  500 na v ds = 0 v, v gs =  15 v  10 v ds = 25 v, v gs = 0 v 0.5 zero gate voltage drain current i dss v ds = 48 v, v gs = 0 v,   = 125  c 500  a v ds = 60 v, v gs = 0 v 10 on-state drain current c i d(on) v ds = 10 v, v gs =  v 1 0.5 a v gs = 5 v, i d =  a 4 7.5 drain source on resistance c r ds( ) v gs =  v, i d =  a 2.3 5  drain - source on - resistance c r ds(on) v gs =  v, i d =  a 2.3 5.5    = 125  c 4.2 7.6 forward transconductance c g f v ds = 10 v, i d =  a 100 forward transconductance c g fs v ds = 10 v, i d =  a 100 ms common source output conductance c g os v ds =5 v, i d = 0.05 a 0.5 dynamic input capacitance c iss v 25 v v 0v 22 60 60 output capacitance c oss v ds = 25 v , v gs = 0 v f = 1 mhz 11 25 pf reverse transfer capacitance c rss f 1 mhz 2 5
2n7000/7002, vq1000j/p, bs170 4 siliconix s-52429erev. e, 28-apr-97 specifications a for vq1000j/p and bs170 limits vq1000j/p bs170 parameter symbol test conditions typ b min max min max unit switching d turn-on time t on 
 
       
  7 10 turn-off time t off        
  
  7 10 ns turn-on time t on 
 
       
  7 10 ns turn-off time t off         
  
  7 10 notes a. t a = 25  c unless otherwise noted. vnbf06 b. for design aid only, not subject to production testing. c. pulse test: pw  80  s duty cycle  1%. d. switching time is essentially independent of operating temperature. typical characteristics (25  c unless otherwise noted) 0 0.2 0.4 0.6 0.8 1.0 0123456 0 0.2 0.4 0.6 0.8 1.0 012345678 output characteristics transfer characteristics v ds drain-to-source voltage (v) drain current (a) i d v gs = 10, 9, 8, 7 v 6.5 v v gs gate-to-source voltage (v) drain current (a) i d t a = 55  c 25  c 125  c 6 v 5.5 v 5 v 4.5 v 4 v 3.5 v 3 v 2.5 v 2, 1 v
2n7000/7002, vq1000j/p, bs170 siliconix s-52429erev. e, 28-apr-97 5 typical characteristics (25  c unless otherwise noted) 0 4 8 12 16 20 0 400 800 1200 1600 2000 2400 0 0.5 1.0 1.5 2.0 55 30 5 20 45 70 95 120 145 0 1 2 3 4 5 6 7 0 0.2 0.4 0.6 0.8 1.0 0 10 20 30 40 50 60 0 5 10 15 20 25 30 35 gate charge on-resistance vs. drain current gate-to-source voltage (v) q g total gate charge (pc) v ds drain-to-source voltage (v) c capacitance (pf) v gs c rss c oss c iss v ds = 30 v i d = 0.5 a on-resistance ( r ds(on) i d drain current (a) capacitance on-resistance vs. junction temperature v gs = 10 v, r ds @ 0.5 a t j junction temperature (  c) (normalized) on-resistance ( r ds(on) r ds @ 10 v = v gs r ds @ 5 v = v gs t j = 25  c v gs = 5 v, r ds @ 0.05 a v gs = 0 v f = 1 mhz 0.001 0.010 0.100 1.000 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 source-drain diode forward voltage on-resistance vs. gate-to-source voltage on-resistance ( r ds(on) v sd source-to-drain voltage (v) v gs gate-to-source voltage (v) source current (a) i s 0 1 2 3 4 5 6 0 2 4 6 8 101214161820 500 ma r ds = 50 ma       t j = 25  c t j = 125  c
2n7000/7002, vq1000j/p, bs170 6 siliconix s-52429erev. e, 28-apr-97 typical characteristics (25  c unless otherwise noted) threshold voltage t j temperature (  c) 0.75 0.50 0.25 0.00 0.25 0.50 50 25 0 25 50 75 100 125 150 i d = 250  a variance (v) v gs(th) 10 k duty cycle = 0.5 0.2 0.1 0.05 0.02 single pulse 1 0.01 0.1 0.01 0.1 1 100 10 1 k normalized effective transient thermal impedance, junction-to-ambient (to-226aa, bs170 only) normalized effective transient thermal impedance t 1 square wave pulse duration (sec) 1. duty cycle, d = 2. per unit base = r thja = 156  c/w 3. t jm t a = p dm z thja (t) t 1 t 2 t 1 notes: p dm t 2


▲Up To Search▲   

 
Price & Availability of 2N7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X