Part Number Hot Search : 
111505 T6020 SP706S DS123 F421L CPC1726 DSWM5077 LBS12033
Product Description
Full Text Search
 

To Download 2506036007Z0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2506036007Z0 printed: 2010-11-09 part number: 2506036007Z0 frequency range: low current description: multi-layer chip bead application: suppression components where used: board component part type: chip beads preferred part: mechanical specifications weight: .006 (g) part type information fair-rite offers a broad selection of cost effective multi-layer chip beads to suppress conducted emi signals. chip beads can be used in an array of devices such as cellular phones, computers, laptops, pagers, etc. the small package sizes accommodate automated placements and allow for a dense packaging of circuit boards. chip beads are 100% tested for impedance and dc resistance. they are available in standard, high and ghz signal speeds. the multi-layer chip beads are organized by increasing package size and current carrying capacity. -all multi-layer chip beads are supplied taped and reeled, if required bulk packed chip beads can be provided. -the impedance values listed are typical values. the nominal impedance with a 25% tolerance is specified for the + marked 100 mhz. chip beads are measured for impedance on the hp 4291a and fixture hp 16192a. -chip beads have plated contacts, 100% tin over a nickel undercoating. they can accommodate both reflow and wave soldering technologies. -the suggested land patterns are in accordance to the latest revision of ipc-7351. -recommended storage and operating temperature range is -55c to 125c. -our 'chip bead kit' (part number 0199000018) is available for prototype evaluation.
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2506036007Z0 printed: 2010-11-09 mechanical specifications dim mm mm nominal inch tol inch misc. a 0.80 0.15 0.031 - b 0.80 0.15 0.031 - c 1.60 0.15 0.063 - d 0.40 0.20 0.016 - e - - - - f - - - - g - - - - h - - - - j - - - - k - - - - land patterns v w x y z ref 0.600 1.700 1.000 1.100 - 0.024 0.067 0.039 0.043 - winding information turns wire 1st wire 2nd wire tested size length length - - - - reel information tape width pitch parts 7 '' parts 13 '' parts 14 '' mm mm reel reel reel 8 4 4000 10000 - package size pkg size 0603 (1608) electrical specifications typical impedance ( ) 50 mhz 28 100 mhz+ 60 25% 500 mhz 145 1000 mhz+ - connector plate # holes # rows - - electrical properties signal speed high max dcr ( ) 0.25 max current (ma) 450 legend + test frequency preferred parts, the suggested choice for new designs,have shorter lead times and are more readily available. the column h(oe) gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. the actual dc h field in the application is this value of h times the actual ni (ampere-turn) product. for the effect of the dc bias on the impedance of the bead material, see figures 18-23 in the application note how to choose ferrite components for emi suppression. a ? turn is defined as a single pass through a hole. l/a - core constant l e : effective path length a e : effective cross-sectional area v e : effective core volume a l - inductance factor ( l __ n 2 ) nl - value of dc ampere-turns n/awg - number of turns/wire size for test coil
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2506036007Z0 printed: 2010-11-09


▲Up To Search▲   

 
Price & Availability of 2506036007Z0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X