199d www.vishay.com vishay sprague revision: 29-nov-12 1 document number: 40020 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solid-electrolyte t antalex ? capacitors, resin-coated, radial-lead features ? terminations: tin/lead (snpb), 100 % tin (sn) ? economy and high performance are combined in these radial-lead, solid-electrolyte t antalex ? capacitors ? rugged, reliable capacitors featuring low leakage current and low dissipation factor ? six miniature case sizes and fi ve lead styles. all case sizes are available in standard ta pe and reel packaging per eia-468 ? standard ratings include replacements for type 196d capacitors ? lead (pb)-free capacitors have l in body marking ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note * lead (pb)-containing terminations are not rohs-compliant. exemptions may apply. applications suitable for a broad range of consumer, commercial and industrial equipment performance characteristics operating temperature: - 55 c to + 85 c (to + 125 c with voltage derating) capacitance tolerance: at 120 hz, + 25 c, 20 %, 10 % standard. 5 % available as special dissipation factor: at 120 hz, + 25 c. dissipation factor, shall not exceed the values listed in the standard ratings tables. dc leakage current (dcl max.): at + 25 c: leakage current shall not exceed the values listed in the standard ratings tables. at + 85 c: leakage current shall not exceed 10 times the values listed in the st andard ratings tables. at + 125 c: leakage shall not exceed 15 times the values listed in the standard ratings tables. life test: capacitors shall with stand rated dc voltage applied at + 85 c for 1000 h with a circuit resistance not greater than 3 ? . following the life test: 1. dcl shall not exceed 125 % of the initial requirements 2. dissipation factor shall m eet the initial requirement 3. change in capacitance shall not exceed 10 % lead style configurat ions and dimensions** (ll = lead length) available lead styles and packaging types per case size lead style/case123 4 5679xyz a bulk v1 bulk v1 reel b1 ammo a1 bulk v1 reel b1 ammo a1 bulk v1 reel b1 ammo a1 bulk v1 reel b1 ammo a1 bulk v1 reel b1 ammo a1 bulk v1 reel b1 ammo a1 bulk v1 bulk v1 reel b1 ammo a1 b c d e bulk v1 bulk/reel ammo f ?long/short? ll 1, 3 and y + + l d h 3 1 p + + l d h p even ll 2, 4 and 5 ?outside hockeystick? 6 and 7 d h 1 p l + + ?snap - in? 9 h l d 1.1 0.05 p + + ?hairpin? x, z h 1 d h l p 6.35 max. (1) - wire diameter (nominal) 0.020" [0.51 mm]
199d www.vishay.com vishay sprague revision: 29-nov-12 2 document number: 40020 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? lead space measured within 0.05" [1.27 mm] of the bo dy of the capacitor or fr om the bottom of the crimp. note (1) see lead styles table. dimensions in inches [millimeters] lead style 1, 2, 3, 4 1, 2, 3 2, 4 5, y 6 case d max. p 0.024 [0.60] h max. l min. l 0.118 [3.0] p 0.03 [0.76] l 0.118 [3.0] p 0.024 [0.60] h 1 max. l a 0.173 [4.40] 0.100 [2.54] 0.280 [7.11] 0.591 [15.0] 0.748 [19.0] 0.125 [3.18] 0.748 [19.0] 0.200 [5.08] 0.378 [9.61] 0.240 0.030 [6.1 0.76] b 0.197 [5.00] 0.300 [7.62] 0.398 [10.12] c 0.217 [5.50] 0.360 [9.14] 0.458 [11.64] d 0.236 [6.00] 0.400 [10.16] 0.498 [12.66] e 0.339 [8.60] 0.200 [5.08] 0.492 [12.50] -- 0.591 [15.00] 1 0.122 [25.4 3.1] f 0.378 [9.60] 0.650 [16.50] -- 0.748 [19.00] dimensions in inches [millimeters] lead style 7, 9 7 9 x, z x z case d max. p 0.024 [0.60] h 1 max. l 0.03 [0.76] p 0.024 [0.60] h 1 max. l 0.03 [0.76] d max. h max. h 1 max. l 0.125 p 0.024 p 0.024 a 0.173 [4.40] 0.25 [6.35] 0.378 [9.61] 0.240 [6.10] 0.200 [5.08] 0.398 [10.11] 0.240 [6.10] 0.173 [4.40] 0.280 [7.11] 0.340 [8.64] 0.750 [19.05] 0.100 [2.54] 0.125 [3.175] b 0.197 [5.00] 0.398 [10.12] 0.418 [10.62] 0.197 [5.00] 0.300 [7.62] 0.360 [9.14] c 0.217 [5.50] 0.458 [11.64] 0.478 [12.14] 0.217 [5.50] 0.360 [9.14] 0.420 [10.67] d 0.236 [6.00] 0.498 [12.66] 0.518 [13.16] 0.236 [6.00] 0.400 [10.16] 0.460 [11.68] ordering information 199d 475 x9 003 a 1 (1) v1 e3 model capacitance capacitance tolerance dc voltage rating at + 85 c case code lead style packaging rohs compliant this is expressed in picofarads. the first two digits are the significant figures. the third is the number of zeros to follow. x0 = 20 % x9 = 10 % ** x5 = 5 % ** special order this is expressed in v. to complete the three-digit block, zeros precede the voltage rating. a decimal point is indicated by an r (6r3 = 6.3 v). see ratings and case codes table. v1 = bulk b1 = tape and reel a1 = ammo e3 = 100 % tin termination (rohs compliant) blank = tin/lead termination
199d www.vishay.com vishay sprague revision: 29-nov-12 3 document number: 40020 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 199d obsolete vs. current ordering cross reference obsolete new description a1 1v1 0.100 sp, uneven straight ll, bulk cases a - d a1 3v1 0.200 sp, uneven straight ll, bulk, cases e, f a1 2v1 0.100 sp, even straight ll, bulk, cases a - d a6 2b1 0.100 sp, even straight ll, reel positive leader, cases a - d a6 2a1 0.100 sp, even straight ll, ammo, cases a - d a1 4v1 0.200 sp, even straight ll, bulk, cases e, f a6 4b1 0.200 sp, even straight ll, reel positive leader, cases e, f a6 4a1 0.200 sp, even straight ll, ammo, cases e, f a2 5v1 0.125 sp, even straight ll, bulk, cases a - d a7 5b1 0.125 sp, even straight ll, reel positive leader, cases a - d a7 5a1 0.125 sp, even straight ll, ammo, cases a - d a2 yv1 0.125 sp, uneven straight ll, bulk, cases a - d b1 xv1 0.100 sp, hairpin ll, bulk cases a - d b6 xb1 0.100 sp, hairpin ll, reel positive leader, cases a - d b6 xa1 0.100 sp, hairpin ll, ammo, cases a - d b2 zv1 0.125 sp, hairpin ll, bulk, cases a - d b7 zb1 0.125 sp, hairpin ll, reel positive leader, cases a - d b7 za1 0.125 sp, hairpin ll, ammo, cases a - d e2 6v1 0.200 sp, hockey stick ll, bulk, cases a - f e7 6b1 0.200 sp, hockey stick ll, reel positive leader, cases a - f e7 6a1 0.200 sp, hockey stick ll, ammo, cases a - f e3 7v1 0.250 sp, hockey stick ll, bulk, cases a - d e8 7b1 0.250 sp, hockey stick ll, reel positive leader, cases a - d e8 7a1 0.250 sp, hockey stick ll, ammo, cases a - d e4 obsolete g2 9v1 0.200 sp, snap-in ll, bulk, cases a - d g7 9b1 0.200 sp, snap-in ll, reel positive leader, cases a - d g7 9a1 0.200 sp, snap-in ll, ammo, cases a - d
199d www.vishay.com vishay sprague revision: 29-nov-12 4 document number: 40020 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) 3 v dc at + 85 c, surge = 3.6 v; 2 v dc at + 125 c, surge = 2.4 v 4.7 a 199d475(1)003a(2)(3) 0.5 6 6.8 a 199d685(1)003a(2)(3) 0.5 6 10 a 199d106(1)003a(2)(3) 0.5 8 15 a 199d156(1)003a(2)(3) 0.5 8 22 b 199d226(1)003b(2)(3) 0.6 8 33 b 199d336(1)003b(2)(3) 1.0 8 47 c 199d476(1)003c(2)(3) 1.4 8 68 c 199d686(1)003c(2)(3) 2.0 8 100 d 199d107(1)003d(2)(3) 3.0 10 150 d 199d157(1)003d(2)(3) 4.0 10 220 e 199d227(1)003e(2)(3) 5.0 10 330 e 199d337(1)003e(2)(3) 6.0 10 470 f 199d477(1)003f(2)(3) 8.0 10 680 f 199d687(1)003f(2)(3) 10.0 10 6.3 v dc at + 85 c, surge = 8 v; 4 v dc at + 125 c, surge = 5 v 4.7 a 199d475(1)6r3a(2)(3) 0.5 6 6.8 a 199d685(1)6r3a(2)(3) 0.5 6 10 b 199d106(1)6r3b(2)(3) 0.6 8 15 b 199d156(1)6r3b(2)(3) 0.9 8 22 c 199d226(1)6r3c(2)(3) 1.3 8 33 c 199d336(1)6r3c(2)(3) 2.0 8 47 d 199d476(1)6r3d(2)(3) 2.9 8 68 d 199d686(1)6r3d(2)(3) 4.0 8 100 d 199d107(1)6r3d(2)(3) 5.0 10 150 e 199d157(1)6r3e(2)(3) 6.0 10 220 e 199d227(1)6r3e(2)(3) 7.0 10 330 f 199d337(1)6r3f(2)(3) 8.0 10 10 v dc at + 85 c, surge = 13 v; 7 v dc at + 125 c, surge = 9 v 3.3 a 199d335(1)010a(2)(3) 0.5 6 4.7 a 199d475(1)010a(2)(3) 0.5 6 6.8 b 199d685(1)010b(2)(3) 0.6 6 10 b 199d106(1)010b(2)(3) 1.0 8 15 c 199d156(1)010c(2)(3) 1.5 8 22 c 199d226(1)010c(2)(3) 2.0 8 33 d 199d336(1)010d(2)(3) 3.0 8 39 d 199d339(1)010d(2)(3) 3.9 8 47 d 199d476(1)010d(2)(3) 4.0 8 68 d 199d686(1)010d(2)(3) 5.0 8 100 e 199d107(1)010e(2)(3) 6.0 10 150 e 199d157(1)010e(2)(3) 7.0 10 220 f 199d227(1)010f(2)(3) 8.0 10 16 v dc at + 85 c, surge = 20 v; 10 v dc at + 125 c, surge = 12 v 2.2 a 199d225(1)016a(2)(3) 0.5 6 3.3 a 199d335(1)016a(2)(3) 0.5 6 4.7 b 199d475(1)016b(2)(3) 0.7 6 6.8 b 199d685(1)016b(2)(3) 1.0 6 10 c 199d106(1)016c(2)(3) 1.5 8 15 c 199d156(1)016c(2)(3) 2.4 8 22 d 199d226(1)016d(2)(3) 3.5 8 33 d 199d336(1)016d(2)(3) 4.0 8 47 e 199d476(1)016e(2)(3) 5.0 8 68 e 199d686(1)016e(2)(3) 6.0 8 100 f 199d107(1)016f(2)(3) 7.0 10 150 f 199d157(1)016f(2)(3) 8.0 10 note ? part number definitions: (1) for capacitance tolerance: x0 = 20 %, x9 = 10 % or x5 = 5 % (2) to specify lead style/spacing/packaging insert the last thre e characters in the part number. use the appropriate code shown in the current ordering cross reference table and explained in the ordering information and lead styles table. (3) e3 = rohs compliant 100 % tin leads. blank or no suffix = standard tin/lead termination.
199d www.vishay.com vishay sprague revision: 29-nov-12 5 document number: 40020 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 20 v dc at + 85 c, surge = 26 v; 13 v dc at + 125 c, surge = 16 v 3.3 b 199d335(1)020b(2)(3) 0.8 6 4.7 b 199d475(1)020b(2)(3) 1.0 6 6.8 c 199d685(1)020c(2)(3) 1.5 6 10 c 199d106(1)020c(2)(3) 2.0 8 15 d 199d156(1)020d(2)(3) 2.5 8 22 d 199d226(1)020d(2)(3) 3.0 8 33 e 199d336(1)020e(2)(3) 4.0 8 47 e 199d476(1)020e(2)(3) 5.0 8 68 f 199d686(1)020f(2)(3) 6.0 8 100 f 199d107(1)020f(2)(3) 7.0 10 25 v dc at + 85 c, surge = 33 v; 17 v dc at + 125 c, surge = 21 v 1.0 a 199d105(1)025a(2)(3) 0.5 4 1.5 a 199d155(1)025a(2)(3) 0.5 6 2.2 a 199d225(1)025a(2)(3) 0.5 6 3.3 b 199d335(1)025b(2)(3) 0.8 6 4.7 b 199d475(1)025b(2)(3) 1.0 6 6.8 c 199d685(1)025c(2)(3) 1.5 6 10 c 199d106(1)025c(2)(3) 2.5 8 15 d 199d156(1)025d(2)(3) 3.0 8 22 d 199d226(1)025d(2)(3) 4.0 8 33 e 199d336(1)025e(2)(3) 5.0 8 47 e 199d476(1)025e(2)(3) 6.0 8 68 f 199d686(1)025f(2)(3) 7.0 8 35 v dc at + 85 c, surge = 46 v; 23 v dc at + 125 c, surge = 28 v 0.10 a 199d104(1)035a(2)(3) 0.5 4 0.15 a 199d154(1)035a(2)(3) 0.5 4 0.22 a 199d224(1)035a(2)(3) 0.5 4 0.33 a 199d334(1)035a(2)(3) 0.5 4 0.47 a 199d474(1)035a(2)(3) 0.5 4 0.68 a 199d684(1)035a(2)(3) 0.5 4 1.0 a 199d105(1)035a(2)(3) 0.5 4 1.5 a 199d155(1)035a(2)(3) 0.5 6 1.8 b 199d185(1)035b(2)(3) 0.7 6 2.2 b 199d225(1)035b(2)(3) 0.7 6 3.3 b 199d335(1)035b(2)(3) 1.0 6 4.7 c 199d475(1)035c(2)(3) 1.5 6 6.8 d 199d685(1)035d(2)(3) 2.3 6 10 d 199d106(1)035d(2)(3) 3.5 8 15 e 199d156(1)035e(2)(3) 4.0 8 22 e 199d226(1)035e(2)(3) 5.0 8 33 f 199d336(1)035f(2)(3) 6.0 8 47 f 199d476(1)035f(2)(3) 7.0 8 50 v dc at + 85 c, surge = 65 v; 33 v dc at + 125 c, surge = 40 v 0.10 a 199d104(1)050a(2)(3) 0.5 4 0.15 a 199d154(1)050a(2)(3) 0.5 4 0.22 a 199d224(1)050a(2)(3) 0.5 4 0.33 a 199d334(1)050a(2)(3) 0.5 4 0.47 a 199d474(1)050a(2)(3) 0.5 4 0.68 a 199d684(1)050a(2)(3) 0.5 4 1.0 b 199d105(1)050b(2)(3) 0.5 4 1.5 c 199d155(1)050c(2)(3) 0.7 6 2.2 c 199d225(1)050c(2)(3) 1.1 6 3.3 d 199d335(1)050d(2)(3) 1.5 6 4.7 d 199d475(1)050d(2)(3) 2.0 6 6.8 f 199d685(1)050f(2)(3) 3.0 6 10 f 199d106(1)050f(2)(3) 4.0 8 15 f 199d156(1)050f(2)(3) 5.0 8 22 f 199d226(1)050f(2)(3) 6.0 8 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) note ? part number definitions: (1) for capacitance tolerance: x0 = 20 %, x9 = 10 % or x5 = 5 % (2) to specify lead style/spacing/packaging insert the last thre e characters in the part number. use the appropriate code shown in the current ordering cross reference table and explained in the ordering information and lead styles table. (3) e3 = rohs compliant 100 % tin leads. blank or no suffix = standard tin/lead termination.
199d www.vishay.com vishay sprague revision: 29-nov-12 6 document number: 40020 for technical ques tions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? lead space measured within 0.05" [1.27 mm] of the body of the capacitor, or from the bottom of the crimp. lead style a may b e supplied with 0.59" [15 mm] anode lead and 0.47" [12 mm] cathode lead. tape and reel packaging: type 199d radial-leaded tantalum capacitors, all lead styles exept 1, 3 and y are available taped and reeled per eia-468. standard reel packaging specifications per eia-468 in inches [millimeters] case code obsolete lead style lead spacing ll min. (bulk) a, b, c, d a1, a6 1v1 (bulk), 2b1 (t and r) 0.100 + 0.024/- 0.016 [2.54 + 0.60/- 0.40] 0.187 [4.7] a, b, c, d b1, b6 xv1 (bulk), xb1 (t and r) 0.100 + 0.024/- 0.016 [2.54 + 0.60/- 0.40] 0.187 [4.7] a, b, c, d, e, f e2, e7 6v1 (bulk), 6b1 (t and r) 0.200 + 0.024/- 0.016 [5.08 + 0.06/- 0.40] 0.187 [4.7] case code a b c d e f quantity per box bulk 1000 500 100 quantity per box ammopack 2500 2000 1500 1000 500 quantity per reel 1000 500 0.118 [3.0] max. 0.0354 + 0.030 - 0.020 [8.99 + 0.762 - 0.508] 0.500 0.012 [12.70 0.305] 0.728 0.020 [18.49 0.508] lead configuration 2, 4, 5 1.270 [32.26] max. carrier tape adhesive tape see lead style/spacing table for lead spacing 0.630 0.020 [16.0 0.508] lead configuration 6.7 lead diameter lead configuration x, z
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
|