Part Number Hot Search : 
156M0 AN78L06 MC68HC90 SD1A05H CJ3406 MAX149 S2930S 1N60T
Product Description
Full Text Search
 

To Download 1688586 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v ariosub-rj45/ip20 was developed for using rj45 plug connectors in harsh industrial environments. with it, devices for industrial ethernet can also utilize the standard plug connectors of the it world. the variosub-rj45/ip20 plug connector is suitable for use on devices, infrastructural components and control cabinets. it ful?ls the requirements of iaona for use in light duty areas and is suitable for f ast ethernet transmission at 100 mbit/s. various f emale inserts and panel mounting frames are av ailable for the equipment side, while there is a sleeve housing and a male insert for the conductor side. the female inserts for pcb mounting and the panel mounting frames are built to the standard pitch dimension, which means existing pcb layouts can continue to be used and space-saving equipment designs are possible. in addition, commercially av ailable male inserts can still be used. in this case, there is no need for adapter cables or other special solutions during startup and servicing. the sleeve with its push-pull locking system safeguards the connection against mechanical stress, shocks and vibration. also, it makes it possible to use cables with a diameter from 5 to 8.5 mm and a core cross section from awg 24 to awg 26 as solid or stranded conductors. this locking method saves space and provides ease of accessibility. it can be operated without tools and, when locked, provides the ip 20 degree of protection. v ariosub rj45/ip20 plug connectors phoenix contact gmbh & co. kg ?32823 blomberg, germany phone +49 52 35 3-00 ?fax +49 52 35 3-4 12 00 ?www.phoenixcontact.com
phoenix contact page 2 of 7             description t ype order no. pcs./pkt. plastic sleeve housing , with push-pull locking to the panel mounting frame vs-8-t-rj45/ip 20 16 88 63 8 5 te c hnical data t emperature range [?] -40 to +85 material pa in?mmability class acc. to ul 94 v0 v ariosub rj45/ip20 sleeve housings dimensional drawing; vs-8-rj45 description t ype order no. pcs./pkt. male insert rj45 , 8-pos., with idc connection system vs-8-st-rj45 16 88 57 3 5 accessories crimping pliers , without die die for variosub rj45 male insert crimpfox-lc crimpfox-lc-rj 45 s 12 06 69 6 12 07 42 0 1 te c hnical data number of positions 8 nominal voltage/nominal current [v] / [a] 60 / 1 t ransmission rate [mbit/s] 100 surge voltage category ii contamination class 2 core diameter [mm 2 ] / aw g 0.14 - 0.25 / 24 - 22 cable diameter [mm] 5 ?8.5 t emperature range [?] -40 to +85 in?mmability class acc. to ul 94 v0 v ariosub rj45 male insert
phoenix contact page 3 of 7 description t ype order no. pcs./pkt. female insert rj45 , 8-pos. 1-pos. 2-pos. 4-pos. 6-pos. 8-pos. vs-8-bu-rj45/lp-1 vs-8-bu-rj45/lp-2 vs-8-bu-rj45/lp-4 vs-8-bu-rj45/lp-6 vs-8-bu-rj45/lp-8 16 88 58 6 16 88 59 9 16 88 60 9 16 88 61 2 16 88 62 5 5 te c hnical data number of positions 8 nominal voltage/nominal current [v] / [a] 60 / 1 t ransmission rate [mbit/s] 100 surge voltage category ii contamination class 2 t emperature range [?] -40 to +85 in?mmability class acc. to ul 94 v0 v ariosub rj45 female inserts for pcb assembly 2,54 0,64 0,89 1,27 13,97 5,7 7,75 8,06 1,57 3,25 10,8 3,05 8,89 6,35 9 13,97 a 14,87 20,87 12,3 3,2 drilling plan: vs-8-bu-rj 45/lp-... dimensional drawing: vs-8-a-rj45/lp-...-ip 20 description dim. a [mm] (see dim. drawing) t ype order no. pcs./pkt. p anel mounting frame rj45 , without ?ing screws 1-pos. 2-pos. 4-pos. 6-pos. 8-pos. 31.97 45.94 73.88 101.82 129.76 vs-8-a-rj45/lp-1-ip 20 vs-8-a-rj45/lp-2-ip 20 vs-8-a-rj45/lp-4-ip 20 vs-8-a-rj45/lp-6-ip 20 vs-8-a-rj45/lp-8-ip 20 16 88 64 1 16 88 65 4 16 88 66 7 16 88 67 0 16 88 68 3 5 te c hnical data material pa t emperature range [?] -40 to +85 in?mmability class acc. to ul 94 v0 v ariosub rj45/ip20 p anel mounting frames for female inserts for pcb assembly
phoenix contact page 4 of 7 description t ype order no. pcs./pkt. female insert rj45 , 8.pos. f em. conn. to fem. conn. f em. conn. to cable (lsa) vs-08-bu-rj45/bu vs-08-bu-rj45/ka/lsa 16 89 06 4 16 89 45 9 5 te c hnical data number of positions 8 nominal voltage/nominal current [v] / [a] 60 / 1 t ransmission rate [mbit/s] 100 surge voltage category ii contamination class 2 t emperature range [?] -40 to +85 in?mmability class acc. to ul 94 v0 v ariosub rj45 modular female inserts description t ype order no. pcs./pkt. p anel mounting frame rj45/ip20 , without ?ing screws, f or modular female inserts 1-pos. vs-08-a-rj45/mod-1-ip20 16 89 43 3 5 te c hnical data material pa t emperature range [?] -40 to +85 in?mmability class acc. to ul 94 v0 v ariosub rj45/ip20 p anel mounting frames for female inserts vs-08-bu-rj45/bu vs-08-bu-rj45/ka/lsa 14,87 30 20,87 35,5 9,83 13,33 12,3 22,5 3,2 dimensional drawing: vs-8-a-rj45/mod-1-ip 20
phoenix contact page 5 of 7 description color t ype order no. pcs./pkt. cat 5-s/utp cable (j-02ys(st)c hp 2 x 2 x 24 awg), heavy-duty installation cable 2 x 2 x 0.22 mm 2 , solid conductor, shielded, outer sheath: ? 7.8 mm , inner sheath: ? 5.2 mm fl cat5 heavy 27 44 81 4 1 cat 5-s/utp cable (j-li02ys(st)c h 2 x 2 x 26 awg) , light-duty ?xible installation cable 2 x 2 x 0.14 mm 2 , stranded, shielded, outer sheath: ? 5.2 mm fl cat5 flex 27 44 83 0 1 cat 5-s/utp cable, (j-li02ys(st)c h 4 x 2 x 26 awg) , light-duty ?xible installation cable 4 x 2 x 0.14 mm 2 , stranded, shielded, outer sheath: ? 5.2 mm vs-cat5-4x2x26awg 16 52 10 1 1 preassembled cable, preassembled at both ends with variosub rj45 or rj45 connector, (see ordering example) 1 ) vs-rj45 conf/ 16 89 34 9 1 accessories bend-protection sleeve 2 ), for male insert vs-08-st-rj45, if no variosub sleeve is used gray g reen vs-08-ks/gr vs-08-ks/gn 16 89 21 3 16 89 22 6 5 crimping pliers , without die die for variosub rj45 male insert crimpfox-lc crimpfox-lc-rj 45 s 12 06 69 6 12 07 42 0 1 1 )m inimum length: 0.2 m, maximum length: 50 m flex, 100 m heavy, minimum order quantity: 10 pcs.; steps: 0.1 m 2 )w e recommend the gray color for connections that are not crossed (line = li) and the green color for crossed connections (crossover = co). v ariosub ethernet cables ordering example f or cable with connector assembly heavy-duty installation cable, preassembled at one end with the variosub-rj45/ip67 connector and at the other end with a standa rd rj45 connector and a green bend- protection sleeve as crossover connection, 3.5 m long qty. order no. cable type connection head 1 head 2 cable type length of ca- b le in meters 1 16 89 34 9 vs-rj45 conf / co / vs ip67 / rj45 / ch / 3,5 crossover line co li vs-rj45 ip67 vs-rj45 ip20 rj-45 vs ip67 vs ip20 rj45 vs-rj45 ip67 vs-rj45 ip20 rj-45 vs ip67 vs ip20 rj45 fl cats heavy fl cats flex ch cf
phoenix contact page 6 of 7 description cable length [m] t ype order no. pcs./pkt. ethernet cable , daetwyler uninet 5502 ?x, 4 x 2-pair, with sleeve housing vs-08-t-rj45/ip67 at both ends, shielded, preassembled, connection not crossed (line) 1 2 5 vs-08-vs67-vs67/4p-awg26-of/1,0 vs-08-vs67-vs67/4p-awg26-of/2,0 vs-08-vs67-vs67/4p-awg26-of/5,0 16 89 37 8 16 89 38 1 16 89 39 4 1 ethernet cable , daetwyler uninet 5502 ?x, 4 x 2-pair, with sleeve housing vs-08-t-rj45/ip67 and rj45 connector with bend-protection sleeve, shielded, preassembled, connection not crossed (line) 1 2 5 vs-08-vs67-rj45/4p-awg26-of/1,0 vs-08-vs67-rj45/4p-awg26-of/2,0 vs-08-vs67-rj45/4p-awg26-of/5,0 16 89 40 4 16 89 41 7 16 89 42 0 1 ethernet cable , vs-cat5-4x2x26awg, 4 x 2-pair, with sleeve housing vs-08-t-rj45/ip67 at both ends, shielded, preassembled, connection not crossed (line) 1 2 5 vs-08-vs67-vs67/4p-awg26-cf/1,0 vs-08-vs67-vs67/4p-awg26-cf/2,0 vs-08-vs67-vs67/4p-awg26-cf/5,0 16 52 01 7 16 52 02 0 16 52 03 3 1 ethernet cable , vs-cat5-4x2x26awg, 4 x 2-pair, with sleeve housing vs-08-t-rj45/ip67 and rj45 connector with bend- protection sleeve, shielded, preassembled, connection not crossed (line) 1 2 5 vs-08-vs67-rj45/4p-awg26-cf/1,0 vs-08-vs67-rj45/4p-awg26-cf/2,0 vs-08-vs67-rj45/4p-awg26-cf/5,0 16 52 04 6 16 52 05 9 16 52 06 2 1 v ariosub ethernet cables, preassembled rj45 vs?j45-ip67 vs?j45-ip67
phoenix contact page 7 of 7 ? phoenix contact 24.04.02 tnr:5124282-02 www.phoenixcontact.com description types of plug connectors to cable ends t ype order no. pcs./pkt. ethernet cable , p atch cable fl cat5 flex, 2 x 2-pair, shielded, preassembled, connection not crossed (line), length: 5 m vs-rj45/ip67 vs-rj45/ip67 vs-rj45/ip67 vs-rj45/ip20 vs-rj45/ip67 rj45 vs-rj45/ip20 vs-rj45/ip20 vs-rj45/ip20 rj45 rj45 rj45 vs-08-li-vsip67-vsip67-cf-5,0 vs-08-li-vsip67-vsip20-cf-5,0 vs-08-li-vsip67-rj45-cf-5,0 vs-08-li-vsip20-vsip20-cf-5,0 vs-08-li-vsip20-rj45-cf-5,0 vs-08-li-rj45-rj45-cf-5,0 16 89 57 2 16 89 58 5 16 89 59 8 16 89 60 8 16 89 61 1 16 89 62 4 1 v ariosub ethernet cables, patch cables, preassembled rj45 vs?j45-ip67 vs?j45-ip20


▲Up To Search▲   

 
Price & Availability of 1688586

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X