Part Number Hot Search : 
BRF10 89C51 03DH35 BU2525 SR503 LM336 X86C64SI PBSS535
Product Description
Full Text Search
 

To Download 10-18-1064 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/29/2012 please check www.molex.com for latest part information part number: 10-18-1064 status: active overview: standard .093" description: 2.36mm diameter standard .093" pin and socket header, shrouded, 6 circuits, 1 female terminal, 5 male terminals documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 3099 application power, wire-to-board comments solder type|round pin overview standard .093" product name standard .093" physical breakaway no circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 25 flammability 94v-2 glow-wire compliant no lock to mating part yes material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin polyester number of rows 3 orientation vertical pc tail length 4.32mm pcb locator yes pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 5.03mm plating min - mating 1.270m plating min - termination 1.270m polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 5a voltage - maximum 250v material info series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 3099 series mates with 03091061 , 03091064
old part number 3099-0605 reference - drawing numbers sales drawing sda-3099-*6** this document was generated on 03/29/2012 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 10-18-1064

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X