Part Number Hot Search : 
74HC174D MIC2290 MIC2290 18TRU DG643DY XR47K165 Y7C106 1N5229A
Product Description
Full Text Search
 

To Download 072006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ltt series torque, angle & force analyzer with arcii technology torquelab ltt 01.3 torque analyzers recommended for all hand screwdrivers, wrenches, or power tools. key features features a built-in transducer and can connect to an external transducer. ltt10i ltt25i ltt50i ltt100i ltt250i ltt50f ltt100f ltt250f torque ranges item # 11.3 - 113 cn.m 28.25 - 282.5 cn.m 56.5 - 565 cn.m 113 - 1130 cn.m 282.5 - 2825 cn.m 6.8 - 67.8 n.m 13.56 - 135.6 n.m 33.9 - 339 n.m s.i. 1 - 10 lbf.in 2.5 - 25 lbf.in 5 - 50 lbf.in 10 - 100 lbf.in 25 - 250 lbf.in 5 - 50 lbf.ft 10 - 100 lbf.ft 25 - 250 lbf.ft american model 068400 068401 068402 068403 068404 068405 068406 068407 1.2 - 11.5 kgf.cm 2.9 - 28.8 kgf.cm 5.8 - 57.6 kgf.cm 11.5 - 115 kgf.cm 28.8 - 288 kgf.cm 0.7 - 6.9 kgf.m 1.4 - 13.8 kgf.m 3.5 - 34.5 kgf.m 1/4" f/sq 1/4" f/sq 1/4" f/sq 1/4" f/sq 1/4" f/sq 3/8" f/sq 1/2" f/sq 1/2" f/sq drive size 8 lbs. 8 lbs. 8 lbs. 8 lbs. 8 lbs. 8 lbs. 8 lbs. 8 lbs. wt. metric note! since a tester cannot always duplicate actual joint characteristic, the torque reading displayed on the ltt may vary from the actual torque that a tool will apply to a joint. when critical assemblies are involved, the torque output of the power tool being used should be verified on the actual assembly using a calibrated measuring torque tool. accessories included universal charger (100 - 240vac) usb cable mountz software programs run down adapter case selection of six operation modes: track, peak, first peak, audit, spindle audit, and torque + angle seven units of torque measurements: ozf.in, lbf.in, lbf.ft, cn.m, n.m, kgf.m, kgf.cm two units of force measurement: lbf and kn features built-in tool tests operation. includes three pc windows based software programs: mountz torque meter interface program for sensor calibrations, meter calibration and tool tests. torque meter bootloader for updating the ltt operating systems. excel add-in for real-time data collection into an excel spreadsheet. it provides statistics calculations. five low-pass filters: 3000, 2000, 1500, 500, and 200hz six-digit display and easy to read menu structure. real time clock for time stamping of readings. usb interface to download readings to pc. high capacity li-ion batteries for long life (30 hours with standard transducers and 16 hours with brushless rotary). can connect to most mv/v transducers and can store calibration data for up to 50 non-smart torque sensors. the 5vdc capability allows unit to be used with a brushless rotary transducer for testing pulse tools and high rpm tools. features go / no go leds that illuminate when high or low setting is achieved. real time graph of torque vs. time using associated pc windows software. stores a total of 5000 data points. torque and angle data is displayed simultaneously when used with torque and angle transducers, up to 8000 rpm for angle measurement. transducer rtsx-a all blrtsx models bmx lpx sdx rtsx etx cable chart 072000 072001 072002 072003 072004 072005 072006 cable item # accuracy 0.5% of reading from 20% to 100% of full scale. accuracy 1% of reading from 10% to 20% of full scale. provides ez-plug & play with mountz transducers, features arcii technology, an instant auto-recognition system of the transducer connected to the ltt. flash memory allows upgrades to be done by the user in the field & internet through the usb port. item # 770300 770319 072506 072998 072997 accessories optional charger 100 - 240vac usb cable battery pack multiplexer bar code reader description mounting bracket (for ltt model 10i-50f) 072608 mounting bracket (for all other ltt models) 072606 plc interface 072014 plug & play supplied with nist-traceable certification of calibration certified


▲Up To Search▲   

 
Price & Availability of 072006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X