Part Number Hot Search : 
HEF40 3120A PIC16C5 SN54L 2SC5888 2TZ15 KBPC2500 030K1F
Product Description
Full Text Search
 

To Download Z0405MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter symbol typ unit repetitive peak off-state voltages v drm v rrm 600 v rms on-state current i t(rms) 4.0 a non-repetitive peak on-state current i tsm 25 a max. operating junction temperature t j 110 o c storage temperature t stg -45~150 o c Z0405MF general description parameter symbol test conditions min typ max unit repetitive peak off-state voltages v drm v rrm 600 v rms on-state current i t(rms) full sine wave; t mb 107 4 a on-state voltage v t i t =5.5a,t p = 380 us 1.4 2.0 v holding current i h v d = 12 v; i t = 50ma 5.0 ma gate trigger current t2+g+ i gt v d = 12 v; i t = 0.4 a 1.2 5.0 ma t2+g- 2.0 5.0 t2-g- 2.5 5.0 t2-g+ 4.0 5.0 latching current t2+g+ i l i g =1.2 i gt 2.0 10 ma t2+g- 10 15 t2-g- 3.0 10 t2-g+ 5.0 10 gate trigger voltage v gt v d = 12 v; i t = 0.4 a 0.7 1.3 v 4a triacs the Z0405MF is suitable for general purpose ac switching applications. they can be found in applications such as touch light dimmers, fan controllers, hid lamp ignitors,... different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers. product specification absolute maximum ratings electrical characteristics to-202-3 ( ta = 25 c) o ( ta = 25 c) o tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of Z0405MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X