Part Number Hot Search : 
111505 T6020 SP706S DS123 F421L CPC1726 DSWM5077 LBS12033
Product Description
Full Text Search
 

To Download V15T16CZ200A01XXK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v-basic standard v15 series electromechanical basic switch description honeywells v-basic standard v15 series is an electromechanical switch designed for enhanced reliability at a great value. this switch is often ideal for low-cost-of-failure C where the cost to replace the switch or to service any failure related to the switch is minimal. the v15 is designed for applications requiring 100 g of operating force and electrical ratings ranging from 16a to 22a. the v15 series switch offers a wide range of standard offerings, including a choice of actuators, electrical ratings, operating forces, and circuitry, and holds global approvals (enec, cqc, ul, cul). features ? broad range of electrical loads ? straight, roller, simulated roller, and special actuators ? special terminations available upon request ? precision operation and application versatility ? wide temperature range ? global approvals (enec, cqc, ul, cul) benefits ? compatible with many applications due to the switches design flexibility, broad range of electrical loads, and actuators ? accepts insulated connections, most quick connect openings ? reliability, repeatability wit hin range of conditions potential applications ? appliance ? gaming ? vending machines ? water heaters ? industrial controls
v-basic standard v15 series specifications insulation resistance 100 mohm (500 vdc) dielectric strength 1000 vac (50 hz/60 hz, 1 min.) contact resistance 100 milliohm max. operating frequency - electrical 10 to 30 operations per minute operating frequency C mechanical 300 operations per minute max. operating speed 0,1mm - 1m/sec. service life mechanical 5 million cycles (operating force < 200 g); 1 million cycles (operating force > 200 g) service life electrical 6000 or 50000 operations minimum storage temperature -25 c to 100 c [-13 f to 212 f] storage humidity 85 % rh max. micro disconnection () < 3 mm contact gap agency approvals enec, cqc, ul, cul electrical characteristics electrical rating 16 enec/cqc ; 16(4) a, 250 vac (50000 cycles) ul/cul ; 16? hp, 125 vac/250 vac (6000 cycles) 22 enec/cqc: 22(8 )a, 250 vac (10000 cycles) ul/cul: 22 a 1hp, 125 vac/250vac (6000 cycles) dimensions mounting hole dimensions metric mounting for ?3 mm pins or screws usa mounting for #4 screws 2 www.honeywell.com/sensing
electromechanical basic switches connection dimensions c-style quick connect - 6, 35 mm wide x 0,8 mm thick d-style quick connect - 4, 80 mm wide x 0,8 mm thick e- style quick connect - 4,80 mm wide x 0,5 mm thick honeywell sensing and control 3
v-basic standard v15 series standard lever options lever code/description outline dimensions a01/straight short lever a02/standard straight lever a03/long straight lever a04/simulated roller lever a05/short roller lever a06/roller lever 4 www.honeywell.com/sensing
electromechanical basic switches nomenclature tree v15 xx switch type special designator t t125 16 enec/cqc: 16(4) a, 250 vac ul/cul: 16? hp 125 vac/250 vac c 6,30 mm x 0,80 mm [0.250 in x 0.032 in] quick connect z spdt 100 100 gf 0.98 n no lever pin plunger no lever pin plunger a special designator letter is used only when terminal type is "x" or actuator/lever type is "99" to specify that the terminals or the actuator of the switch is special. review product specification to determine the exact differences. h t150 22 enec/cqc: 22(8 )a, 250 vac ul/cul: 22 a 1hp 125 vac/250vac d 4,70 mm x 0,8 mm [0.187 in x 0.032 in] quick connect p spst- no 200 200 gf 1.96 n a far from pin plunger 01 short straight lever e 4,70 mm x 0,5 mm [0.187 in x 0.020 in] quick connect c spst- nc 300 300 gf 2.94 n b near pin plunger 02 std. straight lever 400 400 gf 3.92 n 03 long straight lever 04 simulated roller lever 05 roller lever 06 long roller lever 99 special lever 16 v15 series switch t c z 200 a 01 lever position lever type temperature grade terminal style circuit code operating force at pin plunger, max. electrical rating metric ?3.1 mm k usa ?2.9 mm mounting holes k order guide the v-basics standard v15 series provide customers with the flexibility to request quotes fob hong kong or fob freeport. in addition, drop shipments can be arranged to any location in as ia pacific. ? fob freeport orders will be entered using icom. lead time 8 weeks. ? fob new house orders will be entered using sap. lead time 8 weeks. ? fob hong kong or drop shipments a special order request form will need to be submitted please contact your application engineer or product manager for details. honeywell sensing and control 5
sensing and control honeywell 1985 douglas drive north golden valley, mn 55422 www.honeywell.com/sensing 004945-2-en il50 glo printed in usa october 2007 copyright ? 2007 honeywell international inc. all rights reserved. warning personal injury do not use these products as safety or emergency stop devices or in any other app lication where failure of the product could result in personal injury. failure to comply with these instructions could result in death or serious injury. warning misuse of documentation ? the information presented in this product sheet is for reference only. do not use this document as a product installation guide. ? complete installation, operation, and maintenance information is provided in the instructions supplied with each product. failure to comply with these instructions could result in death or serious injury. warranty/remedy honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. honeywells standard product warranty applies unless agreed to otherwise by honeywell in writing; please refer to your order acknowl edgement or consult your local sales office for specific warranty details . if warranted goods are returned to honeywell during the period of co verage, honeywell will repair or replace, at its option, without ch arge those items it finds defective. the foregoing is buyers sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. in no event shall honeywell be liable for consequential, special, or indirect damages. while we provide application as sistance personally, through our literature and the honeywell web site, it is up to the customer to determine the suitability of the product in the application. specifications may change without not ice. the information we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility for its use. sales and service honeywell serves its customers through a worldwide network of sales offices, representative s and distributors. for application assistance, current specifications, pricing or name of the nearest authorized distributor, contact your local sales office or: e-mail: info.sc@honeywell.com internet: www.honeywell.com/sensing phone and fax: asia pacific +65 6355-2828 +65 6445-3033 fax europe +44 (0) 1698 481481 +44 (0) 1698 481676 fax latin america +1-305-805-8188 +1-305-883-8257 fax usa/canada +1-800-537-6945 +1-815-235-6847 +1-815-235-6545 fax


▲Up To Search▲   

 
Price & Availability of V15T16CZ200A01XXK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X