Part Number Hot Search : 
5N06D 1215S 43000 LTC1562I BP210 5251B VN1206 D75206G
Product Description
Full Text Search
 

To Download UP03312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  composite transistors 1 publication date: august 2004 sjj00299aed UP03312 silicon npn epitaxial planar type (tr1) silicon pnp epitaxial planar type (tr2) for digital circuits features ? two elements incorporated into one package (transistors with built-in resistor) ? reduction of the mounting area and assembly cost by one half basic part number ? unr1112 + unr1212 absolute maximum ratings t a = 25 c marking symbol: 4p internal connection tr1 tr2 2 (b1) 1 (e1) 3 (e2) (c1,b2) 5 (c2) 4 r2 22 k ? r2 22 k ? r1 22 k ? r1 22 k ? parameter symbol rating unit tr1 collector-base voltage v cbo 50 v (emitter open) collector-emitter voltage v ceo 50 v (base open) collector current i c 100 ma tr2 collector-base voltage v cbo ? 50 v (emitter open) collector-emitter voltage v ceo ? 50 v (base open) collector current i c ? 100 ma overall total power dissipation p t 125 mw junction temperature t j 125 c storage temperature t stg ? 55 to + 125 c unit: mm 1: emitter (tr1) 4: collector (tr2) 2: base (tr1) 5: collector (tr1) 3: emitter (tr2) base (tr2) ssmini5-f2 package ?0.02 +0.05 0.20 (0.30) (0.50) 123 54 (0.50) 0.55 0.05 0 to 0.02 0.10 max 1.00 0.05 1.60 0.05 0.10 0.02 display at no.1 lead (0.20) 5? 5? 1.60 0.05 1.20 0.05 (0.20)
UP03312 2 sjj00299aed ? tr2 note) measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. electrical characteristics t a = 25 c 3 c ? tr1 note) measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. common characteristics chart p t ? t a 0 80 120 40 0 140 120 100 80 60 40 20 total power dissipation p t ( mw ) ambient temperature t a ( c ) parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = ? 10 a, i e = 0 ? 50 v collector-emitter voltage (base open) v ceo i c = ? 2 ma, i b = 0 ? 50 v collector-base cutoff current (emitter open) i cbo v cb = ? 50 v, i e = 0 ? 0.1 a collector-emitter cutoff current (base open) i ceo v ce = ? 50 v, i b = 0 ? 0.5 a emitter-base cutoff current (collector open) i ebo v eb = ? 6 v, i c = 0 ? 0.2 ma forward current transfer ratio h fe v ce = ? 10 v, i c = ? 5 ma 60 ? collector-emitter saturation voltage v ce(sat) i c = ? 10 ma, i b = ? 0.3 ma ? 0.25 v output voltage high-level v oh v cc = ? 5 v, v b = ? 0.5 v, r l = 1 k ?? 4.9 v output voltage low-level v ol v cc = ? 5 v, v b = ? 2.5 v, r l = 1 k ?? 0.2 v input resistance r 1 ? 30% 22 + 30% k ? resistance ratio r 1 / r 2 0.8 1.0 1.2 ? transition frequency f t v cb = ? 10 v, i e = 1 ma, f = 200 mhz 80 mhz parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = 10 a, i e = 050v collector-emitter voltage (base open) v ceo i c = 2 ma, i b = 050v collector-base cutoff current (emitter open) i cbo v cb = 50 v, i e = 0 0.1 a collector-emitter cutoff current (base open) i ceo v ce = 50 v, i b = 0 0.5 a emitter-base cutoff current (collector open) i ebo v eb = 6 v, i c = 0 0.2 ma forward current transfer ratio h fe v ce = 10 v, i c = 5 ma 60 ? collector-emitter saturation voltage v ce(sat) i c = 10 ma, i b = 0.3 ma 0.25 v output voltage high-level v oh v cc = 5 v, v b = 0.5 v, r l = 1 k ? 4.9 v output voltage low-level v ol v cc = 5 v, v b = 2.5 v, r l = 1 k ? 0.2 v input resistance r 1 ? 30% 22 + 30% k ? resistance ratio r 1 / r 2 0.8 1.0 1.2 ? transition frequency f t v cb = 10 v, i e = ? 2 ma, f = 200 mhz 150 mhz
UP03312 3 sjj00299aed characteristics charts of tr1 i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o 012 210 48 6 collector-emitter voltage v ce (v) collector current i c (ma) 0 140 120 100 80 60 40 20 t a = 25 c i b = 1.0 ma 0.1 ma 0.2 ma 0.3 ma 0.4 ma 0.5 ma 0.6 ma 0.7 ma 0.9 ma 0.8 ma 0.01 0.1 0.1 1 10 100 1 10 100 collector-emitter saturation voltage v ce(sat) (v) collector current i c (ma) i c / i b = 10 t a = 85 c 25 c ? 25 c 0.1 1 10 100 1 000 forward current transfer ratio h fe collector current i c (ma) 0 350 200 250 300 150 100 50 v ce = 10 v t a = 85 c 25 c ? 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 010203040 1 0.1 10 f = 1 mhz t a = 25 c output current i o (ma) input voltage v in (v) 01234 0.1 1 10 100 v o = 5 v t a = 25 c 0.1 0.1 1 10 1 10 100 input voltage v in (v) output current i o (ma) v o = 0.2 v t a = 25 c
UP03312 4 sjj00299aed characteristics charts of tr2 c ob ? v cb i o ? v in v in ? i o i c ? v ce v ce(sat) ? i c h fe ? i c 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 collector-emitter voltage v ce ( v ) collector current i c ( ma ) 0 ? 20 ? 40 ? 60 ? 120 ? 100 ? 80 ? 140 t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 85 c 25 c ? 25 c 100 50 0 150 200 250 forward current transfer ratio h fe collector current i c ( ma ) ? 0.1 ? 1 ? 10 ? 100 ? 1 000 v ce = ? 10 v t a = 85 c 25 c ? 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) 1 0 10 ? 10 ? 20 ? 30 ? 40 f = 1 mhz t a = 25 c ? 0.01 ? 0.5 ? 0.1 ? 1 ? 10 ? 2.5 ? 1.5 ? 2.0 ? 1.0 output current i o ( ma ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep


▲Up To Search▲   

 
Price & Availability of UP03312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X