Part Number Hot Search : 
U2352B MPH204SG P2003EVG ISL29004 M62213P CX100 1FW60 TISP4070
Product Description
Full Text Search
 

To Download TSD882S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TSD882S 1-3 2003/12 rev. a TSD882S low vce(sat) npn transistor bv ceo = 50v ic = 3a v ce (sat) , = 0.3v(typ.) @ic / ib = 2a / 20ma features ? low v ce (sat). ? excellent dc current gain characteristics structure ? epitaxial planar type. ? complimentary to tsb772s ordering information part no. packing package TSD882Sct bulk pack to-92 TSD882Scy tape & reel sot-89 absolute maximum rating (ta = 25 o c unless otherwise noted) parameter symbol limit unit collector-base voltage v cbo 50v v collector-emitter voltage v ceo 50v v emitter-base voltage v ebo 5 v dc 3 collector current pulse i c 7 (note 1) a collector power dissipation to-92 sot-89 p d 0.75 0.50 w operating junction temperature t j +150 o c operating junction and storage temperature range t stg - 55 to +150 o c note: 1. single pulse, pw = 350us, duty <= 2% electrical characteristics ta = 25 o c unless otherwise noted parameter conditions symbol min typ max unit static collector-base voltage i c = 50ua, i e = 0 bv cbo 50 -- -- v collector-emitter breakdown voltage i c = 1ma, i b = 0 bv ceo 50 -- -- v emitter-base breakdown voltage i e = 50ua, i c = 0 bv ebo 5 -- -- v collector cutoff current v cb = 40v, i e = 0 i cbo -- -- 1 ua emitter cutoff current v eb = 4v, i c = 0 i ebo -- -- ua collector-emitter saturation voltage i c / i b = 2.0a / 0.2a v ce(sat) -- 0.3 0.5 v dc current transfer ratio v ce = 2v, i c = 1a h fe 160 -- 500 transition frequency v ce = 5v, i c = 100ma, f = 100mhz f t -- 90 -- mhz output capacitance v cb = 10v, f=1mhz cob 45 -- pf note : pulse test: pulse width <=380us, duty cycle <=2% pin assignment: to-92 1. emitter 2. collector 3. base sot-89 1. base 2. collector 3. emitter
TSD882S 2-3 2003/12 rev. a electrical characteristics curve
TSD882S 3-3 2003/12 rev. a sot-89 mechanical drawing sot-89 dimension millimeters inches dim min max min max a 4.40 4.60 0.173 0.181 b 1.50 1.7 0.059 0.070 c 2.30 2.60 0.090 0.102 d 0.40 0.52 0.016 0.020 e 1.50 1.50 0.059 0.059 f 3.00 3.00 0.118 0.118 g 0.89 1.20 0.035 0.047 h 4.05 4.25 0.159 0.167 i 1.4 1.6 0.055 0.068 j 0.35 0.44 0.014 0.017 to-92 mechanical drawing c d a b h e f g to-92 dimension millimeters inches dim min max min max a 4.30 4.70 0.169 0.185 b 4.30 4.70 0.169 0.185 c 14.30(typ) 0.563(typ) d 0.43 0.49 0.017 0.019 e 2.19 2.81 0.086 0.111 f 3.30 3.70 0.130 0.146 g 2.42 2.66 0.095 0.105 h 0.37 0.43 0.015 0.017 h f e b a g c d j i


▲Up To Search▲   

 
Price & Availability of TSD882S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X