Part Number Hot Search : 
ZL50400 TLOE16TP SR205 TS30012 PE2001 CTZ6V2A MTL5510 LPC11E14
Product Description
Full Text Search
 

To Download TS8542VA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TS8542VA www.vishay.com vishay semiconductors rev. 1.1, 20-feb-12 1 document number: 83474 for technical questions, contact: optochipsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 specification of high power ir emitting diode chip description TS8542VA is a high power infrared, 850 nm surface emitting diode in gaalas technology with high radiant power and high speed. polarity co nfoguration is n-up. features ? package type: chip ? package form: single chip ? technology: surface emitter ? dimensions chip (l x w x h in mm): 1.066 x 1.066 x 0.17 ? peak wavelength: = 850 nm ? compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec general information the datasheet is based on vi shay optoelectronics sample testing under certain pr edetermined and assumed conditions, and is provided fo r illustration purpose only. customers are encouraged to perform testing in actual proposed packaged and used conditions. vishay optoelectronics die products are tested using vishay optoelectronics based qualit y assurance procedures and are manufactured using vishay optoelectronics established processes. estimates such as those desc ribed and set forth in this datasheet for semicond uctor die will va ry depending on a number of packaging, ha ndling, use, and other factors. therefore sold die may not perf orm on an equivalent basis to standard package products. note ? test condition see table basic characteristics note ? moq: minimum order quantity product summary component f e (mw) ? (deg) p (nm) t r (ns) TS8542VA 350 55 850 15 ordering information ordering code packaging remarks package form TS8542VA-sf-f wafer sawn on foil moq: 5000 pcs chip absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit forward current i f 1a reverse voltage v r 5v surge forward current t p = 100 s i fsm 5a junction temperature t j 140 c storage temperature range chip t stg1 - 40 to + 125 c storage temperature range on foil t stg2 - 20 to + 65 c temperature during packaging t p < 10 s 280 c
TS8542VA www.vishay.com vishay semiconductors rev. 1.1, 20-feb-12 2 document number: 83474 for technical questions, contact: optochipsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) the measurements are based on samples of die which are mounted on a to-18 gold header without resin coating (2) the radiant intensity, i e , is measured on the geometric axis of the to-18 header basic characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - relative spectral emission e rel = f ( ) fig. 2 - radiant characteristics i rel = f( ? ) note ? all chips are checked in accordance with the vishay semicond uctor, specificat ion of visual inspection fvov6870. the visual inspection shall be made in accordance with the specifi cation of visual inspection as referenced. the visual inspe ction of chip backside is performed with stereo microscope with incident light and 40x to 80x magnification. the quality inspection (final visual inspection) is performed by production. an additional visual inspection step as special re lease procedure by qm is not installed. basic characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit forward voltage i f = 100 ma v f 1.3 1.5 v i f = 1 a v f 2.0 2.5 v radiant power (1) i f = 100 ma e 32 mw i f = 1000 ma e 350 mw radiant intensity (2) i f = 100 ma i e 7.5 mw/sr reverse voltage i r = 10 a v r 10 v angle of half intensity i f = 100 ma ? 50 55 60 deg peak wavelength i f = 1 a p 830 850 870 nm spectral bandwidth i f = 1 a 0.5 30 nm rise time/f all time i f = 1 a, r l = 50 t r , t f 15 ns - wavelength (nm) 21776 e, rel - relative radiant power 0 0.25 0.5 0.75 1 650 750 850 950 0.4 0.2 0 i e, rel - relative radiant sensitivity 94 8013 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 ? - angular displacement mechanical dimensions parameter symbol min. typ. max. unit length of chip edge (x-direction) l x 1.066 mm length of chip edge (y-direction) l y 1.066 mm die height h 0.17 mm diameter of bondpad d 0.127 mm additional information frontside metallization, anode gold alloy backside metallization, cathode gold alloy dicing sawing die bonding technology epoxy bonding
TS8542VA www.vishay.com vishay semiconductors rev. 1.1, 20-feb-12 3 document number: 83474 for technical questions, contact: optochipsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 handling and storage conditions ? the hermetically sealed shipment lots shall be opened in temperature and moistu re controlled cleanroom environment only. it is mandatory to follow the rules for disposition of ma terial that can be hazardous for humans and environment. ? product must be handled only at esd safe workstations. standard esd precautio ns and safe work environments are as defined in mil-hdbk-263. ? singulated die are not to be handled with tweezers. a vacuum wand with non meta llic esd protected tip should be used. packing chips are fixed on adhesive foil. upon request the foils can be mounted on plastic frame or disco frame. for shipment, the wafers are arranged to stacks and hermetically sealed in pl astic bags to ensure protection against environmental influence (humidity and contamination). use for recycling reliable operators only. we can help getting in touch with your nearest sales offi ce. by agreement we will ta ke back packing material, if it is sorted. you will have to bear the costs of transport. we will invoice you for any costs incurre d for packing material that is re turned unsorted or which we are not obliged to accept.
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of TS8542VA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X