Part Number Hot Search : 
OP462GS CO4TVI UPA27 28C16 DR300 BTA15 MJ8501 MSU2031
Product Description
Full Text Search
 

To Download SF1601G13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? high efficiency, low vf ? high current capavility ? high reliability ? high surge current capability sf1601g to-220ab 50 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol sf 1601g sf 1602g sf 1603g sf 1604g sf 1605g sf 1606g sf 1607g sf 1608g units v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v i f(av) a trr ns cj pf r jc o c/w t j o c t stg o c sf1601g- sf1608g 16.0amps. glass passivated super fast rectifiers to-220ab features ? low power loss ? for use in low voltage, high frequency inverter, free wheeling, and polarity protection application ? green compound with suffix "g" on packing code & prefix "g" on datecode. mechanical data ? cases: to-220ab molded plastic ? epoxy: ul 94v-0 rate flame retardant ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed ? polarity: as marked ? high temperature soldering guaranteed: 260 o c/10 seconds 16".,(4.06mm) from case. ? weight: 1.90 grams parameter maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 16 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 125 a maximum instantaneous forward voltage (note 1) @ 8 a v f 0.975 1.3 1.7 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 i r 10 ua 400 maximum reverse recovery time (note 2) 35 note 1: pulse test with pw=300 usec, 1% duty cycle note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a. note 3: measured at 1 mhz and applied reverse voltage of 4.0v d.c. typical junction capacitance (note 3) 80 60 typical thermal resistance 1.5 operating temperature range - 65 to + 150 version:f13 ordering information(example) part no. package packing packing code packing code (green) c0g storage temperature range - 65 to + 150
version:f13 ratings and characteristic curves (sf1601g thru sf1608g) 0 4 8 12 16 20 050100150 average forward a current (a) case temperature ( o c) fig.1- maximum forward current derating curve resistive or inductiveload with heatsink 0 30 60 90 120 150 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3- maximum non-repetitive forward surge current per leg ta=25 8.3ms single half sine wave jedec method 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 instantaneous reverse current. (ua) percent of rated peak reverse voltage (%) fig. 2- typical reverse characteristics per leg ta=25 ta=100 ta=75 40 50 60 70 80 90 100 1 10 100 1000 capacitance (pf) reverse voltage. (v) fig. 4- typical junction capacitance per leg ta=25 o c sf1601g~sf1604g sf1605g~sf1608 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current. (a) forward voltage. (v) fig. 5- typical forward characteristics per leg ta=25 o c pulse width=300us sf1601g~sf1604g sf1605g~sf1606 sf1607g~sf1608
to-220ab dimensions min max min max a - 10.50 - 0.413 b 2.62 3.44 0.103 0.135 c 2.80 4.20 0.110 0.165 d 0.68 0.94 0.027 0.037 e 3.54 4.00 0.139 0.157 f 14.60 16.00 0.575 0.630 g 13.19 14.79 0.519 0.582 h 2.41 2.67 0.095 0.105 i 4.42 4.76 0.174 0.187 j 1.14 1.40 0.045 0.055 k 5.84 6.86 0.230 0.270 l 2.20 2.80 0.087 0.110 m 0.35 0.64 0.014 0.025 p/n = specific device code g = green compound yww = date code c0g packing code c0 ordering information part no. package bulk packing packing code (green) dim. unit(mm) unit(inch) marking diagram sf160xg 50 / tube note: "x" is device code from "1" thru "8".


▲Up To Search▲   

 
Price & Availability of SF1601G13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X