Part Number Hot Search : 
TSOP28ON 1210M LNC707PS SAMTEC 12864 NT300 LNC707PS UF4003
Product Description
Full Text Search
 

To Download SDM0230CSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SDM0230CSP document number: ds35649 rev. 7 - 2 1 of 4 www.diodes.com may 2013 ? diodes incorporated SDM0230CSP new product new product 0.2a schottky barrier diode chip scale package product summary v rrm (v) i o (ma) v f ( max ) (v) @ +25c i r ( max ) (ma) @ +25c 30 200 0.50 0.05 description the SDM0230CSP is a 30-volt 0.2a schottky barrier diode that is optimized for low forward voltage drop and low leakage current housed in a compact chip scale package (csp) that occupies only 0.18mm 2 board- space. the low thermal resistanc e enables designers to meet design challenges of increasing efficiency whilst at the same time reducing board space. it is ideally suited fo r use in portable applications. applications ? blocking diode ? switching diode ? reverse protection diode ? boost diode features and benefits ? 0.18mm 2 footprint ? 70% smaller than dfn1006/sod923 ? off board profile of 0.3mm ? more than 30% thinner than the dfn1006 ? low forward voltage of 0.50v (max) ? minimises power dissipation losses ? low leakage ? maximises battery power ? soft, fast switching capability ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) mechanical data ? case: x3-wlcus0603-3 ? moisture sensitivity: level 1 per j-std-020 ? terminal connections: cathode dot ? weight: 0.119mg ordering information (note 4) part number case packaging SDM0230CSP-7 x3-wlcus0603-3 3,000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. ? 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information x7 = product type marking code dot denotes cathode pin c a pin 2 pin 1 http://www..net/ datasheet pdf - http://www..net/
SDM0230CSP document number: ds35649 rev. 7 - 2 2 of 4 www.diodes.com may 2013 ? diodes incorporated SDM0230CSP new product new product maximum ratings (@t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage v rrm 30 v average rectified output current i o 0.2 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 4.5 a thermal characteristics characteristic symbol value unit typical thermal resistance junction to ambient (note 5) r ja 261 c/w operating and storage temperature range t j , t stg -55 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition forward voltage drop v f ? 0.30 0.35 v i f = 10ma, t j = +25c ? 0.42 0.50 i f = 200ma, t j = +25c ? 0.36 ? i f = 200ma, t j = +125c leakage current (note 6) i r ? ? 50 a v r = 30v, t j = +25c ? 1.5 ? ma v r = 30v, t j = +125c junction capacitance c j ? 9 ? pf v r = 15v, t j = +25c , f = 1mhz notes: 5. device mounted on fr-4 substrate pc board, with minimu m recommended pad layout per ht tp://www.diodes.c om/datsheets/ap 02001.pdf. 6. short duration pulse test used to minimize self-heating effect. typical electrical characteristics 0 0.1 0.2 0.3 0.4 0.5 0.6 1,000 i, ins t an t ane o u s f o r wa r d c u r r en t (ma) f 10 1 0.1 0.01 100 figure 1 typical forward characteristics v , instantaneous forward voltage (v) f t = 25c a t = 85c a t = 125c a t = 150c a t = -55c a i, i n s t a n t a n e o u s r eve r se c u r r e n t (a) r v , instantaneous reverse voltage (v) r figure 2 typical reverse characteristics 0.0001 0.001 0.01 0.1 1 10 100 1000 10000 0 5 1015202530 t = 25c a t = 85c a t = 125c a t = 150c a t = -55c a http://www..net/ datasheet pdf - http://www..net/
SDM0230CSP document number: ds35649 rev. 7 - 2 3 of 4 www.diodes.com may 2013 ? diodes incorporated SDM0230CSP new product new product v , dc reverse voltage (v) r figure 3 total capacitance vs. reverse voltage c , t o t al c a p a c i t a n c e (pf) t 0 5 10 15 20 25 30 1 10 100 package outline dimensions please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. x3-wlcus0603-3 dim min max typ a 0.24 0.30 ? a1 0.00 0.01 ? b 0.23 0.29 0.26 b1 0.075 0.135 0.105 d 0.290 0.300 0.295 e 0.590 0.600 0.595 e ? ? 0.40 e1 ? ? 0.155 l 0.13 0.19 0.16 all dimensions in mm dimensions value (in mm) x 0.30 y 0.21 y1 0.60 d e e b 1 2 x l 3 x s e a t i n g p l a n e a a 1 b e 1 c a t h o d e d o t c a t h o d e a n o d e y 1 y x y f=1mhz http://www..net/ datasheet pdf - http://www..net/
SDM0230CSP document number: ds35649 rev. 7 - 2 4 of 4 www.diodes.com may 2013 ? diodes incorporated SDM0230CSP new product new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com http://www..net/ datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of SDM0230CSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X