Part Number Hot Search : 
MIC25 00095 X9221AYP D52FU MAX6675 MC74VH IRF74 623G50
Product Description
Full Text Search
 

To Download PMEG2010EPA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description planar maximum efficiency general applicatio n (mega) schottky barrier rectifier with an integrated guard ring for stress protection. PMEG2010EPA is encapsulated in an ultra thin sot1061 leadless small surface-mounted de vice (smd) plastic package with medium power capability. 1.2 features ? average forward current: i f(av) 1a ? reverse voltage: v r 20 v ? low forward voltage ? exposed heat sink (cathode pad) for exce llent thermal and electrical conductivity ? leadless small smd plastic package with medium power capability ? aec-q101 qualified 1.3 applications ? low voltage rectification ? high efficiency dc-to-dc conversion ? switch mode power supply (smps) ? reverse polarity protection ? low power consumption applications ? battery chargers for mobile equipment 1.4 quick reference data [1] device mounted on a ceramic p rinted-circuit board (pcb), al 2 o 3 , standard footprint. PMEG2010EPA 1 a low v f mega schottky barrier rectifier rev. 01 ? 15 december 2009 product data sheet table 1. quick reference data t j =25 c unless otherwise specified. symbol parameter conditions min typ max unit i f(av) average forward current square wave; = 0.5; f = 20 khz t amb 125 c [1] --1a t sp 145 c --1a v r reverse voltage - - 20 v v f forward voltage i f = 1 a - 320 375 mv i r reverse current v r = 20 v - 335 1900 a
PMEG2010EPA_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 ? 15 december 2009 2 of 13 nxp semiconductors PMEG2010EPA 1 a low v f mega schottky barrier rectifier 2. pinning information 3. ordering information 4. marking 5. limiting values table 2. pinning pin description simplified outline graphic symbol 1 anode 2 anode 3 cathode transparent top view 12 3 006aab62 4 3 1, 2 table 3. ordering information type number package name description version PMEG2010EPA huson3 plastic thermal enhanced ultra thin small outline package; no leads; three terminals; body 2 2 0.65 mm sot1061 table 4. marking codes type number marking code PMEG2010EPA a1 table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v r reverse voltage t j =25 c-20v i f(av) average forward current square wave; = 0.5; f=20khz t amb 125 c [1] -1a t sp 145 c-1a i frm repetitive peak forward current t p 1 ms; ? 0.25 [2] -7a i fsm non-repetitive peak forward current square wave; t p =8ms [2] [3] -17a p tot total power dissipation t amb 25 c [4] [5] -500mw [4] [6] -960mw [4] [1] - 1800 mw
PMEG2010EPA_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 ? 15 december 2009 3 of 13 nxp semiconductors PMEG2010EPA 1 a low v f mega schottky barrier rectifier [1] device mounted on a ceramic pcb, al 2 o 3 , standard footprint. [2] both anode pins connected. [3] t j =25 c prior to surge. [4] reflow soldering is the only recommended soldering method. [5] device mounted on an fr4 pcb, single-si ded copper, tin-plated and standard footprint. [6] device mounted on an fr4 pcb, single-sided c opper, tin-plated, mounting pad for cathode 1 cm 2 . 6. thermal characteristics [1] for schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse power losses p r are a significant part of the total power losses. [2] reflow soldering is the only recommended soldering method. [3] device mounted on an fr4 pcb, single-si ded copper, tin-plated and standard footprint. [4] device mounted on an fr4 pcb, single-sided c opper, tin-plated, mounting pad for cathode 1 cm 2 . [5] device mounted on a ceramic pcb, al 2 o 3 , standard footprint. [6] soldering point of cathode tab. t j junction temperature - 150 c t amb ambient temperature ? 55 +150 c t stg storage temperature ? 65 +150 c table 5. limiting values ?continued in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit table 6. thermal characteristics symbol parameter conditions min typ max unit r th(j-a) thermal resistance from junction to ambient in free air [1] [2] [3] - - 250 k/w [4] - - 130 k/w [5] --70k/w r th(j-sp) thermal resistance from junction to solder point [6] --12k/w
PMEG2010EPA_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 ? 15 december 2009 4 of 13 nxp semiconductors PMEG2010EPA 1 a low v f mega schottky barrier rectifier fr4 pcb, standard footprint fig 1. transient thermal impedance from junction to am bient as a function of pu lse duration; typical values fr4 pcb, mounting pad for cathode 1 cm 2 fig 2. transient thermal impedance from junction to am bient as a function of pu lse duration; typical values 006aab625 t p (s) 10 ? 3 10 2 10 3 10 1 10 ? 2 10 ? 1 10 2 10 10 3 z th(j-a) (k/w) 1 duty cycle = 1 0.75 0.5 0.33 0.25 0.2 0.1 0.05 0.02 0.01 0 006aab626 t p (s) 10 ? 3 10 2 10 3 10 1 10 ? 2 10 ? 1 10 2 10 10 3 z th(j-a) (k/w) 1 duty cycle = 1 0.75 0.5 0.33 0.25 0.2 0.1 0.05 0.02 0.01 0
PMEG2010EPA_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 ? 15 december 2009 5 of 13 nxp semiconductors PMEG2010EPA 1 a low v f mega schottky barrier rectifier 7. characteristics [1] when switched from i f = 10 ma to i r =10ma; r l = 100 ; measured at i r =1ma. ceramic pcb, al 2 o 3 , standard footprint fig 3. transient thermal impedance from junction to am bient as a function of pu lse duration; typical values 006aab627 t p (s) 10 ? 3 10 2 10 3 10 1 10 ? 2 10 ? 1 10 10 2 z th(j-a) (k/w) 1 duty cycle = 1 0.75 0.5 0.33 0.25 0.2 0.1 0.05 0.02 0.01 0 table 7. characteristics t j =25 c unless otherwise specified. symbol parameter conditions min typ max unit v f forward voltage i f = 0.5 a - 280 - mv i f = 1 a - 320 375 mv i r reverse current v r = 10 v - 135 - a v r = 20 v - 335 1900 a c d diode capacitance f = 1 mhz v r = 1 v - 175 - pf v r =10v - 65 - pf t rr reverse recovery time [1] -50-ns
PMEG2010EPA_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 ? 15 december 2009 6 of 13 nxp semiconductors PMEG2010EPA 1 a low v f mega schottky barrier rectifier (1) t j = 150 c (2) t j = 125 c (3) t j =85 c (4) t j =25 c (5) t j = ? 40 c (1) t j = 125 c (2) t j =85 c (3) t j =25 c (4) t j = ? 40 c fig 4. forward current as a function of forward voltage; typical values fig 5. reverse current as a function of reverse voltage; typical values f=1mhz; t amb =25 c fig 6. diode capacitance as a function of reverse voltage; typical values 006aab628 v f (v) 0 0.6 0.4 0.2 10 ? 2 10 ? 3 1 10 ? 1 10 i f (a) 10 ? 4 (1) (2) (3) (4) (5) 006aab629 10 ? 1 10 ? 2 10 ? 3 10 ? 4 10 ? 5 10 ? 6 10 ? 7 i r (a) 10 ? 8 v r (v) 020 15 510 (1) (2) (3) (4) v r (v) 020 16 812 4 006aab630 350 c d (pf) 250 150 50 0 100 200 300
PMEG2010EPA_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 ? 15 december 2009 7 of 13 nxp semiconductors PMEG2010EPA 1 a low v f mega schottky barrier rectifier t j = 150 c (1) =0.1 (2) =0.2 (3) =0.5 (4) =1 t j = 125 c (1) =1 (2) =0.9 (3) =0.8 (4) =0.5 fig 7. average forward power dissipation as a function of average forward current; typical values fig 8. average reverse power dissipation as a function of reverse voltage; typical values fr4 pcb, standard footprint t j = 150 c (1) =1; dc (2) = 0.5; f = 20 khz (3) = 0.2; f = 20 khz (4) = 0.1; f = 20 khz fr4 pcb, mounting pad for cathode 1 cm 2 t j = 150 c (1) =1; dc (2) = 0.5; f = 20 khz (3) = 0.2; f = 20 khz (4) = 0.1; f = 20 khz fig 9. average forward current as a function of ambient temperature; typical values fig 10. average forward current as a function of ambient temperature; typical values 006aab631 i f(av) (a) 0.0 1.5 1.0 0.5 0.2 0.3 0.1 0.4 0.5 p f(av) (w) 0.0 (1) (2) (3) (4) v r (v) 015 10 5 006aab632 0.5 1.0 1.5 p r(av) (w) 0 (1) (2) (3) (4) t amb ( c) 0 50 100 150 175 125 75 25 006aab633 0.5 1.0 1.5 i f(av) (a) 0.0 (1) (2) (3) (4) t amb ( c) 0 50 100 150 175 125 75 25 006aab634 0.5 1.0 1.5 i f(av) (a) 0.0 (1) (2) (3) (4)
PMEG2010EPA_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 ? 15 december 2009 8 of 13 nxp semiconductors PMEG2010EPA 1 a low v f mega schottky barrier rectifier ceramic pcb, al 2 o 3 , standard footprint t j = 150 c (1) =1; dc (2) = 0.5; f = 20 khz (3) = 0.2; f = 20 khz (4) = 0.1; f = 20 khz t j = 150 c (1) =1; dc (2) = 0.5; f = 20 khz (3) = 0.2; f = 20 khz (4) = 0.1; f = 20 khz fig 11. average forward current as a function of ambient temperature; typical values fig 12. average forward current as a function of solder point temperature; typical values t amb ( c) 0 50 100 150 175 125 75 25 006aab635 0.5 1.0 1.5 i f(av) (a) 0.0 (1) (2) (3) (4) t sp ( c) 0 50 100 150 175 125 75 25 006aab636 0.5 1.0 1.5 i f(av) (a) 0.0 (1) (2) (3) (4)
PMEG2010EPA_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 ? 15 december 2009 9 of 13 nxp semiconductors PMEG2010EPA 1 a low v f mega schottky barrier rectifier 8. test information the current ratings for the ty pical waveforms as shown in figure 9 , 10 , 11 and 12 are calculated according to the equations: with i m defined as peak current, at dc, and with i rms defined as rms current. 8.1 quality information this product has been qualified in accordance with the automotive electronics council (aec) standard q101 - stress test qualificat ion for discrete semiconductors , and is suitable for use in automotive applications. 9. package outline fig 13. duty cycle definition t 1 t 2 p t 006aaa812 duty cycle = t 1 t 2 i fav () i m = i rms i fav () = i rms i m = fig 14. package outline sot1061 09-11-12 dimensions in mm 0.65 max 2.1 1.9 1.6 1.4 0.35 0.25 0.45 0.35 2.1 1.9 1.1 0.9 0.3 0.2 1.05 0.95 1.3 2 3 1
PMEG2010EPA_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 ? 15 december 2009 10 of 13 nxp semiconductors PMEG2010EPA 1 a low v f mega schottky barrier rectifier 10. packing information [1] for further information and the avai lability of packing methods, see section 14 . 11. soldering table 8. packing methods the indicated -xxx are the last thre e digits of the 12nc ordering code. [1] type number package description packing quantity 3000 PMEG2010EPA sot1061 4 mm pitch, 8 mm tape and reel -115 reflow soldering is the only recommended soldering method. fig 15. reflow soldering footprint sot1061 occupied area solder paste = solder lands dimensions in mm sot1061_fr solder resist 0.4 2.1 1.3 0.25 0.25 0.25 1.1 1.2 0.55 0.6 2.3 0.5 (2 ) 0.5 (2 ) 0.6 (2 ) 0.4 (2 ) 0.5 1.6 1.7 1.05
PMEG2010EPA_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 ? 15 december 2009 11 of 13 nxp semiconductors PMEG2010EPA 1 a low v f mega schottky barrier rectifier 12. revision history table 9. revision history document id release date data sheet status change notice supersedes PMEG2010EPA_1 20091215 product data sheet - -
PMEG2010EPA_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 ? 15 december 2009 12 of 13 nxp semiconductors PMEG2010EPA 1 a low v f mega schottky barrier rectifier 13. legal information 13.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 13.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. 13.3 disclaimers general ? information in this document is believed to be accurate and reliable. however, nxp semiconductors d oes not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale ? nxp semiconductors products are sold subject to the general terms and condit ions of commercial sale, as published at http://www.nxp.com/profile/terms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writ ing by nxp semiconductors. in case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. 13.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 14. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
nxp semiconductors PMEG2010EPA 1 a low v f mega schottky barrier rectifier ? nxp b.v. 2009. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 15 december 2009 document identifier: PMEG2010EPA_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 15. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 thermal characteristics . . . . . . . . . . . . . . . . . . 3 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 test information . . . . . . . . . . . . . . . . . . . . . . . . . 9 8.1 quality information . . . . . . . . . . . . . . . . . . . . . . 9 9 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 10 packing information . . . . . . . . . . . . . . . . . . . . 10 11 soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 12 revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 13 legal information. . . . . . . . . . . . . . . . . . . . . . . 12 13.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 12 13.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 13.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 13.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 12 14 contact information. . . . . . . . . . . . . . . . . . . . . 12 15 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13


▲Up To Search▲   

 
Price & Availability of PMEG2010EPA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X