Part Number Hot Search : 
NJM79L24 D74HC 102ME APL5102 P2504BD AOB436L P7N50 2SC3426
Product Description
Full Text Search
 

To Download PIFR2501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mechanical dimensions description PIFR2501~2506 n/ p insulate press-fit note: cathode to case,color code red anode to case, color code black features low cost super cool long life features high current capability 100 200 400 600 100 200 400 600 70 140 280 420 1.2 10 500 0.8 c average forward current, io at tc=150c 60hz, resistive or inductive load peak reverse voltage, repetitive:vrrm unit v rrm dc reverse voltage, vr v(dc) maximum rms voltage vrms max. inst forward voltage drop. vf at 100amp v(dc) vf peak forward surge current, ifm(surge): v 8.3ms. single half sine-wave a(dc) a symbol ifsm ir superimposed on rated load (jedec method) ir maximum reverse current ir at rated dc reverse voltage. tc= 25c tj; tstrg maximum reverse current ir at rated dc r0ja reverse voltage. tc=100c maximum thermal resistance, junction to case - (single side cooled) operating and storage temperature range c/w -65 to +175 ua ua if electrical characteristics@25 c 3.lead have 1mm, 1.3mm and 2.5mm PIFR2501p pifr2502p pifr2504p pifr2506p pifr25 01n pifr25 02n pifr25 04n pifr25 06n 1. pilfr25xxp positive (forward) (+) 2. pilfr25xxn negative (reverse) (-) 25 amp insulate flag pressfit automotive rectifiers data sheet 25 400
data sheet p i fr2501~2506p/n 25amp insulate flag press-fit automotive rectifiers notes: 1 . measured @ 1 mhz and applied reverse voltage of 4.0v . 2 . thermal resistance junction to ambient, jedec method. 3 . when mounted to heat sink, from body . ratings at 25 deg. c ambient temperature unless otherwise specified. single phase half wave, 60 hz resistive or inductive load. for capacitive load, derate current by 20%. forward current derating curve 60 40 20 02 5 50 75 100 150 125 175 lead t emperature ( c) junction capacitance (pf) single phase ? wave res. or ind. load capacitive load i pk /av = 5, 10 & 20 50 30 10 20 10 5 t ypical reverse characteristics t j = 100 c t j = 25 c 10 80 4 0 120 1 .1 .01 .001 t j = 25 c t j = 150 c non-repetitive peak forward surge current 1000 500 200 100 50 10 .1 1 1 0 100 reverse current ( m m m m m a) percent of rated peak voltage t j = 150 c pw = 300 m m m m m s t ypical instantaneous for ward characteristics 1000 100 10 1 .1 .6 .9 1. 1 1 . 4 2. 6 2. 3 2. 0 forward voltage (v) forward current (a) t ypical junction capacitance 1000 500 200 100 50 10 .1 1 10 100 reverse voltage (v) t j = 25 c f = 1 mhz v sig = 50 vpp number of cycles @ 60 hz amps 1. 7 average forward current (a)


▲Up To Search▲   

 
Price & Availability of PIFR2501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X