Part Number Hot Search : 
2SC460 D401M4 7809A P0770 EKLDL072 SRA22 BOURNS FSA66M5X
Product Description
Full Text Search
 

To Download OSRRJ25111A-QQW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 5mm round module 220vac led osxxxx5111a-qqw features outline dimension high luminous leds 5mm round standard directivity superior weather-resistance uv resistant epoxy  220v ac led  water clear type   applications electronic signs and signals other lighting 6ojunn 5pmfsbodf nn      module -&% drived module   8jsf absolute maximum rating 5b

directivity item symbol value 6oju ac voltage v i 230 v ac current i 1 ma power dissipation p d 230 mw operating temperature topr -30 ~ +85 
 storage temperature tstg -30~ +85 
 lead soldering temperature tsol 260 /5sec  electrical -optical characteristics 5b

            i(ma) * v(mcd)* d(nm)* 2 1/2(deg) min typ. max. min. typ. max. min. typ. max. typ. part number color v i =220vac v i =220vac oswwd25111a-qqw cool white w ? 0.7 0.9 1.0 1120 1560 2180 x=0.27, y=0.28 15 osmmd25111a-qqw warm white m ? 0.7 0.9 1.0 750 1120 1560 x=0.45, y=0.41 15 osbbs25111a-qqw blue b ? 0.7 0.9 1.0 750 1120 1560 465 470 475 15 osppd25111a-qqw pure green g ? 0.7 0.9 1.0 1120 1560 2180 520 525 530 15 osggj25111a-qqw y ellow green yg ? 0.7 0.9 1.0 20 40 50 565 570 575 15 osyyj25111a-qqw yellow y ? 0.7 0.9 1.0 100 150 220 585 590 595 15 osooj25111a-qqw orange o ? 0.7 0.9 1.0 150 220 330 600 605 610 15 OSRRJ25111A-QQW red r ? 0.7 0.9 1.0 100 150 220 620 625 630 15 * 1 tolerance of chromatic ity coordinates is + 10%, tolerance of d is + 1nm. * 2 tolerance of luminous intensity is + 15% led & application technologies


▲Up To Search▲   

 
Price & Availability of OSRRJ25111A-QQW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X