Part Number Hot Search : 
E004225 F3709Z XC161 VCO55 CT230802 7915A MKT07 HA11221
Product Description
Full Text Search
 

To Download MS16106-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  interactive catalog replaces catalog pages sensing and control honeywell inc. 11 west spring street freeport, illinois 61032 honeywell sensing and control has replaced the pdf product catalog with the new interactive catalog . the interactive catalog is a power search tool that makes it easier to find product information. it includes more installation, application, and technical information than ever before. click this icon to try the new interactive catalog.
basic switches ac series door forapplicationhelp:call1-800-537-6945.honeywellsensingandcontrol89 style 1 style 2 style 3 style 4 style 5 style 6 style 7 style 8 features 1 automatically cut power when service door or drawer is opened, helping pro- tect personnel and equipment. 1 enables circuit testing with power on by manually pulling rod actuator to maintained-on position. (closing door or drawer resets switch.) 1 basic switches are component recog- nized by ul to ul1054 special use switches. 1 ul recognized ac are available electrical ratings a 15 amps, 125, 250 or 480 vac; 1/2 amp, 125 vdc; 1/4 amp, 250 vdc. b 5 amps, 125 or 250 vac; 30 vdc ind., 3 amps (sea level) and 2.5 amps (50,000 ft.); res., 5 amps (sea level and 50,000 ft.); max. inrush 25 amps. c 15 amps, 125 or 250 vac; 1/2 amp, 125 vdc; 1/4 amp, 250 vdc; 1/3 hp, 125 or 250 vac. order guides with steel rod actuators characteristics: f.p. e free position; o.p. e operating position; d.p. e depressed position. f. p. o . p. d . p. max. min. max. style basic elec. catalog mm mm mm temp. no. description switch rating listing in. in. in. ratings 1 15 amps, spdt. bz a 1ac2 11,1 6.35 3.18 65 fto + 180 f .438 .250 .125 2 5 amps, sm(4) b 8ac1 9,53 5,16 3,18 65 fto + 250 f four spdt ckts. .375 .203 .125 3 three 6-foot leads. se b 9ac4 9,53 5,16 3,18 65 fto + 221 f sealed basic .375 .203 .125 switches 5 amps, spdt 3 two 3-foot leads. se b 9ac12-3 9,53 5,16 3,18 - 65 fto + 221 f sealed basic .375 .203 .125 switches. 5 amps, spst-n.o. 4 can be reset without v3 c 13ac1 15,9 12,3 6,68 - 67 fto + 300 f momentary ckt. .625 .485 .263 break. 15 amps, spdt. 5 miniature size. sm b 17ac1-t 9,53 5,59 4,45 - 65 fto + 250 f 5 amps, spdt 17ac18-t2 .375 .220 .175 - 67 fto + 185 f (ms16106-4) 6 tapped hole in end v3 c 2ac592 9,53 5,16 3,18 - 67 fto + 185 f of actuator rod. (MS16106-1) .375 .203 .125 15 amps, spdt. 2these are military approved listings and the temperature range shown is for the finished product. all other listings are not military approved and the temperature range shown is the range for the basic switch only. with high strength thermoplastic rod actuators* 2 5 amps. sm(4) b 8ac9 9,53 5,16 3,18 four spdt ckts. (ms16106-3) .375 .203 .125 6 15 amps. spdt. v3 c 22ac1 9,53 5,16 3,18 .375 .203 .125 6 tapped hole in end v3 c 22ac2 9,53 5,16 3,18 of actuator rod. .375 .203 .125 15 amps. spdt. 7 15 amps. spdt. v3 c 23ac1 9,53 5,16 3,18 .375 .203 .125 7 tapped hole in end v3 c 23ac2 9,53 5,16 3,18 of actuator rod. .375 .203 .125 15 amps. spdt. 8 15 amps. v3(2) c 24ac1 9,53 4,75 3,18 two spdt ckts. .375 .187 .125 8 tapped hole in end v3(2) c 24ac2 9,53 4,75 3,18 of actuator rod. 4ac54** .375 .187 .125 15 amps. (ms16106-2) two spdt ckts. 4ac55 (ms16106-5) *not for use above 85 c( + 185 f). use steel actuators at higher temperatures. for additional catalog listings, contact the 800 number. **both switches operate on pull stroke, only one switch operates on push (reset) stroke. sealed/high temperature


▲Up To Search▲   

 
Price & Availability of MS16106-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X