|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
inductors mlf1005 1005 [0402 inch]* mlf1608 1608 [0603 inch] mlf2012 2012 [0805 inch] * dimensions code ji s [eia] may 2013 inductors for standard circuits multilayer ferrite mlf series
(1/22) inductors 001-01 / 20130516 / e511_mlf.fm reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the storage period is less than 12 months. be sure to follow the storage conditions (temperature: 5 to 40c, humidity: 10 to 7 5% rh or less). if the storage period elapses, the soldering of the terminal electrodes may deteriorate. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperatur e difference between the solder temperature and chip temperature does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. when embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. carefully lay out the coil for the circuit board design of the non-magnetic shield type. a malfunction may occur due to magnetic interference. use a wrist band to discharge static electricity in your body through the grounding wire. do not expose the products to magnets or magnetic fields. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious d amage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securi ng protection circuit/device or providing backup circuits in your equipment. reminders (2/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. inductors for standard circuits multilayer ferrite features the lineup includes a wide inductance range. highly reliable monolithic structure with multilayer integration. application smart phones, tablet terminals, tuners, lc d-tvs, pdp-tvs, audio equipment, computer s, signal processing for modules, etc. part number construction operating temperature range, package quantity, product weight ?? the storage temperature range is for after the circuit board is mounted. product compatible with rohs directive halogen-free compatible with lead-free solders overview of the mlf series mlf 1005 l r10 k t ??? series name lwh dimensions characteristics inductance inductance tolerance packaging style internal code (mm) (h) 1005 1.00.50.5 a 10n 0.010 (10nh) k 10% t taping 1608 1.60.80.8 c m 20% 2012 2.01.250.85 d r10 0.1 2.01.251.25 e 1r0 1 g 100 10 k l v type temperature range package quantity individual weight operating temperature storage temperature ? c c (pieces/reel) mg mlf1005v.1005g ?55 to +125 ?55 to +125 10,000 1.2 mlf1005l ?40 to +85 ?40 to +85 10,000 1.2 mlf1608 ?40 to +85 ?40 to +85 4,000 4 mlf2012 t=0.85 ?40 to +85 ?40 to +85 4,000 10 t=1.25 2,000 14 rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://www.t dk.co.jp/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm. (3/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. overview of the mlf series recommended reflow profile preheating soldering peak temp. time temp. time temp. time t1 t2 t1 t3 t2 t4 t3 150c 180c 60 to 120s 230c 30 to 60s 250 to 260c 10s max. natural cooling t3 t1 preheating t2 soldering t3 t3 t4 t2 t1 t: time peak t: temperature (4/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series mlf1005 type shape & dimensions recommended land pattern dimensions in mm 1.000.05 0.500.05 0.500.05 0.10min. 0.10min. dimensions in mm 0.5 0.5 0.4 0.5 (5/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf1005 type electrical characteristics characteristics specification table ?? the " ??? " of the part number contains the internal code. measurement equipment ? equivalent measurement equipment may be used. l l, q measuring conditions q min. self-resonant frequency (mhz) min. dc resistance ( ? ) max. rated current (ma) max. part no. ? (h) tolerance frequency (mhz) current (ma) 0.10 10% 25 1.0 10 450 0.51 180 mlf1005vr10kt 0.12 10% 25 1.0 10 400 0.59 180 mlf1005vr12kt 0.15 10% 25 1.0 15 350 0.63 180 mlf1005vr15kt 0.18 10% 25 1.0 15 320 0.72 160 mlf1005vr18kt 0.22 10% 25 1.0 15 290 0.79 160 mlf1005vr22kt 0.27 10% 25 1.0 15 260 0.91 150 mlf1005vr27kt 0.33 10% 25 1.0 15 230 1.05 140 mlf1005vr33kt 0.39 10% 25 1.0 15 210 1.35 130 mlf1005vr39kt 0.47 10% 25 1.0 15 190 1.50 120 mlf1005vr47kt 0.56 10% 25 1.0 15 170 1.95 120 mlf1005vr56kt 0.39 10% 10 1.0 30 210 0.41 50 mlf1005gr39kt 0.47 10% 10 1.0 30 190 0.42 50 mlf1005gr47kt 0.56 10% 10 1.0 30 170 0.47 45 mlf1005gr56kt 0.68 10% 10 1.0 30 150 0.55 45 mlf1005gr68kt 0.82 10% 10 1.0 30 130 0.59 40 mlf1005gr82kt 1.0 10% 10 1.0 30 120 0.64 40 mlf1005g1r0kt 1.2 10% 10 1.0 30 110 0.79 35 mlf1005g1r2kt 1.5 10% 10 1.0 30 100 0.95 35 mlf1005g1r5kt 1.8 10% 10 1.0 30 90 1.05 30 mlf1005g1r8kt 2.2 10% 10 1.0 30 80 1.30 30 mlf1005g2r2kt 0.10 10% 25 1.0 10 450 0.51 150 mlf1005lr10kt 0.12 10% 25 1.0 10 400 0.59 140 mlf1005lr12kt 0.15 10% 25 1.0 10 350 0.63 130 mlf1005lr15kt 0.18 10% 25 1.0 10 320 0.76 120 mlf1005lr18kt 0.22 10% 25 1.0 10 290 0.79 110 mlf1005lr22kt 0.27 10% 25 1.0 10 260 0.91 100 mlf1005lr27kt 0.33 10% 25 1.0 10 230 1.05 90 mlf1005lr33kt 0.39 10% 10 1.0 25 210 0.41 50 mlf1005lr39kt 0.47 10% 10 1.0 25 190 0.42 50 mlf1005lr47kt 0.56 10% 10 1.0 25 170 0.47 45 mlf1005lr56kt 0.68 10% 10 1.0 25 150 0.55 40 mlf1005lr68kt 0.82 10% 10 1.0 25 130 0.59 35 mlf1005lr82kt 1.0 10% 10 1.0 25 120 0.64 35 mlf1005l1r0kt 1.2 10% 10 1.0 25 110 0.79 35 mlf1005l1r2kt 1.5 10% 10 1.0 25 100 0.95 30 mlf1005l1r5kt 1.8 10% 10 1.0 25 90 1.05 20 mlf1005l1r8kt 2.2 10% 10 1.0 25 80 1.15 15 mlf1005l2r2kt measurement item product no. manufacturer l, q 4294a+16034g agilent technologies self-resonant frequency e4991a agilent technologies dc resistance type-7561 yokogawa (6/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf1005 type electrical characteristics l frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 1 10 100 1000 0.01 10 1 0.1 fre qu ency ( mhz ) ind u ct a nce ( h ) g1r 8 g1r2 gr 8 2 gr56 gr 3 9 vr47 vr 33 vr22 vr15 vr10 1 10 100 1000 0.01 10 1 0.1 fre qu ency ( mhz ) ind u ct a nce ( h ) g2r2 g1r5 g1r0 gr6 8 gr47 vr56 vr 3 9 vr27 vr1 8 vr12 product no. manufacturer e4991a+16192a agilent technologies (7/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf1005 type electrical characteristics l frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 1 10 100 1000 0 3 2 1 fre qu ency ( mhz ) ind u ct a nce ( h ) l2r2 l1r5 l1r0 lr6 8 lr47 lr 33 lr22 lr15 lr10 1 10 100 1000 0 3 2 1 fre qu ency ( mhz ) ind u ct a nce ( h ) l1r 8 l1r2 lr 8 2 lr56 lr 3 9 lr27 lr1 8 lr12 product no. manufacturer e4991a+16192a agilent technologies (8/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf1005 type electrical characteristics q frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 0 10 20 3 0 40 50 70 60 q 1 10 100 1000 fre qu ency ( mhz ) vr15 g1r2 gr 3 9 vr47 vr10 gr56 gr 8 2 g1r 8 vr 33 vr22 0 10 20 3 0 40 50 70 60 q 1 10 100 1000 fre qu ency ( mhz ) gr47 g1r0 g2r2 g1r5 gr6 8 vr56 vr27 vr 3 9 vr12 vr1 8 product no. manufacturer e4991a+16192a agilent technologies (9/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf1005 type electrical characteristics q frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 0 10 20 3 0 40 50 8 0 70 60 q 1 10 100 1000 fre qu ency ( mhz ) l2r2 l1r5 lr6 8 lr 33 lr10 l1r0 lr47 lr22 lr15 0 10 20 3 0 40 50 70 60 q 1 10 100 1000 fre qu ency ( mhz ) l1r 8 lr 8 2 lr 3 9 lr27 lr1 8 lr12 lr56 l1r2 product no. manufacturer e4991a+16192a agilent technologies (10/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series yy mlf1608 type shape & dimensions recommended land pattern dimensions in mm 1.600.15 0. 8 00.15 0. 8 00.15 0. 3 00.20 0. 3 00.20 dimensions in mm 0.8 0.6 0.8 0.6 (11/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf1608 type electrical characteristics characteristics specification table ?? the " ??? " of the part number contains the internal code. measurement equipment ? equivalent measurement equipment may be used. l q l, q measuring conditions self-resonant frequency(mhz) dc resistance ( ? ) rated current (ma) part no. ? frequency (mhz) current (ma) max. (h) tolerance min. typ. min. typ. max. typ. 0.047 20% 10 20 50 1.0 600 900 0.20 0.10 200 mlf1608d47nmt 0.068 20% 10 20 50 1.0 550 700 0.30 0.15 200 mlf1608d68nmt 0.082 20% 10 20 50 1.0 500 650 0.30 0.15 200 mlf1608d82nmt 0.10 10% 15 25 25 1.0 450 600 0.35 0.20 200 mlf1608dr10kt 0.12 10% 15 25 25 1.0 400 550 0.40 0.20 200 mlf1608dr12kt 0.15 10% 15 25 25 1.0 350 500 0.45 0.25 200 mlf1608dr15kt 0.18 10% 15 25 25 1.0 320 450 0.50 0.25 150 mlf1608dr18kt 0.22 10% 15 25 25 1.0 290 400 0.55 0.30 150 mlf1608dr22kt 0.27 10% 15 25 25 1.0 260 350 0.60 0.35 150 mlf1608dr27kt 0.33 10% 15 25 25 1.0 230 320 0.75 0.40 100 mlf1608dr33kt 0.39 10% 15 25 25 1.0 210 290 0.85 0.45 100 mlf1608dr39kt 0.47 10% 15 30 25 1.0 190 260 0.95 0.50 100 mlf1608dr47kt 0.56 10% 15 30 25 1.0 170 230 1.05 0.55 100 mlf1608dr56kt 0.68 10% 15 30 25 1.0 150 210 1.25 0.65 70 mlf1608dr68kt 0.82 10% 15 30 25 1.0 130 190 1.40 0.75 70 mlf1608dr82kt 1.0 10% 35 50 10 1.0 120 170 0.50 0.25 50 mlf1608a1r0kt 1.2 10% 35 50 10 1.0 110 150 0.65 0.25 50 mlf1608a1r2kt 1.5 10% 35 55 10 1.0 100 140 0.70 0.30 50 mlf1608a1r5kt 1.8 10% 35 55 10 1.0 90 130 0.85 0.35 50 mlf1608a1r8kt 2.2 10% 35 55 10 1.0 80 120 1.00 0.45 30 mlf1608a2r2kt 2.7 10% 35 55 10 1.0 70 110 1.15 0.50 30 MLF1608A2R7KT 3.3 10% 35 60 10 1.0 65 100 1.30 0.55 30 mlf1608a3r3kt 3.9 10% 35 60 10 1.0 60 90 1.45 0.65 30 mlf1608a3r9kt 4.7 10% 35 60 10 1.0 55 80 1.60 0.75 30 mlf1608a4r7kt 5.6 10% 35 60 4 0.1 45 70 1.10 0.55 15 mlf1608e5r6kt 6.8 10% 35 60 4 0.1 40 60 1.30 0.65 15 mlf1608e6r8kt 8.2 10% 35 60 4 0.1 35 55 1.50 0.80 10 mlf1608e8r2kt 10 10% 30 55 2 0.1 30 50 1.70 1.00 10 mlf1608e100kt 12 10% 30 55 2 0.1 25 45 1.80 1.20 10 mlf1608e120kt 15 10% 20 40 1 0.1 22 42 1.50 0.80 2 mlf1608c150kt 18 10% 20 40 1 0.1 20 40 1.60 0.85 2 mlf1608c180kt 22 10% 20 40 1 0.1 18 38 1.70 0.90 2 mlf1608c220kt 27 10% 20 40 1 0.1 15 35 1.80 1.20 2 mlf1608c270kt 33 10% 20 40 1 0.1 10 30 2.20 1.40 2 mlf1608c330kt measurement item product no. manufacturer l, q 4294a+16034g agilent technologies self-resonant frequency e4991a agilent technologies dc resistance type-7561 yokogawa (12/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf1608 type electrical characteristics l frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 1 10 100 1000 0.01 100 10 1 0.1 fre qu ency ( mhz ) ind u ct a nce ( h ) e100 dr6 8 dr47 dr 33 dr22 dr15 dr10 e6r 8 a4r7 a 3 r 3 a2r2 a1r5 a1r0 1 10 100 1000 0.01 100 10 1 0.1 fre qu ency ( mhz ) ind u ct a nce ( h ) e120 e 8 r2 e5r6 a 3 r9 a2r7 a1r 8 dr 8 2 dr56 dr 3 9 dr27 dr1 8 dr12 a1r2 product no. manufacturer e4991a+16192a agilent technologies (13/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf1608 type electrical characteristics l frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 0.1 10 1 100 0.1 100 10 1 fre qu ency ( mhz ) ind u ct a nce ( h ) c 33 0 c270 c220 c1 8 0 c150 product no. manufacturer 4294a+16034g agilent technologies (14/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf1608 type electrical characteristics q frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 0 10 20 3 0 40 50 70 60 q 1 10 100 1000 fre qu ency ( mhz ) e100 e6r 8 a1r0 dr6 8 dr 33 dr15 dr10 a 3 r 3 a2r2 a1r5 dr47 dr22 0 10 20 3 0 40 50 70 60 q 110 1000 100 fre qu ency ( mhz ) e120 e 8 r2 e5r6 a 3 r9 a2r7 a1r 8 dr 8 2 dr56 dr 3 9 dr27 dr1 8 dr12 a1r2 product no. manufacturer e4991a+16192a agilent technologies (15/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf1608 type electrical characteristics q frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 0 10 20 3 0 40 50 70 60 q 0.1 1 10 100 fre qu ency ( mhz ) c270 c220 c1 8 0 c 33 0 c150 product no. manufacturer 4294a+16034g agilent technologies (16/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf2012 type shape & dimensions recommended land pattern dimensions in mm 2.000.20 t 1.250.20 0.500. 3 0 0.500. 3 0 t 0. 8 50.20 1.250.20 dimensions in mm 1.2 0.8 1.0 0.8 (17/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf2012 type electrical characteristics characteristics specification table ?? the " ??? " of the part number contains the internal code. measurement equipment ? equivalent measurement equipment may be used. l q l, q measuring conditions self-resonant frequency(mhz) dc resistance ( ? ) rated current (ma) thickness t (mm) part no. ? (h) tolerance min. typ. frequency (mhz) current (ma) min. typ. max. typ. max. 0.047 20% 15 25 50 1.0 550 700 0.10 0.05 300 0.85 mlf2012d47nmt 0.068 20% 15 25 50 1.0 500 600 0.15 0.08 300 0.85 mlf2012d68nmt 0.082 20% 15 25 50 1.0 450 550 0.15 0.08 300 0.85 mlf2012d82nmt 0.10 10% 20 30 25 1.0 400 500 0.15 0.10 300 0.85 mlf2012dr10kt 0.12 10% 20 30 25 1.0 360 450 0.20 0.12 300 0.85 mlf2012dr12kt 0.15 10% 20 30 25 1.0 320 410 0.20 0.13 300 0.85 mlf2012dr15kt 0.18 10% 20 30 25 1.0 280 370 0.25 0.15 300 0.85 mlf2012dr18kt 0.22 10% 20 30 25 1.0 250 330 0.30 0.16 250 0.85 mlf2012dr22kt 0.27 10% 20 30 25 1.0 220 300 0.35 0.18 250 0.85 mlf2012dr27kt 0.33 10% 20 30 25 1.0 200 270 0.40 0.23 250 0.85 mlf2012dr33kt 0.39 10% 25 35 25 1.0 180 250 0.45 0.25 200 0.85 mlf2012dr39kt 0.47 10% 25 35 25 1.0 160 230 0.50 0.25 200 1.25 mlf2012dr47kt 0.56 10% 25 35 25 1.0 150 210 0.55 0.30 150 1.25 mlf2012dr56kt 0.68 10% 25 35 25 1.0 140 190 0.60 0.35 150 1.25 mlf2012dr68kt 0.82 10% 25 35 25 1.0 130 170 0.65 0.40 150 1.25 mlf2012dr82kt 1.0 10% 45 55 10 1.0 120 160 0.30 0.15 80 0.85 mlf2012a1r0kt 1.2 10% 45 55 10 1.0 110 150 0.35 0.15 80 0.85 mlf2012a1r2kt 1.5 10% 45 60 10 1.0 100 140 0.40 0.18 80 0.85 mlf2012a1r5kt 1.8 10% 45 60 10 1.0 90 130 0.45 0.20 80 0.85 mlf2012a1r8kt 2.2 10% 45 60 10 1.0 80 120 0.50 0.22 50 0.85 mlf2012a2r2kt 2.7 10% 45 70 10 1.0 70 100 0.55 0.25 50 1.25 mlf2012a2r7kt 3.3 10% 45 70 10 1.0 60 90 0.60 0.28 50 1.25 mlf2012a3r3kt 3.9 10% 45 70 10 1.0 55 80 0.65 0.30 30 1.25 mlf2012a3r9kt 4.7 10% 45 70 10 1.0 50 70 0.70 0.35 30 1.25 mlf2012a4r7kt 5.6 10% 50 75 4 0.1 45 65 0.60 0.30 15 1.25 mlf2012e5r6kt 6.8 10% 50 75 4 0.1 40 60 0.65 0.32 15 1.25 mlf2012e6r8kt 8.2 10% 50 75 4 0.1 35 55 0.70 0.35 15 1.25 mlf2012e8r2kt 10 10% 50 75 2 0.1 30 50 0.80 0.40 15 1.25 mlf2012e100kt 12 10% 50 75 2 0.1 25 45 0.90 0.50 15 1.25 mlf2012e120kt 15 10% 30 45 1 0.1 22 40 0.70 0.35 5 1.25 mlf2012c150kt 18 10% 30 45 1 0.1 20 38 0.80 0.38 5 1.25 mlf2012c180kt 22 10% 30 45 1 0.1 18 35 0.90 0.45 5 1.25 mlf2012c220kt 27 10% 30 45 1 0.1 17 33 1.00 0.50 5 1.25 mlf2012c270kt 33 10% 30 45 0.4 0.1 15 28 1.10 0.55 5 1.25 mlf2012c330kt 39 10% 35 55 2 0.1 13 23 2.40 1.30 4 1.25 mlf2012k390kt 47 10% 35 55 2 0.1 11 20 2.70 1.60 4 1.25 mlf2012k470kt 56 10% 35 55 2 0.1 10 18 2.80 1.80 4 1.25 mlf2012k560kt 68 10% 25 45 1 0.1 9 16 2.90 2.00 2 1.25 mlf2012c680kt 82 10% 25 45 1 0.1 8 14 3.00 2.40 2 1.25 mlf2012c820kt 100 10% 25 45 1 0.1 7 12 3.10 2.50 2 1.25 mlf2012c101kt measurement item product no. manufacturer l, q 4294a+16034g agilent technologies self-resonant frequency e4991a agilent technologies dc resistance type-7561 yokogawa (18/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf2012 type electrical characteristics l frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 1 10 100 1000 0.01 100 10 1 0.1 fre qu ency ( mhz ) ind u ct a nce ( h ) e100 dr6 8 dr47 dr 33 dr22 dr15 dr10 e6r 8 a4r7 a 3 r 3 a2r2 a1r5 a1r0 1 10 100 1000 0.01 100 10 1 0.1 fre qu ency ( mhz ) ind u ct a nce ( h ) e120 e 8 r2 e5r6 a 3 r9 a2r7 a1r 8 dr 8 2 dr56 dr 3 9 dr27 dr1 8 dr12 a1r2 product no. manufacturer e4991a+16192a agilent technologies (19/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf2012 type electrical characteristics l frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 0.1 10 1 100 0.1 100 10 1 fre qu ency ( mhz ) ind u ct a nce ( h ) c101 c 8 20 k560 k470 k 3 90 c270 c220 c1 8 0 c150 c6 8 0 c 33 0 product no. manufacturer 4294a+16034g agilent technologies (20/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf2012 type electrical characteristics q frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 0 10 20 3 0 40 50 90 70 8 0 60 q 110 1000 100 fre qu ency ( mhz ) e100 e6r 8 a1r0 dr 33 dr15 dr10 a 3 r 3 a2r2 a1r5 dr47 dr22 dr6 8 a4r7 0 10 20 3 0 40 50 90 8 0 70 60 q 110 1000 100 fre qu ency ( mhz ) e120 e 8 r2 e5r6 a 3 r9 a2r7 a1r 8 dr 8 2 dr56 dr 3 9 dr27 dr1 8 dr12 a1r2 product no. manufacturer e4991a+16192a agilent technologies (21/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series y mlf2012 type q frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 0 10 20 3 0 40 50 90 8 0 70 60 q 0.1 10 100 1 fre qu ency ( mhz ) c101 c 8 20 c6 8 0 k560 k470 k 3 90 c 33 0 c270 c220 c1 8 0 c150 product no. manufacturer 4294a+16034g agilent technologies (22/22) inductors 001-01 / 20130516 / e511_mlf.fm ? all specifications are subject to change without notice. mlf series packaging style reel dimensions tape dimensions 1.0 ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 ?60min. 14.4max. dimensions in mm 8.4 +2.0 ?0.0 8.0 0.3 3.5 0.05 1.75 0.1 4.0 0.1 1.5 +0.1 ?0.0 sprocket hole cavity c a b 2.0 0.05 2.0 0.05 160min. taping 200min. 300min. drawing direction dimensions in mm ty p e a b c mlf1005 0.8 max. 0.650.1 1.150.1 mlf1608 1.1 max. 1.10.2 1.90.2 mlf2012 t=0.85 1.1 max. 1.50.2 2.30.2 t=1.25 1.5 max. 1.50.2 2.30.2 |
Price & Availability of MLF1608A2R7KT |