Part Number Hot Search : 
1100T R3002 A104ERU 0BEEVAE BFQ67F 73001 04504 APT15
Product Description
Full Text Search
 

To Download MCX241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mcx 241 series ? mini-sip ssr ? ratings to 1.5a @ 280 vac ? scr output ? dc control ? zero-crossing (resistive loads) or random-fire (inductive loads) output ? plastic enca p sulated product selection control voltage zero-crossing random fire 4-10 vdc MCX241 MCX241r output specifications (1) description operating voltage (47-63hz) [vrms] 12-280 12-280 transient overvoltage [vpk] 600 600 maximum off-state leakage current @ rated voltage [marms] 0.1 0.1 minimum off-state dv/dt @ maximum rated voltage [v/sec] (3) 200 200 maximum load current [arms] 1.5 1.5 minimum load current [arms] 0.025 0.025 maximum surge current (16.6ms) [apk] 40 40 maximum on-state voltage drop @ rated current [vpk] 1.5 1.5 minimum power factor (with maximum load) 0.5 0.5 input specifications (1) description control voltage range 4-10 vdc 4-10 vdc must turn on voltage 4.0 vdc 4.0 vdc must turn off voltage 1.0 vdc 1.0 vdc typycal input current @ 5 vdc 15 madc 15 madc nominal input impedance 300 ohm 300 ohm maximum turn-on time [msec] (4) 1/2 cycle 0.1 maximum turn-off time [msec] 1/2 cycle 1/2 cycle general specifications description parameters dielectric strength, inpu t/output/base (50/60hz)(2) 4000 vrms minimum insulation resistance (@ 500 vdc)(2) 10 9 ohm maximum capacitance, input/output 8 pf ambient operating temperature range -40 to 80c ambient storage temperature range -40 to 125c weight (typical) 0.7 oz.(20g) encapsulation thermally conductive epoxy general notes 1) all p ara meters at 25 c u nl ess othe rwise speci fi ed. 2) di ele ctric an d ins ula ti on re sisten ce a re me asu red b etwe en i np ut and ou tp ut 3) off-sta te dv/dt te st m etho d pe r eia/nar m stan da rd rs-4 43 4) tu rn on time o r ra nd om tur n o n is 0.1 m sec obsolete
mechanical specifications dc control. pin 1:+dc load pin 2: -dc load pin 3: +dc control pin 4: -dc control thermal derate information agency approvals ul e1 16 95 0 csa l r81 68 9 vde 5921 ug rev. 120810 obsolete
obsolete
annex - enviromental information obsolete


▲Up To Search▲   

 
Price & Availability of MCX241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X