Part Number Hot Search : 
DS83C5 XMXXX 3329X205 B66381 LEM2520 04PITE S0500 74F545PC
Product Description
Full Text Search
 

To Download MC74VHC1G00DFT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2007 january, 2007 ? rev. 18 1 publication order number: mc74vhc1g00/d mc74vhc1g00 single 2?input nand gate the mc74vhc1g00 is an advanced high speed cmos 2?input nand gate fabricated with silicon gate cmos technology. the internal circuit is composed of multiple stages, including a buffer output which provides high noise immunity and stable output. the mc74vhc1g00 input structure provides protection when voltages up to 7.0 v are applied, regardless of the supply voltage. this allows the mc74vhc1g00 to be used to interface 5.0 v circuits to 3.0 v circuits. features ? high speed: t pd = 3.0 ns (typ) at v cc = 5.0 v ? low power dissipation: i cc = 1  a (max) at t a = 25 c ? power down protection provided on inputs ? balanced propagation delays ? pin and function compatible with other standard logic families ? chip complexity: fets = 56 ? pb?free packages are available figure 1. pinout (top view) v cc in b in a out y gnd figure 2. logic symbol out y & 1 2 34 5 in b in a pin assignment 1 2 3 gnd in b in a 4 5v cc out y l l h h l h l h function table inputs output ab h h h l y see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ordering information marking diagrams sc70?5/sc?88a/sot?353 df suffix case 419a sot23?5/tsop?5/sc59?5 dt suffix case 483 1 1 http://onsemi.com 1 5 v1 m   1 5 v1m  m  v1 = device code m = date code*  = pb?free package (note: microdot may be in either location) *date code orientation and/or position may vary depending upon manufacturing location.
mc74vhc1g00 http://onsemi.com 2 maximum ratings symbol parameter value unit v cc dc supply voltage  0.5 to +7.0 v v in dc input voltage ?0.5 to +7.0 v v out dc output voltage  0.5 to v cc +0.5 v i ik dc input diode current ?20 ma i ok dc output diode current  20 ma i out dc output sink current  12.5 ma i cc dc supply current per supply pin  25 ma t stg storage temperature range  65 to +150 c t l lead temperature, 1 mm from case for 10 seconds 260 c t j junction temperature under bias +150 c  ja thermal resistance sc70?5/sc?88a (note 1) tsop?5 350 230 c/w p d power dissipation in still air at 85 c sc70?5/sc?88a tsop?5 150 200 mw msl moisture sensitivity level 1 f r flammability rating oxygen index: 28 to 34 ul 94 v?0 @ 0.125 in v esd esd withstand voltage human body model (note 2) machine model (note 3) charged device model (note 4) > 2000 > 200 n/a v i latchup latchup performance above v cc and below gnd at 125 c (note 5)  500 ma stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. measured with minimum pad spacing on an fr4 board, using 10 mm?by?1 inch, 2?ounce copper trace with no air flow. 2. tested to eia/jesd22?a114?a. 3. tested to eia/jesd22?a115?a. 4. tested to jesd22?c101?a. 5. tested to eia/jesd78. recommended operating conditions symbol parameter min max unit v cc dc supply voltage 2.0 5.5 v v in dc input voltage 0.0 5.5 v v out dc output voltage 0.0 v cc v t a operating temperature range  55 +125 c t r , t f input rise and fall time v cc = 3.3 v  0.3 v v cc = 5.0 v  0.5 v 0 0 100 20 ns/v device junction temperature versus time to 0.1% bond failures junction temperature c time, hours time, years 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 1 1 10 100 1000 failure rate of plastic = ceramic until intermetallics occur figure 3. failure rate vs. time junction temperature normalized failure rate time, years t j = 130 c t j = 120 c t j = 110 c t j = 100 c t j = 90 c t j = 80 c
mc74vhc1g00 http://onsemi.com 3 dc electrical characteristics symbo l parameter test conditions v cc (v) t a = 25  c t a  85  c  55  c to 125  c uni t min typ max min max min max v ih minimum high?level input voltage 2.0 3.0 4.5 5.5 1.5 2.1 3.15 3.85 1.5 2.1 3.15 3.85 1.5 2.1 3.15 3.85 v v il maximum low?level input voltage 2.0 3.0 4.5 5.5 0.5 0.9 1.35 1.65 0.5 0.9 1.35 1.65 0.5 0.9 1.35 1.65 v v oh minimum high?level output voltage v in = v ih or v il v in = v ih or v il i oh = ?50  a 2.0 3.0 4.5 1.9 2.9 4.4 2.0 3.0 4.5 1.9 2.9 4.4 1.9 2.9 4.4 v v in = v ih or v il i oh = ?4 ma i oh = ?8 ma 3.0 4.5 2.58 3.94 2.48 3.80 2.34 3.66 v ol maximum low?level output voltage v in = v ih or v il v in = v ih or v il i ol = 50  a 2.0 3.0 4.5 0.0 0.0 0.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v ih or v il i ol = 4 ma i ol = 8 ma 3.0 4.5 0.36 0.36 0.44 0.44 0.52 0.52 i in maximum input leakage current v in = 5.5 v or gnd 0 to 5.5  0.1  1.0  1.0  a i cc maximum quiescent supply current v in = v cc or gnd 5.5 1.0 10 40  a ac electrical characteristics input t r = t f = 3.0 ns symbo l parameter test conditions t a = 25  c t a  85  c  55  c to 125  c uni t min typ max min max min max ???? ? ?? ? ? ?? ? ???? t plh , t phl ??????? ? ????? ? ? ????? ? ??????? maximum propagation delay, input a or b to y ????????? ?????????  0.3 v c l = 15 pf c l = 50 pf ??? ??? ??? ??? ??? ??? ?? ?? ??? ??? ???? ???? ??? ??? ?? ?? ?? ?? ????????? ? ??????? ? ????????? v cc = 5.0  0.5 v c l = 15 pf c l = 50 pf ??? ? ? ? ??? ??? ? ? ? ??? 3.0 3.8 ??? ? ? ? ??? 5.5 7.5 ?? ?? ?? ??? ? ? ? ??? 6.5 8.5 ???? ? ?? ? ???? ??? ? ? ? ??? 8.0 10.0 ???? ? ?? ? ???? c in ??????? ? ????? ? ??????? maximum input capacitance ????????? ? ??????? ? ????????? ??? ? ? ? ??? ??? ? ? ? ??? 5.5 ??? ? ? ? ??? 10 ?? ?? ?? ??? ? ? ? ??? 10 ???? ? ?? ? ???? ??? ? ? ? ??? 10 ?? ?? ?? typical @ 25 c, v cc = 5.0 v 10 pf 6. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc . c pd is used to determine the no?load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc .
mc74vhc1g00 http://onsemi.com 4 v cc gnd 50% 50% v cc a or b y t phl t plh figure 4. switching waveforms figure 5. test circuit *includes all probe and jig capacitance. a 1?mhz square input wave is recommended for propagation delay tests. c l* input v cc output ordering information device package shipping ? mc74vhc1g00dft1 sc70?5/sc?88a/sot?353 3000 / tape & reel MC74VHC1G00DFT1G sc70?5/sc?88a/sot?353 (pb?free) mc74vhc1g00dft2 sc70?5/sc?88a/sot?353 mc74vhc1g00dft2g sc70?5/sc?88a/sot?353 (pb?free) mc74vhc1g00dtt1 sot23?5/tsop?5/sc59?5 mc74vhc1g00dtt1g sot23?5/tsop?5/sc59?5 (pb?free) ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc74vhc1g00 http://onsemi.com 5 package dimensions sc?88a/sot?353/sc?70 df suffix 5 lead package case 419a?02 issue j notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419a?01 obsolete. new standard 419a?02. 4. dimensions a and b do not include mold flash, protrusions, or gate burrs. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h ??? 0.10 ??? 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 12 3 4 5 a g s d 5 pl h c n j k ?b? *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*  mm inches  scale 20:1 0.65 0.025 0.65 0.025 0.50 0.0197 0.40 0.0157 1.9 0.0748
mc74vhc1g00 http://onsemi.com 6 package dimensions tsop?5 case 483?02 issue f notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. dimensions a and b do not include mold flash, protrusions, or gate burrs. 5. optional construction: an additional trimmed lead is allowed in this location. trimmed lead not to extend more than 0.2 from body. dim min max millimeters a 3.00 bsc b 1.50 bsc c 0.90 1.10 d 0.25 0.50 g 0.95 bsc h 0.01 0.10 j 0.10 0.26 k 0.20 0.60 l 1.25 1.55 m 0 10 s 2.50 3.00 123 54 s a g l b d h c j  0.7 0.028 1.0 0.039  mm inches  scale 10:1 0.95 0.037 2.4 0.094 1.9 0.074 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.20 5x c ab t 0.10 2x 2x t 0.20 note 5 t seating plane 0.05 k m detail z detail z on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 mc74vhc1g00/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74VHC1G00DFT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X