Part Number Hot Search : 
RL257 228M00 PQ1CG21H K4S1616 20020 BT24005 BT24005 2SC32
Product Description
Full Text Search
 

To Download MC4405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  freescale ao4405/ MC4405 p-channel 30-v (d-s) mosfet v ds (v) i d (a) -6.5 -5.3 symbol limit units v ds -30 v gs 20 t a =25c -6.5 t a =70c -5.5 i dm -30 i s -4 a t a =25c 3.1 t a =70c 2.2 t j , t stg -55 to 150 c symbol maximum units 40 80 notes a. surface mounted on 1 x 1 fr4 board. b. pulse width limited by maximum junction temperature power dissipation a t <= 10 sec steady state r ja i d a p d w gate-source voltage product summary -30 r ds(on) (m) 49 @ v gs = -10v 75 @ v gs = -4.5v pulsed drain current b continuous source current (diode conduction) a thermal resistance ratings c/w parameter operating junction and storage temperature range absolute maximum ratings (t a = 25c unless otherwise noted) v parameter drain-source voltage maximum junction-to-ambient a continuous drain current a key features: ? low r ds(on) trench technology ? low thermal impedance ? fast switching speed typical applications: ? white led boost converters ? automotive systems ? industrial dc/dc conversion circuits 1 www.freescale.net.cn
freescale is an equal opportunity/affirmative action employer. with such unintended or unauthorized use, even if such claim alleges that freescale was negligent regarding the design or manufacture of the part. buyer shall indemnify and hold freescale and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, applications intended to support or sustain life, or for any other application in which the failure of the freescale product could create a situation where personal injury or death may occur. should buyer purchase or use freescale products for any such unintended or unauthorized application, customer application by customers technical experts. freescale does not convey any license under its patent rights nor the rights of others. freescale consequential or incidental damages. typical parameters which may be provided in freescale data sheets and/or specifications can and do vary or guarantee regarding the suitability of its products for any particular purpose, nor does freescale assume any liability arising out freescale reserves the right to make changes without further notice to any products herein. freescale makes no warranty, parameter symbol test conditions min typ max unit gate-source threshold voltage v gs(th) v ds = v gs , i d = -250 ua -1 v gate-body leakage i gss v ds = 0 v, v gs = 20 v 100 na v ds = -24 v, v gs = 0 v -1 v ds = -24 v, v gs = 0 v, t j = 55c -25 on-state drain current a i d(on) v ds = -5 v, v gs = -10 v -8 a v gs = -10 v, i d = -5.2 a 49 v gs = -4.5 v, i d = -4.2 a 75 forward transconductance a g fs v ds = -15 v, i d = -5.2 a 12 s diode forward voltage a v sd i s = -2 a, v gs = 0 v -0.81 v total gate charge q g 7.7 gate-source charge q gs 3.0 gate-drain charge q gd 3.3 turn-on delay time t d(on) 8 rise time t r 5 turn-off delay time t d(off) 23 fall time t f 11 input capacitance c iss 581 output capacitance c oss 120 reverse transfer capacitance c rss 75 notes a. pulse test: pw <= 300us duty cycle <= 2%. b. guaranteed by design, not subject to production testing. representation of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, in different applications and actual performance may vary over time. all operating parameters, including typicals must be validated for each products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated pf v ds = -15 v, v gs = 0 v, f = 1 mhz m r ds(on) nc v ds = -15 v, r l = 2.9 , i d = -5.2 a, v gen = -10 v, r gen = 6 v ds = -15 v, v gs = -4.5 v, i d = -5.2 a drain-source on-resistance a zero gate voltage drain current static ua electrical characteristics i dss dynamic b ns 2 freescale ao4405/ MC4405 www.freescale.net.cn
1. on-resistance vs. drain current 2. transfer characteristics 3. on-resistance vs. gate-to-source voltage 4. drain-to-source forward voltage 5. output characteristics 6. capacitance typical electrical characteristics 0 0.05 0.1 0.15 0 2 4 6 8 rds(on) - on - resistance( ) id - drain current (a) 3.5v 4.5v,6v,8v,10v 4v 0 2 4 6 8 10 0 0.2 0.4 0.6 0.8 id - drain current (a) vds - drain - to - source voltage (v) 10v,8v,6v,4.5v,4v 3.5v 0 0.05 0.1 0.15 0.2 0 2 4 6 8 10 rds(on) - on - resistance( ) vgs - gate - to - source voltage (v) tj = 25 c tj = 25 c 0 2 4 6 8 10 0 1 2 3 4 5 id - drain current (a) vgs - gate - to - source voltage (v) tj = 25 c 0.01 0.1 1 10 100 0.2 0.4 0.6 0.8 1 1.2 1.4 is - source current (a) vsd - source - to - drain voltage (v) tj = 25 c 0 100 200 300 400 500 600 700 800 900 0 5 10 15 20 capacitance (pf) vds - drain - to - source voltage (v) ciss coss crss f = 1mhz i d = - 5.2a 3 freescale ao4405/ MC4405 www.freescale.net.cn
7. gate charge 9. safe operating area 10. single pulse maximum power dissipation typical electrical characteristics 8. normalized on-resistance vs junction temperature 11. normalized thermal transient junction to ambient 0 2 4 6 8 10 0 5 10 15 20 vgs - gate - to - source voltage (v) qg - total gate charge (nc) 0.01 0.1 1 10 100 0.1 1 10 100 id current (a) vds drain to source voltage (v) 10 us 100 us 1 ms 10 ms 100 ms 1 sec 10 sec 100 sec dc idm limit limited by rds 1 0 10 20 30 40 50 0.001 0.01 0.1 1 10 100 1000 peak transient power (w) t1 time (sec) 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t1 time (sec) d = 0.5 0.2 0.1 0.05 0.02 single pulse r ja (t) = r(t) + r ja t j - t a = p * r ja (t) duty cycle, d = t 1 / t 2 0.5 1 1.5 2 -50 -25 0 25 50 75 100 125 150 rds(on) - on - resistance( ) (normalized) tj - junctiontemperature( c) p(pk) t 1 t 2 r ja = 80 c / w v ds = - 15v i d = - 5.2a 4 freescale ao4405/ MC4405 www.freescale.net.cn
package information note: 1. all dimension are in mm. 2. package body sizes exclude mold flash, protrusion or gate burrs. mold flash, protrusion or gate burrs shall not exceed 0.10 mm per side. 3. package body sizes determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 4. the package top may be smaller than the package bottom. 5. dimension "b" does not include dambar protrusion. allowable dambar protrusion shall be 0.08 mm total in excess of "b" dimension at maximum material condition. the dambar cannot be located on the lower radius of the foot. 5 freescale ao4405/ MC4405 www.freescale.net.cn


▲Up To Search▲   

 
Price & Availability of MC4405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X