Part Number Hot Search : 
8C10DC6 SMB220 00F253 UPD63210 IMT41 SCL4014B 05482 2SC4981
Product Description
Full Text Search
 

To Download MC1455BDG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 february, 2006 ? rev. 9 1 publication order number: mc1455/d mc1455, mc1455b, ncv1455b timers the mc1455 monolithic timing circuit is a highly stable controller capable of producing accurate time delays or oscillation. additional terminals are provided for triggering or resetting if desired. in the time delay mode, time is precisely controlled by one external resistor and capacitor. for astable operation as an oscillator, the free?running frequency and the duty cycle are both accurately controlled with two external resistors and one capacitor. the circuit may be triggered and reset on falling waveforms, and the output structure can source or sink up to 200 ma or drive mttl circuits. features ? direct replacement for ne555 timers ? timing from microseconds through hours ? operates in both astable and monostable modes ? adjustable duty cycle ? high current output can source or sink 200 ma ? output can drive mttl ? temperature stability of 0.005% per c ? normally on or normally off output ? pb?free packages are available http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 9 of this data sheet. ordering information x = b or v yyy = bp1 or p1 a = assembly location l = wafer lot y, yy = year w, ww = work week  or g = pb?free package soic?8 d suffix case 751 1 8 marking diagrams pdip?8 p1 suffix case 626 1 8 1 8 mc1455yyy awl yywwg 1455x alyw  1 8 figure 1. 22 second solid state time delay relay circuit figure 2. representative block diagram figure 3. general test circuit 1.0 k load mt2 10 k 0.1  f 0.01  f 1 5 2 4 38 6 7 1.0  f c 20m g mt1 ?10 v 1n4003 117 vac/60 hz 1n4740 3.5 k 250 v ? + t = 1.1; r and c = 22 sec time delay (t) is variable by changing r and c (see figure 16). 10  f v cc threshold control voltage trigger 6 5 2 5 k 8 5 k 5 k + ? comp a + ? comp b 1 gnd reset 4 r s flip flop q inhibit/ reset 7 3 discharge output r mc1455 v r reset 4 8 i cc v cc 700 discharge 6 threshold 7 i th 2.0 k v s trigger 2 gnd 1 3 i sink i source v o 0.01  f + 5 control voltage output v cc mc1455 test circuit for measuring dc parameters (to set output and measur e parameters): a) when v s  2/3 v cc , v o is low. b) when v s  1/3 v cc , v o is high. c) when v o is low, pin 7 sinks current. to test for reset, set v o c) high, apply reset voltage, and test for current flowing into pin 7. c) when reset is not in use, it should be tied to v cc .
mc1455, mc1455b, ncv1455b http://onsemi.com 2 maximum ratings (t a = +25 c, unless otherwise noted.) rating symbol value unit power supply voltage v cc +18 vdc discharge current (pin 7) i 7 200 ma power dissipation (package limitation) p1 suffix, plastic package derate above t a = +25 c d suffix, plastic package derate above t a = +25 c p d p d 625 5.0 625 160 mw mw/ c mw c/w operating temperature range (ambient) mc1455b mc1455 ncv1455b t a ?40 to +85 0 to +70 ?40 to +125 c maximum operating die junction temperature t j +150 c storage temperature range t stg ?65 to +150 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. electrical characteristics (t a = +25 c, v cc = +5.0 v to +15 v, unless otherwise noted.) characteristics symbol min typ max unit operating supply voltage range v cc 4.5 ? 16 v supply current v cc = 5.0 v, r l =  v cc = 15 v, r l =  , low state (note 1) i cc ? ? 3.0 10 6.0 15 ma timing error (r = 1.0 k  to 100 k  ) (note 2) initial accuracy c = 0.1  f drift with temperature drift with supply voltage ? ? ? 1.0 50 0.1 ? ? ? % ppm/ c %/v threshold voltage/supply voltage v th /v cc ? 2/3 ? trigger voltage v cc = 15 v v cc = 5.0 v v t ? ? 5.0 1.67 ? ? v trigger current i t ? 0.5 ?  a reset voltage v r 0.4 0.7 1.0 v reset current i r ? 0.1 ? ma threshold current (note 3) i th ? 0.1 0.25  a discharge leakage current (pin 7) i dischg ? ? 100 na control voltage level v cc = 15 v v cc = 5.0 v v cl 9.0 2.6 10 3.33 11 4.0 v output voltage low i sink = 10 ma (v cc = 15 v) i sink = 50 ma (v cc = 15 v) i sink = 100 ma (v cc = 15 v) i sink = 200 ma (v cc = 15 v) i sink = 8.0 ma (v cc = 5.0 v) i sink = 5.0 ma (v cc = 5.0 v) v ol ? ? ? ? ? ? 0.1 0.4 2.0 2.5 ? 0.25 0.25 0.75 2.5 ? ? 0.35 v output voltage high v cc = 15 v (i source = 200 ma) v cc = 15 v (i source = 100 ma) v cc = 5.0 v (i source = 100 ma) v oh ? 12.75 2.75 12.5 13.3 3.3 ? ? ? v rise time differential output t r ? 100 ? ns fall time differential output t f ? 100 ? ns 1. ?supply current when output is high is typically 1.0 ma less. 2. tested at v cc = 5.0 v and v cc = 15 v monostable mode. 3. this will determine the maximum value of r a + r b for 15 v operation. the maximum total r = 20 m  . 4. t low = 0 c for mc1455, t low = ?40 c for mc1455b, ncv1455b t high = +70 c for mc1455, t high = +85 c for mc1455b, t high = +125 c for ncv1455b 5. ncv prefix is for automotive and other applications requiring site and change control.
mc1455, mc1455b, ncv1455b http://onsemi.com 3 i sink (ma) i sink (ma) v cc , supply voltage (vdc) i sink (ma) i source (ma) figure 4. trigger pulse width v t(min) , minimum trigger voltage (x v cc = vdc) figure 5. supply current figure 6. high output voltage figure 7. low output voltage @ v cc = 5.0 vdc figure 8. low output voltage @ v cc = 10 vdc figure 9. low output voltage @ v cc = 15 vdc 0.4 150 125 100 75 50 25 0 pw, pulse width (ns min) i cc , supply current (ma) 1.0 1.0 v cc ?v oh (vdc) v ol , low output voltage (vdc) 0.3 0.2 0.1 0 25 c 0 c 70 c v ol , low output voltage (vdc) v ol , low output voltage (vdc) 25 c 10 8.0 6.0 4.0 2.0 0 15 5.0 10 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 2.0 5.0 10 20 50 100 25 c 5.0 v v cc 15 v 10 1.0 0.1 0.01 1.0 2.0 5.0 10 20 50 100 25 c 2.0 5.0 10 20 50 100 10 1.0 0.1 0.01 25 c 1.0 2.0 5.0 10 20 50 100 10 1.0 0.1 0.01 25 c
mc1455, mc1455b, ncv1455b http://onsemi.com 4 t a , ambient temperature ( c) figure 10. delay time versus supply voltage v cc , supply voltage (vdc) figure 11. delay time versus temperature figure 12. propagation delay versus trigger voltage 5.0 0 v t(min) , minimum trigger voltage (x v cc = vdc) t d , delay time normalized t d , delay time normalized , propagation delay time (ns) t pd 1.015 1.010 1.005 1.000 0.995 0.990 0.985 01015 10 20 1.015 1.010 1.005 1.000 0.995 0.990 0.985 ? 75 ? 50 ? 25 0 25 50 75 100 125 300 250 200 150 100 50 0 0.1 0.2 0.3 0.4 0 c 25 c 70 c
mc1455, mc1455b, ncv1455b http://onsemi.com 5 figure 13. representative circuit schematic 100 threshold comparator trigger comparator flip?flop output v cc threshold trigger reset discharge gnd discharge reset 100 k 5.0 k 5.0 k e 4.7 k c b 7.0 k 6.8 k 3.9 k b 220 4.7 k output control voltage 5.0 k 1.0 k 4.7 k 830 4.7k 10 k c general operation the mc1455 is a monolithic timing circuit which uses an external resistor ? capacitor network as its timing element. it can be used in both the monostable (one?shot) and astable modes with frequency and duty cycle controlled by the capacitor and resistor values. while the timing is dependent upon the external passive components, the monolithic circuit provides the starting circuit, voltage comparison and other functions needed for a complete timing circuit. internal to the integrated circuit are two comparators, one for the input signal and the other for capacitor voltage; also a flip?flop and digital output are included. the comparator reference voltages are always a fixed ratio of the supply voltage thus providing output timing independent of supply voltage. monostable mode in the monostable mode, a capacitor and a single resistor are used for the timing network. both the threshold terminal and the discharge transistor terminal are connected together in this mode (refer to circuit in figure 14). when the input voltage to the trigger comparator falls below 1/3 v cc , the comparator output triggers the flip?flop so that its output sets low. this turns the capacitor discharge transistor ?off? and drives the digital output to the high state. this condition allows the capacitor to charge at an exponential rate which is set by the rc time constant. when the capacitor voltage reaches 2/3 v cc , the threshold comparator resets the flip?flop. this action discharges the timing capacitor and returns the digital output to the low state. once the flip?flop has been triggered by an input signal, it cannot be retriggered until the present timing period has been completed. the time that the output is high is given by the equation t = 1.1 r a c. various combinations of r and c and their associated times are shown in figure 16. the trigger pulse width must be less than the timing period. a reset pin is provided to discharge the capacitor, thus interrupting the timing cycle. as long as the reset pin is low, the capacitor discharge transistor is turned ?on? and prevents the capacitor from charging. while the reset voltage is applied the digital output will remain the same. the reset pin should be tied to the supply voltage when not in use. figure 14. monostable circuit r l +v cc (5.0 v to 15 v) reset v cc 8 discharge 7 6 5 threshold control voltage 0.01  f 1 2 trigger output 3 4 r a r l mc1455 c
mc1455, mc1455b, ncv1455b http://onsemi.com 6 c, capacitance ( f) figure 15. monostable waveforms figure 16. time delay figure 17. astable circuit figure 18. astable waveforms (r a = 10 k  , c = 0.01  f, r l = 1.0 k  , v cc = 15 v) (r a = 5.1 k  , c = 0.01  f, r l = 1.0 k  ; r b = 3.9 k  , v cc = 15 v) t = 20  s/cm t = 50  s/cm 100 10 1.0 0.1 0.01 0.001 10  s 100  s 1.0 ms 10 ms 100 ms 1.0 10 100 t d , time delay (s) r l +v cc (5.0 v to 15 v) reset v cc 8 7discharge 6threshold 5 control voltage 1 2 trigger output 3 4 r a r l mc1455 c r b astable mode in the astable mode the timer is connected so that it will retrigger itself and cause the capacitor voltage to oscillate between 1/3 v cc and 2/3 v cc . see figure 17. the external capacitor changes to 2/3 v cc through r a and r b and discharges to 1/3 v cc through r b . by varying the ratio of these resistors the duty cycle can be varied. the charge and discharge times are independent of the supply voltage. the charge time (output high) is given by: t 1  0.695 (r a  r b )c the discharge time (output low) is given by: t 2  0.695 (r b )c thus the total period is given by: t  t 1  t 2  0.695 (r a  2r b )c the frequency of oscillation is then: f  1 1  1.44 (r a  2r b )c and may be easily found as shown in figure 19. the duty cycle is given by: dc  r b r a  2r b to obtain the maximum duty cycle r a must be as small as possible; but it must also be large enough to limit the discharge current (pin 7 current) within the maximum rating of the discharge transistor (200 ma). the minimum value of r a is given by: r a  v cc (vdc) i7 (a)  v cc (vdc) 0.2 figure 19. free running frequency c, capacitance ( f) 100 10 1.0 0.1 0.01 0.001 (r a + 2 r b ) 0.1 1.0 10 100 1.0 k 10 k 100 f, free running frequency (hz)
mc1455, mc1455b, ncv1455b http://onsemi.com 7 applications information linear voltage ramp in the monostable mode, the resistor can be replaced by a constant current source to provide a linear ramp voltage. the capacitor still charges from 0 v cc to 2/3 v cc . the linear ramp time is given by: t = 2 3 v cc 1 , where i = v cc ? v b ? v be r e if v b is much larger than v be , then t can be made independent of v cc . missing pulse detector the timer can be used to produce an output when an input pulse fails to occur within the delay of the timer. to accomplish this, set the time delay to be slightly longer than the time between successive input pulses. the timing cycle is then continuously reset by the input pulse train until a change in frequency or a missing pulse allows completion of the timing cycle, causing a change in the output level. figure 20. linear voltage sweep circuit figure 21. missing pulse detector figure 22. linear voltage ramp waveforms figure 23. missing pulse detector waveforms discharge threshold v cc reset 4 3 digital output 2 trigger 1 mc1455 8v cc r e r1 2n4403 or equiv v b r2 c 7 6 5 sweep output 0.01  f control voltage +v cc (5.0 v to 15 v) reset r l v cc r a 7 6 5 control voltage 0.01  f 1 trigger input output 48 c 2n4403 or equiv mc1455 t = 100  s/cm v e 3 2 t = 500  s/cm (r e = 10 k  , r2 = 100 k  , r1 = 39 k  , c = 0.01  f, v cc = 15 v) (r a = 2.0 k  , r l = 1.0 k  , c = 0.01  f, v cc = 15 v) i
mc1455, mc1455b, ncv1455b http://onsemi.com 8 pulse width modulation if the timer is triggered with a continuous pulse train in the monostable mode of operation, the charge time of the capacitor can be varied by changing the control voltage at pin 5. in this manner, the output pulse width can be modulated by applying a modulating signal that controls the threshold voltage. figure 24. pulse width modulator +v cc (5.0 v to 15 v) r l output clock input modulation input c 7 6 5 r a 48 3 2 1 mc1455 t = 0.5 ms/cm (r a = 10 k  , c = 0.02  f, v cc = 15 v) figure 25. pulse width modulation waveforms test sequences several timers can be connected to drive each other for sequential timing. an example is shown in figure 26 where the sequence is started by triggering the first timer which runs for 10 ms. the output then switches low momentarily and starts the second timer which runs for 50 ms and so forth. figure 26. sequential timer load mc1455 6 7 2 84 5 3 27 k 1 5.0  f load mc1455 9.1 k 6 7 1.0  f 2 84 5 3 0.01  f 27 k 1 0.001  f 5.0  f mc1455 6 7 2 84 5 3 1 load 0.001  f 18.2 k 9.1 k 0.01  f 0.01  f v cc (5.0 v to 15 v)
mc1455, mc1455b, ncv1455b http://onsemi.com 9 ordering information device operating temperature range package shipping ? mc1455p1 t a = 0 c to +70 c pdip?8 50 units / rail mc1455p1g pdip?8 (pb?free) 50 units / rail mc1455d soic?8 98 units / rail mc1455dg soic?8 (pb?free) 98 units / rail mc1455dr2 soic?8 2500 units / tape & reel mc1455dr2g soic?8 (pb?free) 2500 units / tape & reel mc1455bd t a = ?40 c to +85 c soic?8 98 units / rail MC1455BDG soic?8 (pb?free) 98 units / rail mc1455bdr2 soic?8 2500 units / tape & reel mc1455bdr2g soic?8 (pb?free) 2500 units / tape & reel mc1455bp1 pdip?8 50 units / rail mc1455bp1g pdip?8 (pb?free) 50 units / rail ncv1455bdr2* t a = ?40 c to +125 c soic?8 2500 units / tape & reel ncv1455bdr2g* soic?8 (pb?free) 2500 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv prefix is for automotive and other applications requiring site and control changes.
mc1455, mc1455b, ncv1455b http://onsemi.com 10 package dimensions soic?8 d suffix case 751?07 issue ag 1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751?01 thru 751?06 are obsolete. new standard is 751?07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ?x? ?y? g m y m 0.25 (0.010) ?z? y m 0.25 (0.010) z s x s m 
mc1455, mc1455b, ncv1455b http://onsemi.com 11 package dimensions pdip?8 p1 suffix case 626?05 issue l notes: 1. dimension l to center of lead when formed parallel. 2. package contour optional (round or square corners). 3. dimensioning and tolerancing per ansi y14.5m, 1982. 14 5 8 f note 2 ?a? ?b? ?t? seating plane h j g d k n c l m m a m 0.13 (0.005) b m t dim min max min max inches millimeters a 9.40 10.16 0.370 0.400 b 6.10 6.60 0.240 0.260 c 3.94 4.45 0.155 0.175 d 0.38 0.51 0.015 0.020 f 1.02 1.78 0.040 0.070 g 2.54 bsc 0.100 bsc h 0.76 1.27 0.030 0.050 j 0.20 0.30 0.008 0.012 k 2.92 3.43 0.115 0.135 l 7.62 bsc 0.300 bsc m ??? 10 ??? 10 n 0.76 1.01 0.030 0.040  on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, r epresentation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mc1455/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC1455BDG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X