Part Number Hot Search : 
CENTRA 1N5376B UCY7474N 08501 PBPC804 ML9211GP J110A 91100
Product Description
Full Text Search
 

To Download MBR10200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data mbr1035 to-220ac 50 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol mbr 1035 mbr 1045 mbr 1050 mbr 1060 mbr 1090 mbr 10100 mbr 10150 mbr 10200 units v rrm 35 45 50 60 90 100 150 200 v v rms 24 31 35 42 63 70 105 140 v v dc 35 45 50 60 90 100 150 200 v i f(av) a i rrm a dv/dt v/us cj pf r jc o c/w t j o c t stg o c version:j12 operating junction temperature range - 65 to + 150 storage temperature range - 65 to + 175 note 1: 2.0us pulse width, f=1.0khz note 2: pulse test : 300us pulse width, 1% duty cycle voltage rate of change (rated v r ) 10,000 typical junction capacitance 500 maximum typical thermal resistance 3 maximum instantaneous reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r 0.1 ma ma 15 10 6 v 0.70 0.80 0.85 1.05 0.57 0.70 0.71 - maximum instantaneous forward voltage at: (note 2) i f =10a, t a =25 i f =10a, t a =125 v f a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a peak repetitive reverse surge current (note 1) 1.0 0.5 maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 10 peak repetitive forward current (rated vr, square wave, 20khz) i frm 20 ? mounting position:any ? mounting torque: 5 in. - lbs, max ? weight: 1.88 grams parameter maximum recurrent peak reverse voltage ordering information(example) part no. package packing ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ? high temperature soldering guaranteed: 260 /10 seconds, 0.25"(6.35mm) from case ? green compound with suffix "g" on packing code & prefix "g" on datecode ? cases: jedec to-220ac molded plastic body ? terminals: pure tin plat ed, lead free, solderable per mil-std-750, method 2026 ? polarity: as marked packing code packing code (green) c0g mbr1035 - MBR10200 10.0 amps. schottky barrier rectifiers to-220ac features ? plastic material used carriers underwriters laboratory classification 94v-0 ? metal silicon junction, majority carrier conduction ? high surge capability
version:j12 ratings and characteristic curves (mbr1035 thru MBR10200) 0 2 4 6 8 10 12 0 50 100 150 average forward a current (a) case temperature ( o c) fig.1- forward current derating curve resistive or inductiveload with heatsink mbr1035-mbr1045 mbr1050-MBR10200 25 50 75 100 125 150 175 0 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2- maximum non-repetitive forward surge current 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current (ma) percent of rated peak reverse voltage (%) fig. 4- typical reverse characteristics ta=75 ta=125 ta=25 mbr1035-mbr1060 mbr1090-MBR10200 100 1000 10000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5- typical junction capacitance ta=25 f=1.0mhz vsig=50mvp-p 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 instantaneous forward current (a) forward voltage (v) fig. 3- typical instantaneous forward characteristics ta=125 pulse width=300us 1% duty cycle ta=25 mbr1035-mbr1045 mbr1050-mbr1060 mbr1090-mbr10100 mbr10150-MBR10200 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pulse duration. (sec) fig. 6- typical transient thermal characteristic
to-220ac dimensions min max min max a - 10.50 - 0.413 b 2.62 3.44 0.103 0.135 c 2.80 4.20 0.110 0.165 d 0.68 0.94 0.027 0.037 e 3.54 4.00 0.139 0.157 f 14.60 16.00 0.575 0.630 g - 1.60 - 0.063 h 13.19 14.79 0.519 0.582 i 4.95 5.20 0.195 0.205 j 4.42 4.76 0.174 0.187 k 1.14 1.40 0.045 0.055 l 5.84 6.86 0.230 0.270 m 2.20 2.80 0.087 0.110 n 0.35 0.64 0.014 0.025 p/n = specific device code g = green compound yww = date code c0 packing code (green) c0g ordering information part no. package bulk packing packing code dim. unit(mm) unit(inch) marking diagram mbr10xx 50 / tube note: "xx" is device code from "35" thru "200".


▲Up To Search▲   

 
Price & Availability of MBR10200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X