Part Number Hot Search : 
BH5511 HIP1012 200G33 HC908 3S0680RF W20J4R 72102 C3506
Product Description
Full Text Search
 

To Download LM833D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/5 low-noise dual operational amplifier lm833n/d/s description outline drawing the lm833 is a high performance, low noise dual operational amplifier. this amplifier features popular pin-out, superior noise performance, and superior total harmonic distortion. this amplifier also features guaranteed noise performance with substantially higher gain-bandwidth product and slew rate, which far exceeds that of the 4558 type amplifier. the specially designed low noise input transistors allow the lm833 to be used in very low dip8 noise signal processing applications such as audio preamplifiers and servo error amplifier. features operating voltage: 4v~18v low total harmonic distortion (0.001%typ.) low noise voltage high slew rate (6v/s typ.) unity gain bandwidth (27mhz@f=10khz) bipolar technology sop8 sip8 tiger electronic co.,ltd
lm833n / n /d 2/5 pin connection block diagram absolute maximum ratings (ta=25 c) characteristic symbol value unit power supply voltage v + /v - 18 v input voltage v ic 15* v differential input voltage v id 30 v dip8 500 sop8 300 power dissipation sip8 pd 800 mw operating temperature topr -20~+75 c storage temperature tstg -40~+125 c * for supply voltage less than 15v. the absolute maximum input voltage is equal to the supply voltage.
lm833n / d / s 3/5 electrical characteristics (unless otherwise specified: v + /v - =15v ? ta=25 q c) characteristics symbol test conditions min typ max unit input offset voltage v io rs 10k ? 0.3 3 mv input offset current i io 5 200 na input bias current i b 150 1000 na input resistance* r in 50 300 k ? large signal voltage gain a v r l 2 k ? ,vo=10v 90 120 db maximum output voltage swing v om r l 2 k ? 12 13.5 v input common mode voltage range v icm 12 13.5 v common mode rejection ratio cmr rs 10k ? 80 110 db supply voltage rejection ratio svr rs 10k ? 80 120 db slew rate sr r l 2 k ? 6 v/ s gain bandwidth product 1 gb1 f=10khz 27 mhz gain bandwidth product 2 gb2 f=100khz 19 mhz unity gain bandwidth f t a v =1 5.5 mhz total harmonic distortion thd a v =20db,vo=5v, r l =2k ? ,f=1khz 0.001 % equivalent input noise voltage 1 v ni1 rs=300 ? 0.44 0.56 v operating current icc 5.0 8.0 ma * oscillation might be caused when capacitor type load were connected. it is recommendable to insert series resistor ( about 50 ? ) at the output for preventing oscillation.
lm833n/ d /s 4/5 characteristics curves
lm833n / d / s 5/5


▲Up To Search▲   

 
Price & Availability of LM833D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X