Part Number Hot Search : 
APR6016 TIP33C A105M 4AK19 3500S 3500S A105M 1N2248A
Product Description
Full Text Search
 

To Download L2N7002LT1G11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. l2n7002lt1g case 318, style 21 sot? 23 (to?236ab) device marking shipping ordering information l2n7002lt1g 702 3000 tape & reel w 702 702 = device code w =month code marking diagram & pin assignment 3 2 1  
  l2n7002lt3g 702 10000 tape & reel maximum ratings rating symbol value unit drain?source voltage v dss 60 v dc drain?gate voltage (r gs = 1.0 m ? ) v dgr 60 v dc drain current ? continuous t c = 25 c (note 1.) ? continuous t c = 100 c (note 1.) ? pulsed (note 2.) i d i d i dm madc gate?source voltage ? continuous ? non?repetitive (t p 50 s) v gs v gsm vdc vpk thermal characteristics characteristic symbol max unit total device dissipation fr?5 board (note 3.) t a = 25 c derate above 25 c p d 225 1.8 mw mw/ c thermal resistance, junction to ambient r ja 556 c/w total device dissipation alumina substrate,(note 4.) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction to ambient r ja 417 c/w junction and storage temperature t j, t stg -55 to +150 c 1. the power dissipation of the package may result in a lower continuous drain current. 2. pulse test: pulse width 300 s, duty cycle 2.0%. 3. fr?5 = 1.0 x 0.75 x 0.062 in. 4. alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina. n?channel sot?23 ? 75 800 20 40 115 small signal mosfet 115 mamps, 60 volts esd protected:1000v ? ? gate source drain 3 2 1 (top view) simplified schematic we declare that the material of product are halogen free and compliance with rohs requirements. rev .o 1/4 1 2 3
leshan radio company, ltd. l2n7002lt1g electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics drain?source breakdown voltage (v gs = 0, i d = 10 adc) v (br)dss 60 ? ? vdc zero gate voltage drain current t j = 25 c (v gs = 0, v ds = 60 vdc) t j = 125 c i dss ? ? ? ? 1.0 500 adc gate?body leakage current, forward (v gs = 20 vdc) i gssf ? ? gate?body leakage current, reverse (v gs =? 20 vdc) i gssr ? ? on characteristics (note 2.) gate threshold v oltage (v ds = v gs ,i d = 250 adc) v gs(th) 1.0 1.6 2 vdc on?state drain current (v ds 2.0 v ds(on) ,v gs = 10 vdc) i d(on) 500 ? ? ma static drain?source on?state voltage (v gs = 10 vdc, i d = 500 madc) (v gs = 5.0 vdc, i d = 50 madc) v ds(on) ? ? ? ? 3.75 0.375 vdc static drain?source on?state resistance (v gs = 10 v, i d = 500 madc) t c = 25 c t c = 125 c (v gs = 5.0 vdc, i d = 50 madc) t c = 2 5 c t c = 125 c r ds(on) ? ? ? ? 1.4 ? 1.8 ? 7.5 13.5 7.5 13.5 ohms forward transconductance (v ds 2.0 v ds(on) ,i d = 200 madc) g fs 80 ? ? mmhos dynamic characteristics input capacitance (v ds = 25 vdc, v gs = 0, f = 1.0 mhz) c iss ? 17 50 pf output capacitance (v ds = 25 vdc, v gs = 0, f = 1.0 mhz) c oss ? 10 25 pf reverse transfer capacitance (v ds = 25 vdc, v gs = 0, f = 1.0 mhz) c rss ? 2.5 5.0 pf switching characteristics (note 2.) turn?on delay time (v dd = 25 vdc , i d  500 madc, t d(on) ? 7 20 ns turn?off delay time (v r g = 25 ? , r l = 50 ? ,v gen = 10 v) t d(off) ? 11 40 ns body?drain diode ratings diode forward on?voltage (i s = 115 madc, v gs = 0 v) v sd ? ? ?1.5 vdc source current continuous (body diode) i s ? ? ?115 madc source current pulsed i sm ? ? ?800 madc 2. pulse test: pulse width 300 s, duty cycle 2.0%. 1 adc -1 adc rev .o 2/4
leshan radio company, ltd. typical electrical characteristics       
        ! " "      #$% &$' &$( &$) &$# &$% %$' %$( %$) %$# % &% % &$% #$% *$% )$% +$% ($% ,$% '$% -$%        figure 1. ohmic region &$% %$' %$( %$) %$# &% % &$% #$% *$% )$% +$% ($% ,$% '$% -$%        figure 2. transfer characteristics #$) #$# #$% &$' &$( &$) &$# &$% %$' %$( %$) &$# &$%+ &$& &$&% &$% %$-+ %$- %$'+ %$' %$,+ %$, 
(% 
#% .
#% .
(% .
&%% .
&)% 
(% 
#% .
#% .
(% .
&%% .
&)%   figure 3. temperature versus static drain?source on?resistance   figure 4. temperature versus gate threshold voltage   /#+    /&% - ' , ( ) * +   /&% 
++  #+  &#+    /&%   /#%%0   /    /&$%0 l2n7002lt1g rev .o 3/4
notes: 1. dimensioning and tolerancing per ansi y14.5m,1982 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 sot - 23 d j k l a c b s h g v 12 3 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 leshan radio company, ltd. l2n7002lt1g rev .o 4/4


▲Up To Search▲   

 
Price & Availability of L2N7002LT1G11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X