Part Number Hot Search : 
F22V1 G2120 6960HR DG411DK ABC3821 LL4002 LT350 ADNS2051
Product Description
Full Text Search
 

To Download IXTP170N075T2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 ixys corporation, all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c75 v v dgr t j = 25 c to 175 c, r gs = 1m 75 v v gsm transient 20 v i d25 t c = 25 c 170 a i lrms lead current limit, rms 75 a i dm t c = 25 c, pulse width limited by t jm 510 a i ar t c = 25 c85 a e as t c = 25 c 600 mj p d t c = 25 c 360 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l 1.6mm (0.062in.) from case for 10s 300 c t sold plastic body for 10 seconds 260 c m d mounting torque (to-220) 1.13 / 10 nm/lb.in. weight to-263 2.5 g to-220 3.0 g symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 a 75 v v gs(th) v ds = v gs , i d = 250 a 2.0 4.0 v i gss v gs = 20v, v ds = 0v 200 na i dss v ds = v dss 5 a v gs = 0v t j = 150 c 100 a r ds(on) v gs = 10v, i d = 50a, notes 1, 2 5.4 m trench t2 tm power mosfet n-channel enhancement mode avalanche rated ixta170 n075t2 ixtp170 n075t2 v dss = 75v i d25 = 170a r ds(on) 5.4m ds99970a (4/08) g = gate d = drain s = source tab = drain to-263 (ixta) g s (tab) to-220 (ixtp) g d s (tab) features z international standard packages z unclamped inductive switching (uis) rated z low package inductance z 175c operating temperature z high current handling capability z rohs compliant z high performance trench technology for extremely low r ds(on) advantages z easy to mount z space savings z high power density z synchronous applications ? synchronous buck converters ? high current switching power supplies ? battery powered electric motors ? resonant-mode power supplies ? electronics ballast application ? class d audio amplifiers preliminary technical information
ixys reserves the right to change limits, test conditions, and dimensions. ixta170n075t2 IXTP170N075T2 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 60a, note 1 40 70 s c iss 6860 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 810 pf c rss 148 pf t d(on) 19 ns t r 11 ns t d(off) 25 ns t f 19 ns q g(on) 109 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 37 nc q gd 25 nc r thjc 0.42 c/w r thch to-220 0.50 c/w source-drain diode symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. i s v gs = 0v 170 a i sm repetitive, pulse width limited by t jm 680 a v sd i f = 50a, v gs = 0v, note 1 1.0 v t rr 63 ns i rm 4.8 a q rm 150 nc notes: 1. pulse test, t 300 s; duty cycle, d 2%. 2. on through-hole packages, r ds(on) kelvin test contact location must be 5mm or less from the package body. resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 3.3 (external) i f = 85a, v gs = 0v -di/dt = 100a/ s v r = 37v ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 to-263 (ixta) outline pins: 1 - gate 2 - drain 3 - source 4 - drain to-220 (ixtp) outline preliminary technical information the product presented herein is under development. the technical specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre-production design evaluation. ixys reserves the right to change limits, test conditions, and dimensions without notice.
? 2008 ixys corporation, all rights reserved fig. 1. output characteristics @ 25oc 0 20 40 60 80 100 120 140 160 180 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 v ds - volts i d - amperes v gs = 15v 10v 9v 8v 7v 5v 6v fig. 2. extended output characteristics @ 25oc 0 50 100 150 200 250 300 350 0123456 v ds - volts i d - amperes v gs = 15v 10v 9v 8v 5v 6v 7v fig. 3. output characteristics @ 150oc 0 20 40 60 80 100 120 140 160 180 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 v ds - volts i d - amperes v gs = 15v 10v 9v 8v 7 v 5 v 6 v fig. 4. r ds(on) normalized to i d = 85a value vs. junction temperature 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 170a i d = 85a fig. 5. r ds(on) normalized to i d = 85a value vs. drain current 0.6 1.0 1.4 1.8 2.2 2.6 3.0 0 50 100 150 200 250 300 i d - amperes r ds(on) - normalized v gs = 10v 15v - - - - t j = 175oc t j = 25oc fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 90 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit ixta170n075t2 IXTP170N075T2
ixys reserves the right to change limits, test conditions, and dimensions. ixta170n075t2 IXTP170N075T2 fig. 7. input admittance 0 20 40 60 80 100 120 140 160 180 200 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 v gs - volts i d - amperes t j = 150oc 25oc - 40oc fig. 8. transconductance 0 10 20 30 40 50 60 70 80 90 100 110 0 20 40 60 80 100 120 140 160 180 200 i d - amperes g f s - siemens t j = - 40oc 150oc 25oc fig. 9. forward voltage drop of intrinsic diode 0 40 80 120 160 200 240 280 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 v sd - volts i s - amperes t j = 150oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 102030405060708090100110 q g - nanocoulombs v gs - volts v ds = 38v i d = 85a i g = 10ma fig. 11. capacitance 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. forward-bias safe operating area 1 10 100 1,000 1 10 100 v ds - volts i d - amperes t j = 175oc t c = 25oc single pulse 25s 1ms 100s 10ms dc, 100ms r ds( on ) limit
? 2008 ixys corporation, all rights reserved fig. 14. resistive turn-on rise time vs. drain current 11 12 13 14 15 16 17 18 40 60 80 100 120 140 160 180 i d - amperes t r - nanoseconds r g = 3.3 ? v gs = 10v v ds = 38v t j = 25oc t j = 125oc fig. 15. resistive turn-on switching times vs. gate resistance 5 10 15 20 25 30 35 40 45 50 55 60 2 4 6 8 10 12 14 16 18 20 r g - ohms t r - nanoseconds 10 14 18 22 26 30 34 38 42 46 50 54 t d(on) - nanoseconds t r t d(on) - - - - t j = 125oc, v gs = 10v v ds = 38v i d = 170a, 85a fig. 16. resistive turn-off switching times vs. junction temperature 15 16 17 18 19 20 21 22 23 24 25 26 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t f - nanoseconds 18 20 22 24 26 28 30 32 34 36 38 40 t d(off) - nanoseconds t f t d(off) - - - - r g = 3.3 ? , v gs = 10v v ds = 38v i d = 170a i d = 85a fig. 17. resistive turn-off switching times vs. drain current 14 16 18 20 22 24 26 28 40 60 80 100 120 140 160 180 i d - amperes t f - nanoseconds 16 20 24 28 32 36 40 44 t d(off) - nanoseconds t f t d(off) - - - - r g = 3.3 ? , v gs = 10v v ds = 38v t j = 25oc t j = 125oc fig. 13. resistive turn-on rise time vs. junction temperature 11 12 13 14 15 16 17 18 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t r - nanoseconds r g = 3.3 ? v gs = 10v v ds = 38v i d = 85a i d = 170a fig. 18. resistive turn-off switching times vs. gate resistance 20 40 60 80 100 120 140 160 2 4 6 8 10 12 14 16 18 20 r g - ohms t f - nanoseconds 10 30 50 70 90 110 130 150 t d(off) - nanoseconds t f t d(off) - - - - t j = 125oc, v gs = 10v v ds = 38v i d = 85a i d = 170a ixta170n075t2 IXTP170N075T2
ixys reserves the right to change limits, test conditions, and dimensions. ixta170n075t2 IXTP170N075T2 fig. 19. maximum transient thermal impedance 0.01 0.10 1.00 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w ixys ref: t_170n075t2(v5) 4-22-08


▲Up To Search▲   

 
Price & Availability of IXTP170N075T2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X