Part Number Hot Search : 
RT7274 29F200 BYT53C TC9320F ALC250 20712 IRF40B 611225
Product Description
Full Text Search
 

To Download IXTP160N075T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys corporation all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c75v v dgr t j = 25 c to 175 c; r gs = 1 m 75 v v gsm transient 20 v i d25 t c = 25 c 160 a i lrms lead current limit, rms 75 a i dm t c = 25 c, pulse width limited by t jm 430 a i ar t c = 25 c25a e as t c = 25 c 750 mj dv/dt i s i dm , di/dt 100 a/ s, v dd v dss 3 v/ns t j 175c, r g = 5 p d t c = 25 c 360 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c t sold plastic body for 10 seconds 260 c m d mounting torque (to-3p, to-220) 1.13 / 10 nm/lb.in. weight to-220 3 g to-263 2.5 g symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a75v v gs(th) v ds = v gs , i d = 250 a 2.0 4.0 v i gss v gs = 20 v, v ds = 0 v 200 na i dss v ds = v dss 5 a v gs = 0 v t j = 150 c 250 a r ds(on) v gs = 10 v, i d = 25 a, notes 1, 2 5.1 6.0 m trenchmv tm power mosfet preliminary technical information n-channel enhancement mode avalanche rated ixta160n075t IXTP160N075T v dss =75 v i d25 = 160 a r ds(on) 6.0 m ds99520 (11/06) to-263 (ixta) to-220 (ixtp) g s g d s d (tab) d (tab) g = gate d = drain s = source tab = drain features ultra-low on resistance unclamped inductive switching (uis) rated low package inductance - easy to drive and to protect 175 c operating temperature advantages easy to mount space savings high power density applications automotive - motor drives - 42v power bus - abs systems dc/dc converters and off-line ups primary switch for 24v and 48v systems high current switching applications
ixys reserves the right to change limits, test conditions, and dimensions. ixta160n075t IXTP160N075T symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 60 a, note 1 65 100 s c iss 4950 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 790 pf c rss 145 pf t d(on) resistive switching times 29 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = 25 a 64 ns t d(off) r g = 5 (external) 60 ns t f 60 ns q g(on) 112 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 25 a 30 nc q gd 30 nc r thjc 0.42 c/w r thch to-220 0.50 c/w source-drain diode symbol test conditions characteristic values t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0 v 160 a i sm pulse width limited by t jm 430 a v sd i f = 25 a, v gs = 0 v, note 1 1.0 v t rr i f = 25 a, -di/dt = 100 a/ s80ns v r = 40 v, v gs = 0 v notes: 1. pulse test, t 300 s, duty cycle d 2 %; 2. on through-hole packages, r ds(on) kelvin test contact location must be 5 mm or less from the package body. dim. millimeter inches min. max. min. max. a 4.06 4.83 .160 .190 a1 2.03 2.79 .080 .110 b 0.51 0.99 .020 .039 b2 1.14 1.40 .045 .055 c 0.46 0.74 .018 .029 c2 1.14 1.40 .045 .055 d 8.64 9.65 .340 .380 d1 7.11 8.13 .280 .320 e 9.65 10.29 .380 .405 e1 6.86 8.13 .270 .320 e 2.54 bsc .100 bsc l 14.61 15.88 .575 .625 l1 2.29 2.79 .090 .110 l2 1.02 1.40 .040 .055 l3 1.27 1.78 .050 .070 l4 0 0.38 0 .015 r 0.46 0.74 .018 .029 to-263 (ixta) outline pins: 1 - gate 2 - drain 3 - source 4, tab - drain pins: 1 - gate 2 - drain 3 - source 4, tab - drain to-220 (ixtp) outline preliminary technical information the product presented herein is under development. the technical specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre- production design evaluation. ixys reserves the right to change limits, test conditions, and dimensions without notice. ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6771478 b2 7,071,537
? 2006 ixys corporation all rights reserved ixta160n075t IXTP160N075T fig. 1. output characteristics @ 25oc 0 20 40 60 80 100 120 140 160 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 v ds - volts i d - amperes v gs = 10v 9v 8v 7v 6v 5v fig. 2. extended output characteristics @ 25oc 0 40 80 120 160 200 240 280 0123456 v ds - volts i d - amperes v gs = 10v 9v 8v 6v 7v 5v fig. 3. output characteristics @ 150oc 0 20 40 60 80 100 120 140 160 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 v ds - volts i d - amperes v gs = 10v 9v 8v 7v 6v 5v fig. 4. r ds(on) normalized to i d = 80a value vs. junction temperature 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 160a i d = 80a fig. 5. r ds(on) normalized to i d = 80a value vs. drain current 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 0 50 100 150 200 250 300 i d - amperes r ds(on) - normalized v gs = 10v 15v - - - - t j = 175oc t j = 25oc fig. 6. drain current vs. case temperature 0 20 40 60 80 100 120 140 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit for to-263 (7-lead) external lead current limit for to-3p, to-220, & to-263
ixys reserves the right to change limits, test conditions, and dimensions. ixta160n075t IXTP160N075T fig. 7. input admittance 0 30 60 90 120 150 180 210 240 270 3 3.5 4 4.5 5 5.5 6 6.5 7 v gs - volts i d - amperes t j = -40oc 25oc 150oc fig. 8. transconductance 0 20 40 60 80 100 120 140 0 50 100 150 200 250 300 i d - amperes g f s - siemens t j = - 40oc 25oc 150oc fig. 9. forward voltage drop of intrinsic diode 0 30 60 90 120 150 180 210 240 270 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 v sd - volts i s - amperes t j = 150oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 102030405060708090100110120 q g - nanocoulombs v gs - volts v ds = 37v i d = 25a i g = 10ma fig. 11. capacitance 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarad s f = 1 mhz c iss c rss c oss fig. 12. maximum transient thermal impedance 0.01 0.10 1.00 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w
? 2006 ixys corporation all rights reserved ixta160n075t IXTP160N075T fig. 14. resistive turn-on rise time vs. drain current 10 20 30 40 50 60 70 80 25 30 35 40 45 50 i d - amperes t r - nanosecond s r g = 5 v gs = 10v v ds = 38v t j = 125oc t j = 25oc fig. 15. resistive turn-on switching times vs. gate resistance 10 20 30 40 50 60 70 80 90 100 4 6 8 101214161820 r g - ohms t r - nanoseconds 24 26 28 30 32 34 36 38 40 42 t d ( o n ) - nanoseconds t r t d(on) - - - - t j = 125oc, v gs = 10v v ds = 38v i d = 50a i d = 25a fig. 16. resistive turn-off switching times vs. junction temperature 42 44 46 48 50 52 54 56 58 60 62 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t f - nanosecond s 55 58 61 64 67 70 73 76 79 82 85 t d ( o f f ) - nanosecond s t f t d(off) - - - - r g = 5 , v gs = 10v v ds = 38v i d = 25a i d = 50a fig. 13. resistive turn-on rise time vs. junction temperature 15 20 25 30 35 40 45 50 55 60 65 70 75 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t r - nanosecond s r g = 5 v gs = 10v v ds = 38v i d = 50a i d = 25a fig. 18. resistive turn-off switching times vs. gate resistance 40 50 60 70 80 90 100 110 120 130 4 6 8 101214161820 r g - ohms t f - nanoseconds 50 70 90 110 130 150 170 190 210 230 t d ( o f f ) - nanoseconds t f t d(off) - - - - t j = 125oc, v gs = 10v v ds = 38v i d = 50a i d = 25a fig. 17. resistive turn-off switching times vs. drain current 42 44 46 48 50 52 54 56 58 60 62 25 30 35 40 45 50 i d - amperes t f - nanoseconds 50 54 58 62 66 70 74 78 82 86 90 t d ( o f f ) - nanoseconds t f t d(off) - - - - r g = 5 , v gs = 10v v ds = 38v t j = 125oc t j = 25oc t j = 25oc t j = 125oc ixys ref: t_160n075t__4v__6_16_06.xls


▲Up To Search▲   

 
Price & Availability of IXTP160N075T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X