Part Number Hot Search : 
HD13447 M2CP6 AA7623SP HEM484 AA7623SP 222MPD BUK7Y BAR12
Product Description
Full Text Search
 

To Download IDT723611L30PQF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 1999 integrated device technology, inc. dsc-3024/- ? september 1999 cmos syncfifo tm 64 x 36 idt723611 features: free-running clka and clkb may be asynchronous or coincident (permits simultaneous reading and writing of data on a single clock edge) 64 x 36 storage capacity synchronous data buffering from port a to port b mailbox bypass register in each direction programmable almost-full ( af af af af af ) and almost-empty ( ae ae ae ae ae ) flags microprocessor interface control logic full flag ( ff ff ff ff ff ) and almost-full ( af af af af af ) flags synchronized by clka empty flag ( ef ef ef ef ef ) and almost-empty ( ae ae ae ae ae ) flags synchronized by clkb passive parity checking on each port parity generation can be selected for each port supports clock frequencies up to 67mhz fast access times of 10ns available in 132-pin plastic quad flatpack (pqf) or space-saving 120-pin thin quad flatpack (pf) industrial temperature range (C40 c to +85 c) is available description: the idt723611 is a monolithic, high-speed, low-power, cmos syn- chronous (clocked) fifo memory which supports clock frequencies up to 67mhz and has read access times as fast as 10ns. the 64 x 36 dual-port fifo buffers data from port a to port b. the fifo has flags to indicate empty and full conditions, and two programmable flags, almost-full ( af ) and almost-empty ( ae ), to indicate when a selected number of words is stored in memory. communication between each port can take place through two 36-bit mailbox registers. each mailbox register has a flag to signal when new mail has been stored. parity is checked passively on each port and may be ignored if not desired. parity generation can be selected for data read from each port. two or more devices may be used in parallel to create wider data paths. functional block diagram mail 2 register mail 1 register input register output register write pointer read pointer status flag logic clka csa w/ r a ena mba port-a control logic reset logic rst clkb csb w/ r b enb mbb port-b control logic mbf1 ef ae b 0 - b 35 ff af fs 0 fs 1 programmable flag offset registers a 0 - a 35 parity gen/check parity generation fifo odd/ even parity gen/check pgb pefb 36 ram array 64 x 36 3024 drw 01 pga pefa mbf2
2 commercial temperature range idt723611 description (continued) bidirectional interface between microprocessors and/or buses with synchro- nous control. the full flag ( ff ) and almost-full ( af ) flag of the fifo are two-stage synchronized to the port clock that writes data into its array (clka). the empty flag ( ef ) and almost-empty ( ae ) flag of the fifo are two-stage synchronized to the port clock that reads data from its array. the idt723611 is characterized for operation from 0 c to 70 c. the idt723611 is a synchronous (clocked) fifo, meaning each port employs a synchronous interface. all data transfers through a port are gated to the low-to-high transition of a port clock by enable signals. the clocks for each port are independent of one another and can be asynchronous or coincident. the enables for each port are arranged to provide a simple note: 1. nc = no internal connection tqfp (pn120-1, order code: pf) top view pin configuration 3024 drw 02 a 23 a 22 a 21 gnd a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 a 10 gnd a 9 a 8 a 7 v cc a 6 a 5 a 4 a 3 gnd a 2 a 1 a 0 nc nc 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 b 22 b 21 gnd b 20 b 19 b 18 b 17 b 16 b 15 b 14 b 13 b 12 b 11 b 10 gnd b 9 b 8 b 7 v cc b 6 b 5 b 4 b 3 gnd b 2 b 1 b 0 ef ae nc 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 af ff csa ena clka w/ r a v cc pga pefa mbf2 mba fs 1 fs 0 odd/ even rst gnd nc nc nc nc mbb mbf1 pefb pgb v cc w/ r b clkb enb csb nc 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 91 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 b 23 a 24 a 25 a 26 v cc a 27 a 28 a 29 gnd a 30 a 31 a 34 a 35 b 35 gnd b 34 b 33 b 32 b 30 b 31 gnd b 29 b 28 b 27 v cc b 26 b 25 b 24 a 32 a 33
3 commercial temperature range idt723611 gnd ae ef b 0 b 1 b 2 gnd b 3 b 4 b 5 b 6 v cc b 7 b 8 b 9 gnd b 10 b 11 v cc b 12 b 13 b 14 gnd b 15 b 16 b 17 b 18 b 19 b 20 gnd b 21 b 22 b 23 gnd nc nc a 0 a 1 a 2 gnd a 3 a 4 a 5 a 6 v cc a 7 a 8 a 9 gnd a 10 a 11 v cc a 12 a 13 a 14 gnd a 15 a 16 a 17 a 18 a 19 a 20 gnd a 21 a 22 a 23 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 3024 drw 03 117 17 16 15 14 13 12 11 10 9 7 6 5 4 3 2 1 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 v cc v cc a 24 a 25 a 26 a 27 gnd a 28 a 29 v cc a 30 a 31 a 32 gnd a 33 a 34 a 35 gnd b 35 b 34 b 33 gnd b 32 b 31 b 30 v cc b 29 b 28 b 27 gnd b 26 b 25 b 24 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 nc af ff csa ena clka w/ r a v cc pga fs 0 odd/ even fs 1 pefa mbf2 rst nc gnd nc nc nc mbf1 gnd pefb v cc w/ r b clkb enb csb nc gnd mba mbb pgb 8 pqfp (pq132-1, order code: pqf) top view * * electrical pin 1 in center of beveled edge. pin 1 identifier in corner. pin configuration (continued)
4 commercial temperature range idt723611 symbol name i/o description a0-a35 port-a data i/o 36-bit bidirectional data port for side a. ae almost-empty flag o programmable almost-empty flag synchronized to clkb. it is low when the number of words in the fifo is less than or equal to the value in the offset register, x. af almost-full flag o programmable almost-full flag synchronized to clka. it is low when the number of empty locations in the fifo is less than or equal to the value in the offset register, x. b0-b35 port-b data. i/o 36-bit bidirectional data port for side b. clka port-a clock i clka is a continuous clock that synchronizes all data transfers through port-a and can be asynchronous or coincident to clkb. ff and af are synchronized to the low-to-high transition of clka. clkb port-b clock i clkb is a continuous clock that synchronizes all data transfers through port-b and can be asynchronous or coincident to clka. ef and ae are synchronized to the low-to-high transition of clkb. csa port-a chip select i csa must be low to enable a low-to-high transition of clka to read or write data on port-a. the a0-a35 outputs are in the high-impedance state when csa is high. csb port-b chip select i csb must be low to enable a low-to-high transition of clkb to read or write data on port-b. the b0-b35 outputs are in the high-impedance state when csb is high. ef empty flag o ef is synchronized to the low-to-high transition of clkb. when ef is low, the fifo is empty, and reads from its memory are disabled. data can be read from the fifo to its output register when ef is high. ef is forced low when the device is reset and is set high by the second low-to-high transition of clkb after data is loaded into empty fifo memory. ena port-a enable i ena must be high to enable a low-to-high transition of clka to read or write data on port-a. enb port-b enable i enb must be high to enable a low-to-high transition of clkb to read or write data on port-b. ff full flag o ff is synchronized to the low-to-high transition of clka. when ff is low, the fifo is full, and writes to its memory are disabled. ff is forced low when the device is reset and is set high by the second low-to-high transition of clka after reset. fs1, fs0 flag-offset selects i the low-to-high transition of rst latches the values of fs0 and fs1, which loads one of four preset values into the almost-full and almost-empty offset register (x). mba port-a mailbox select i a high level on mba chooses a mailbox register for a port-a read or write operation. mbb port-b mailbox select i a high level on mbb chooses a mailbox register for a port-b read or write operation. when the b0-b35 outputs are active, a high level on mbb selects data from the mail1 register for output, and a low level selects the fifo output register data for output. mbf1 mail1 register flag o mbf1 is set low by a low-to-high transition of clka that writes data to the mail1 register. writes to the mail1 register are inhibited while mbf1 is set low. mbf1 is set high by a low-to-high transition of clkb when a port-b read is selected and mbb is high. mbf1 is set high when the device is reset. mbf2 mail2 register flag o mbf2 is set low by a low-to-high transition of clkb that writes data to the mail2 register. writes to the mail2 register are inhibited while mbf2 is low. mbf2 is set high by a low-to-high transition of clka when a port-a read is selected and mba is high. mbf2 is set high when the device is reset. odd/ odd/even parity i odd parity is checked on each port when odd/ even is high, and even parity is checked even select when odd/ even is low. odd/ even also selects the type of parity generated for each port if parity generation is enabled for a read operation. pefa port-a parity error o when any byte applied to terminals a0-a35 fails parity, pefa is low. bytes are organized as flag (port a) a0-a8, a9-a17, a18-a26, and a27-a35, with the most significant bit of each byte serving as the parity bit. the type of parity checked is determined by the state of the odd/ even input. the parity trees used to check the a0-a35 inputs are shared by the mail2 register to generate parity if parity generation is selected by pga. therefore, if a mail2 read with parity generation is setup by having csa low, ena high, w/ r a low, mba high, and pga high, the pefa flag is forced high regardless of the state of a0-a35 inputs. pin description
5 commercial temperature range idt723611 pin description (continued) symbol name i/o description pefb port-b parity error o when any byte applied to terminals b0-b35 fails parity, pefb is low. bytes are organized as flag (port b) b0-b8, b9-b17, b18-b26, b27-b35, with the most significant bit of each byte serving as the parity bit. the type of parity checked is determined by the state of the odd/ even input. the parity trees used to check the b0-b35 inputs are shared by the mail1 register to generate parity if parity generation is selected by pgb. therefore, if a mail1 read with parity generation is setup by having csb low, enb high, w/ r b low, mbb high, and pgb high, the pefb flag is forced high regardless of the state of the b0-b35 inputs pga port-a parity i parity is generated for mail2 register reads from port a when pga is high. the type of parity generation generated is selected by the state of the odd/ even input. bytes are organized as a0-a8, a9-a17, a18-a26, and a27-a35. the generated parity bits are output in the most significant bit of each byte. pgb port-b parity i parity is generated for data reads from port b when pgb is high. the type of parity generated generation is selected by the state of the odd/ even input. bytes are organized as b0-b8, b9-b17, b18-b26, and b27-b35. the generated parity bits are output in the most significant bit of each byte. rst reset i to reset the device, four low-to-high transitions of clka and four low-to-high transitions of clkb must occur while rst is low. this sets the af , mbf1 , and mbf2 flags high and the ef , ae , and ff flags low. the low-to-high transition of rst latches the status of the fs1 and fs0 inputs to select almost-full and almost-empty flag offset. w/ r a port-a write/read i a high selects a write operation and a low selects a read operation on port a for a select low-to-high transition of clka. the a0-a35 outputs are in the high-impedance state when w/ r a is high. w/ r b port-b write/read i a high selects a write operation and a low selects a read operation on port b for a select low-to-high transition of clkb. the b0-b35 outputs are in the high-impedance state when w/ r b is high.
6 commercial temperature range idt723611 absolute maximum ratings over operating free-air temperature range (unless otherwise noted) (1) symbol rating commercial unit v cc supply voltage range C0.5 to 7 v v i (2) input voltage range C0.5 to v cc +0.5 v v o (2) output voltage range C0.5 to v cc +0.5 v i ik input clamp current, (v i < 0 or v i > v cc ) 20 ma i ok output clamp current, (v o = < 0 or v o > v cc ) 50 ma i out continuous output current, (v o = 0 to v cc ) 50 ma i cc continuous current through v cc or gnd 500 ma t stg storage temperature range C65 to 150 c notes: 1. stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. these are stress rati ngs only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. exp osure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. the input and output voltage ratings may be exceeded provided the input and output current ratings are observed. notes: 1. all typical values are at v cc = 5v, t a = 25 c. 2. for additional i cc information, see the following page. idt723611 commercial t a = 15, 20, 30 ns parameter test conditions min. typ. (1) max. unit v oh v cc = 4.5v, i oh = C4 ma 2.4 v v ol v cc = 4.5v, i ol = 8 ma 0.5 v i li v cc = 5.5v, v i = v cc or 0 50 m a i lo v cc = 5.5v, v o = v cc or 0 50 m a i cc (2) v cc = 5.5v, i o = 0 ma, v i = v cc or gnd outputs high 60 ma outputs low 130 outputs disabled 60 c in v i = 0, f = 1 mhz 4 pf c out v o = 0, f = 1 mhz 8 pf electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) recommended operating conditions symbol parameter min. max. unit v cc supply voltage 4.5 5.5 v v ih high-level input voltage 2 v v il low-level input voltage 0.8 v i oh high-level output current C4 ma i ol low-level output current 8 ma t a operating free-air temperature 0 70 c
7 commercial temperature range idt723611 calculating power dissipation the i cc(f) data for the graph was taken while simultaneously reading and writing the fifo on the idt723611 with clka and clkb operating a t frequency f s . all data inputs and data outputs change state during each clock cycle to consume the highest supply current. data outputs were discon- nected to normalize the graph to a zero-capacitance load. once the capacitance load per data-output channel is known, the powe r dissipation can be calculated with the equation below. with i cc(f ) taken from figure 1, the maximum power dissipation (pt) of the idt723611 may be calculated by: p t = v cc x i cc(f) + s (c l x v oh - v ol ) 2 x f o ) where: c l = output capacitance load f o = switching frequency of an output v oh = output high-level voltage v ol = output low-level voltage when no read or writes are occurring on this device, the power dissipated by a single clock (clka or clkb) input running at fre quency f s is calculated by: p t = v cc x f s x 0.290 ma/mhz figure 1. typical characteristics: supply current vs clock frequency 010 203040506070 0 50 100 150 200 250 300 350 400 v cc = 5.0v f data = 1/2 f s c l = 0 pf 80 v cc = 4.5v v cc = 5.5v 3024 drw 04 t a = 25 c icc(f) supply current ma f clock ? clock frequency ? mhz
8 commercial temperature range idt723611 timing requirements over recommended ranges of supply voltage and operating free-air temperatures idt723611l15 idt723611l20 idt723611l30 symbol parameter min. max. min. max. min. max. unit f s clock frequency, clka or clkb C 66.7 C 50 C 33.4 mhz t clk clock cycle time, clka or clkb 15 C 20 C 30 C mhz t clkh pulse duration, clka or clkb high 6C8C12C ns t clkl pulse duration, clka or clkb low 6C8C12C ns t ds setup time, a0-a35 before clka - and b0-b35 4C5C6C ns before clkb - t ens1 csa , w/ r a, before clka - ; csb , w/ r b before 6C6C7C ns clkb - t ens2 ena before clka - ; enb before clkb - 4C5C6C ns t ens3 mba before clka - ; enb before clkb - 4C5C6C ns t pgs setup time, odd/ even and pgb before 4C5C6C ns clkb - (1) t rsts setup time, rst low before clka - 5C6C7C ns or clkb - (2) t fss setup time, fs0 and fs1 before rst high 5C6C7C ns t dh hold time, a0-a35 after clka - and b0-b35 1C1C1C ns after clkb - t enh1 csa , w/ r a after clka - ; csb , w/ r b 1C1C1C ns after clkb - t enh2 ena after clka - ; enb after clkb - 111 ns t enh3 mba after clka - ; mbb after clkb - 111 ns t pgh hold time, odd/ even and pgb after clkb - (1) 0C0C0C ns t rsth hold time, rst low after clka - or clkb - (2) 6C6C7C ns t fsh hold time, fs0 and fs1 after rst high 4C4C4C ns t skew1 (3) skew time, between clka - and clkb - 8C8C10C ns for ef , ff t skew2 (3) skew time, between clka - and clkb - 14 C 16 C 20 C ns for ae , af notes: 1. only applies for a rising edge of clkb that does a fifo read. 2. requirement to count the clock edge as one of at least four needed to reset a fifo. 3. skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship b etween clka cycle and clkb cycle.
9 commercial temperature range idt723611 switching characteristics over recommended ranges of supply voltage and operating free-air temperature, cl = 30 pf idt723611l15 idt723611l20 idt723611l30 symbol parameter min. max. min. max. min. max. unit f s clock frequency, clka or clkb C 66.7 C 50 C 33.4 mhz t a access time, clkb - to b0-b35 2 10 2 12 2 15 ns t wff propagation delay time, clka - to ff 210212215 ns t ref propagation delay time, clkb - to ef 210212215 ns t pae propagation delay time, clkb - to ae 210212215 ns t paf propagation delay time, clka - to af 210212215 ns t pmf propagation delay time, clka - to mbf1 19112115 ns low or mbf2 high and clkb - to mbf2 low or mbf1 high t pmr propagation delay time, clka - to b0-b35 (1) 312314316 ns and clkb - to a0-a35 (2) t mdv propagation delay time, mbb to b0-b35 valid 1 11 1 11.5 1 12 ns t pdpe propagation delay time, a0-a35 valid to pefa 312313314 ns valid; b0-b35 valid to pefb valid t pope propagation delay time, odd/ even to pefa 311312314 ns and pefb t popb (3) propagation delay time, odd/ even to parity 2 12 2 13 2 15 ns bits (a8, a17, a26, a35) and (b8, b17, b26, b35) t pepe propagation delay time, csa , ena, w/ r a, 112113115 ns mba, or pga to pefa ; csb , enb, w/ r b, mbb, or pgb to pefb t pepb (3) propagation delay time, csa , ena w/ r a, 314315316 ns mba, or pga to parity bits (a8, a17, a26, a35); csb , enb, w/ r b, mbb, or pgb to parity bits (b8, b17, b26, b35) t rsf propagation delay time, rst to ae low and 1 15 1 20 1 30 ns ( af , mbf1 , mbf2 ) high t en enable time, csa and w/ r a low to a0-a35 2 10 2 12 2 14 ns active and csb low and w /rb high to b0-b35 active t dis disable time, csa or w/ r a high to a0-a35 1 9 1 10 1 11 ns at high impedance and csb high or w /rb low to b0-b35 at high impedance notes: 1. writing data to the mail1 register when the b0-b35 outputs are active and mbb is high. 2. writing data to the mail2 register when the a0-a35 outputs are active and mba is high. 3. only applies when reading data from a mail register.
10 commercial temperature range idt723611 signal description reset ( rst rst rst rst rst ) the idt723611 is reset by taking the reset ( rst ) input low for at least four port-a clock (clka) and four port-b clock (clkb) low-to-high transi- tions. the reset input can switch asynchronously to the clocks. a device reset initializes the internal read and write pointers of the fifo and forces the full flag ( ff ) low, the empty flag ( ef ) low, the almost-empty flag ( ae ) low, and the almost-full flag ( af ) high. a reset also forces the mailbox flags ( mbf1 , mbf2 ) high. after a reset, ff is set high after two low-to-high transitions of clka. the device must be reset after power up before data is written to its memory. a low-to-high transition on the rst input loads the almost-full and almost- empty offset register (x) with the value selected by the flag select (fs0, fs1) inputs. the values that can be loaded into the register are shown in table 1. fifo write/read operation the state of the port-a data (a0-a35) outputs is controlled by the port-a chip select ( csa ) and the port-a write/read select (w/ r a). the a0-a35 outputs are in the high-impedance state when either csa or w/ r a is high. the a0- a35 outputs are active when both csa and w/ r a are low. data is loaded into the fifo from the a0-a35 inputs on a low-to-high transition of clka when csa is low, w/ r a is high, ena is high, mba is low, and ff is high (see table 2). the port-b control signals are identical to those of port a. the state of the port-b data (b0-b35) outputs is controlled by the port-b chip select ( csb ) and the port-b write/read select (w/ r b). the b0-b35 outputs are in the high- impedance state when either csb or w/ r b is high. the b0-b35 outputs are active when both csb and w/ r b are low. data is read from the fifo to the b0-b35 outputs by a low-to-high transition of clkb when csb is low, w/ r b is low, enb is high, mbb is low, and ef is high (see table 3). the setup and hold-time constraints to the port clocks for the port chip selects ( csa , csb ) and write/read selects (w/ r a, w/ r b) are only for enabling write and read operations and are not related to high-impedance control of the data outputs. if a port enable is low during a clock cycle, the ports chip select and write/read select can change states during the setup and hold-time window of the cycle. synchronized fifo flags each fifo flag is synchronized to its port clock through two flip-flop stages. this is done to improve the flags reliability by reducing the probability of mestastable events on their outputs when clka and clkb operate asynchro- csb csb csb csb csb w/ r r r r r b enb mbb clkb b0-b35 outputs port functions h x x x x in high-impedance state none l h l x x in high-impedance state none lhhl - in high-impedance state none lhhh - in high-impedance state mail2 write llllx active, fifo output register none llhl - active, fifo output register fifo read l l l h x active, mail1 register none llhh - active, mail1 register mail1 read (set mbf1 high) table 3. port-b enable function table csa csa csa csa csa w/ r r r r r a ena mba clka a0-a35 outputs port functions h x x x x in high-impedance state none l h l x x in high-impedance state none lhhl - in high-impedance state fifo write lhhh - in high-impedance state mail1 write llllx active, mail2 register none llhl - active, mail2 register none l l l h x active, mail2 register none llhh - active, mail2 register mail2 read (set mbf2 high) table 2. port-a enable function table almost-full and almost-empty flag fs1 fs0 rst rst rst rst rst offset register (x) 16 h h - 12 h l - 8lh - 4ll - table 1. flag programming
11 commercial temperature range idt723611 almost-empty flag ( ae ae ae ae ae ) the fifo almost-empty flag is synchronized to the port clock that reads data from its array (clkb). the state machine that controls the ae flag monitors a write pointer and read pointer comparator that indicates when the fifo sram status is almost-empty, almost-empty+1, or almost-empty+2. the almost-empty state is defined by the value of the almost-full and almost-empty offset register (x). this register is loaded with one of four preset values during a device reset (see reset above). the ae flag is low when the fifo contains x or less words in memory and is high when the fifo contains (x+1) or more words. two low-to-high transitions on the port-b clock (clkb) are required after a fifo write for the ae flag to reflect the new level of fill. therefore, the ae flag of a fifo containing (x+1) or more words remains low if two clkb cycles have not elapsed since the write that filled the memory to the (x+1) level. the ae flag is set high by the second clkb low-to-high transition after the fifo write that fills memory to the (x+1) level. a low-to-high transition on clkb begins the first synchronization cycle if it occurs at time t skew2 or greater after the write that fills the fifo to (x+1) words. otherwise, the subsequent clkb cycle can be the first synchronization cycle (see figure 7). almost-full flag ( af af af af af ) the fifo almost-full flag is synchronized to the port clock that writes data to its array (clka). the state machine that controls an af flag monitors a write pointer and read pointer comparator that indicates when the fifo sram status is almost-full, almost- full-1, or almost-full-2. the almost-full state is defined by the value of the almost-full and almost-empty offset register (x). this register is loaded with one of four preset values during a device reset (see reset above). the af flag is low when the fifo contains (64-x) or more words in memory and is high when the fifo contains [64-(x+1)] or less words. two low-to-high transitions on the port-a clock (clka) are required after a fifo read for the af flag to reflect the new level of fill. therefore, the af flag of a fifo containing [64-(x+1)] or less words remains low if two clka cycles have not elapsed since the read that reduced the number of words in memory to [64-(x+1)]. the af flag is set high by the second clka low-to- high transition after the fifo read that reduces the number of words in memory to [64-(x+1)]. a low-to-high transition on clka begins the first synchroni- zation cycle if it occurs at time t skew2 or greater after the read that reduces the number of words in memory to [64-(x+1)]. otherwise, the subsequent clka cycle can be the first synchronization cycle (see figure 8). mailbox registers two 36-bit bypass registers are on the idt723611 to pass command and control information between port a and port b. the mailbox select (mba, mbb) inputs choose between a mail register and a fifo for a port data transfer operation. a low-to-high transition on clka writes a0-a35 data to the mail1 register when port-a write is selected by csa , w/ r a, and ena with mba high. a low-to-high transition on clkb writes b0-b35 data to the mail2 register when port-b write is selected by csb , w/ r b, and enb with mbb high. writing data to a mail register sets its corresponding flag ( mbf1 or mbf2 ) low. attempted writes to a mail register are ignored while its mail flag is low. when the port-b data (b0-b35) outputs are active, the data on the bus comes from the fifo output register when the port-b mailbox select (mbb) input is low and from the mail1 register when mbb is high. mail2 data is always present on the port-a data (a0-a35) outputs when they are active. the mail1 register flag ( mbf1 ) is set high by a low-to-high transition on clkb when a port-b read is selected by csb , w/ r b, and enb with mbb high. the mail2 register flag ( mbf2 ) is set high by a low-to-high transition on clka when a port-a read is selected by csa , w/ r a, and ena with mba high. the data nously to one another. ff and af are synchronized to clka. ef and ae are synchronized to clkb. table 4 shows the relationship to the flags to the fifo. empty flag ( ef ef ef ef ef ) the fifo empty flag is synchronized to the port clock that reads data from its array (clkb). when the ef is high, new data can be read to the fifo output register. when the ef is low, the fifo is empty and attempted fifo reads are ignored. the fifo read pointer is incremented each time a new word is clocked to its output register. the state machine that controls an ef monitors a write pointer and read pointer comparator that indicates when the fifo sram status is empty, empty+1, or empty+2. a word written to the fifo can be read to the fifo output register in a minimum of three port-b clock (clkb) cycles. therefore, an ef is low if a word in memory is the next data to be sent to the fifo output register and two clkb cycles have not elapsed since the time the word was written. the ef of the fifo is set high by the second low-to-high transition of clkb, and the new data word can be read to the fifo output register in the following cycle. a low-to-high transition on clkb begins the first synchronized cycle of a write if the clock transition occurs at time t skew1 or greater after the write. otherwise, the subsequent clkb cycle can be the first synchronization cycle (see figure 5). full flag ( ff ff ff ff ff ) the fifo full flag is synchronized to the port clock that writes data to its array (clka). when the ff is high, an sram location is free to receive new data. no memory locations are free when the ff is low and attempted writes to the fifo are ignored. each time a word is written to the fifo, its write pointer is incremented. the state machine that controls the ff monitors a write pointer and read pointer comparator that indicates when the fifo sram status is full, full-1, or full-2. from the time a word is read from the fifo, its previous memory location is ready to be written in a minimum of three port-a clock cycles. therefore, a ff is low if less than two clka cycles have elapsed since the next memory write location has been read. the second low-to-high transition on clka after the read sets the ff high and data can be written in the following clock cycle. a low-to-high transition on clka begins the first synchronization cycle of a read if the clock transition occurs at time t skew1 or greater after the read. otherwise, the subsequent clock cycle can be the first synchronization cycle (see figure 6). note: 1. x is the value in the almost-empty flag and almost-full flag register. synchronized synchronized number of words to clkb to clka in the fifo ef ef ef ef ef ae ae ae ae ae af af af af af ff ff ff ff ff 0llhh 1 to x h l h h (x+1) to [64-(x+1)] h h h h (64-x) to 63 h h l h 64 h h l l table 4. fifo flag operation
12 commercial temperature range idt723611 in a mail register remains intact after it is read and changes only when new data is written to the register. parity checking the port-a (a0-a35) inputs and port-b (b0-b35) inputs each have four parity trees to check the parity of incoming (or outgoing) data. a parity failure on one or more bytes of the input bus is reported by a low level on the port parity error flag ( pefa , pefb ). odd or even parity checking can be selected, and the parity error flags can be ignored if this feature is not desired. parity status is checked on each input bus according to the level of the odd/ even parity (odd/ even ) select input. a parity error on one or more bytes of a port is reported by a low level on the corresponding port parity error flag ( pefa , pefb ) output. port-a bytes are arranged as a0-a8, a9-a17, a18-a26, and a27-a35, and port-b bytes are arranged as b0-b8, b9-b17, b18-b26, and b27-b35. when odd/even parity is selected, a port parity error flag ( pefa , pefb ) is low if any byte on the port has an odd/even number of low levels applied to its bits. the four parity trees used to check the a0-a35 inputs are shared by the mail2 register when parity generation is selected for port-a reads (pga=high). when port-a read from the mail2 register with parity generation is selected with csa low, ena high, w/ r a low, mba high, and pga high, the port-a parity error flag ( pefa ) is held high regardless of the levels applied to the a0-a35 inputs. likewise, the parity trees used to check the b0-b35 inputs are shared by the mail1 register when parity generation is selected for port-b reads (pgb=high). when a port-b read from the mail1 register with parity generation is selected with csb low, enb high, w/ r b low, mbb high, and pgb high, the port-b parity error flag ( pefb ) is held high regardless of the levels applied to the b0-b35 inputs. parity generation a high level on the port-a parity generate select (pga) or port-b parity generate select (pgb) enables the idt723611 to generate parity bits for port reads from a fifo or mailbox register. port-a bytes are arranged as a0-a8, a9-a17, a18-a26, and a27-a35, with the most significant bit of each byte used as the parity bit. port-b bytes are arranged as b0-b8, b9-b17, b18-b26, and b27-b35, with the most significant bit of each byte used as the parity bit. a write to a fifo or mail register stores the levels applied to all thirty-six inputs regardless of the state of the parity generate select (pga, pgb) inputs. when data is read from a port with parity generation selected, the lower eight bits of each byte are used to generate a parity bit according to the level on the odd/ even select. the generated parity bits are substituted for the levels originally written to the most significant bits of each byte as the word is read to the data outputs. parity bits for fifo data are generated after the data is read from sram and before the data is written to the output register. therefore, the port-b parity generate select (pgb) and odd/ even have setup and hold time constraints to the port-b clock (clkb) for a rising edge of clkb used to read a new word to the fifo output register. the circuit used to generate parity for the mail1 data is shared by the port-b bus (b0-b35) to check parity and the circuit used to generate parity for the mail2 data is shared by the port-a bus (a0-a35) to check parity. the shared parity trees of a port are used to generate parity bits for the data in a mail register when the port write/read select (w/ r a, w/ r b) input is low, the port mail select (mba, mbb) input is high, chip select ( csa , csb ) is low, enable (ena, enb) is high, and the port parity generate select (pga, pgb) is high. generating parity for mail register data does not change the contents of the register.
13 commercial temperature range idt723611 figure 3. fifo write cycle timing figure 2. device reset loading the x register with the value of eight clka rst ff ae af mbf1 , mbf2 clkb ef fs1,fs0 t rsts t rsth t fsh t fss t wff t wff t pae 0,1 t paf t rsf t ref 3024drw 05 clka ff ena mba csa w/ r a t clkh t clkl t clk t ens1 t ens1 t ens3 t ens2 t enh1 t enh1 t enh3 t enh2 t ens2 t enh2 pefa a0 - a35 t ds t dh w1 w2 odd/ even valid valid t pdpe t pdpe 3024 drw 06 no operation t enh2 t ens2
14 commercial temperature range idt723611 figure 5. ef ef ef ef ef flag timing and first data read when the fifo is empty note: 1. t skew1 is the minimum time between a rising clka edge and a rising clkb edge for ef to transition high in the next clkb cycle. if the time between the rising clka edge and rising clkb edge is less than t skew1 , then the transition of ef high may occur one clkb cycle later than shown. figure 4. fifo read cycle timing 3024 drw 07 clkb ef enb b0 - b35 mbb csb w/ r b t clk t clkh t clkl t ens2 t mdv t en t a t a t enh2 t ens2 t enh2 t ens2 t enh2 t dis no operation high pgb, odd/ even previous data word 1 word 2 t pgs t pgh t pgs t pgh csa w r a mba ffa a0 - a35 clkb ef csb w/ r b mbb ena clka 12 t clkh t clkl t clk t ens3 t ens2 t enh3 t enh2 t ds t dh t skew1 (1) t clk t clkl t ref t ref t ens2 t enh2 t a w1 empty fifo low high low low low t clkh w1 high 3024 drw 08 b0 - b35 enb
15 commercial temperature range idt723611 figure 7. timing for ae ae ae ae ae when the fifo is almost-empty notes: 1. t skew2 is the minimum time between a rising clka edge and a rising clkb edge for ae to transition high in the next clkb cycle. if the time between the rising clka edge and rising clkb edge is less than t skew2 , then ae may transition high one clkb cycle later than shown. 2. fifo write ( csa = l, w/ r a = h, mba = l), fifo read ( csb = l, w/ r b = l, mbb = l). note: 1. t skew1 is the minimum time between a rising clkb edge and a rising clka edge for ff to transition high in the next clka cycle. if the time between the rising clkb edge and rising clka edge is less than t skew1 , then the transition of ff high may occur one clka cycle later than shown. figure 6. ff ff ff ff ff flag timing and first available write when the fifo is full csb efb w/ r b mbb enb b0 - b35 clkb ff clka csa w r a 12 mba t clk t clkh t clkl t ens2 t enh2 t a t skew1 (1) t clk t clkh t clkl t wff t ens3 t ens2 t ds t enh3 t enh2 t dh previous word in fifo output register next word from fifo low low low high low high fifo full t wff 3024 drw 09 ena a0 - a35 ae clka enb ena clkb 2 1 t ens2 t enh2 t skew2 (1) t pae t pae t ens2 t enh2 x word in fifo (x+1) words in fifo 3024 drw 10
16 commercial temperature range idt723611 figure 8. timing for af af af af af when the fifo is almost-full figure 9. timing for mail1 register and mbf1 mbf1 mbf1 mbf1 mbf1 flag notes: 1. t skew2 is the minimum time between a rising clka edge and a rising clkb edge for af to transition high in the next clka cycle. if the time between the rising clka edge and rising clkb edge is less than t skew2 , then af may transition high one clkb cycle later than shown. 2. fifo write ( csa = l, w/ r a = h, mba = l), fifo read ( csb = l, w/ r b = l, mbb = l). note: 1. port-b parity generation off (pgb = l) af clka enb ena clkb 1 t skew2 (1) t ens2 t enh2 t paf t ens2 t enh2 t paf [64-(x+1)] words in fifo (64-x) words in fifo 3024 drw 11 2 clka ena a0 - a35 mba csa w/ r a clkb mbf1 csb mbb enb b0 - b35 w/ r b w1 t ens1 t enh1 t ds t dh t pmf t pmf t en t mdv t pmr t ens2 t enh2 t dis w1 (remains valid in mail1 register after read) fifo output register t ens1 t enh1 t ens1 t enh1 t ens1 t enh1 3024 drw 12
17 commercial temperature range idt723611 note: 1. csb = l and enb = h. figure 10. timing for mail2 register and mbf2 mbf2 mbf2 mbf2 mbf2 flag figure 11. odd/ even even even even even , w/ra, mba, and pga to pefa pefa pefa pefa pefa timing note: 1. csa = l and ena = h. figure 12. odd/ even even even even even , w/rb, mbb, and pgb to pefb pefb pefb pefb pefb timing 3024 drw 13 clkb enb b0 - b35 mbb csb w/ r b clka mbf2 csa mba ena a0 - a35 w/ r a w1 t ens1 t enh1 t ds t dh t pmf t pmf t ens2 t enh2 t dis t en t pmr w1 (remains valid in mail2 register after read) t ens1 t enh1 t ens1 t enh1 t ens1 t enh1 3024 drw 14 odd/ even pefa pga mba w/ r a valid valid valid valid t pope t pepe t pope t pepe 3024 drw 15 odd/ even pefb pgb mbb w/ r b valid valid valid valid t pope t pepe t pope t pepe note: 1. port-a parity generation off (pga = l)
18 commercial temperature range idt723611 figure 14. parity generation timing when reading from the mail1 register figure 13. parity generation timing when reading from the mail2 register note: 1. ena = h. note: 1. enb = h. 3024 drw 16 odd/ even a8, a17, a26, a35 pga mba w/ r a mail2 data generated parity generated parity mail2 data csa low t en t pepb t popb t pepb odd/ even b8, b17, b26, b35 pgb mbb w/ r b mail1 data generated parity generated parity csb low t en t pepb t popb t pepb t mdv 3024 drw 17 mail1 data
19 corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 408-330-1753 santa clara, ca 95054 fax: 408-492-8674 e-mail: fifohelp@idt.com www.idt.com* pf pkg: www.idt.com/docs/psc4036.pdf pqf pkg: www.idt.com/docs/psc4021.pdf *to search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2. the syncfifo is a trademark and the idt logo is a registered trademark of integrated device technology, inc. note: 1. industrial temperature range is available by special order. ordering information note: 1. includes probe and jig capacitance. figure 16. load circuit and voltage waveforms 3024 drw 18 parameter measurement information from output under test 30 pf 1.1 k w 5 v 680 w propagation delay load circuit 3 v gnd timing input data, enable input gnd 3 v 1.5 v 1.5 v voltage waveforms setup and hold times voltage waveforms pulse durations voltage waveforms enable and disable times voltage waveforms propagation delay times 3 v gnd gnd 3 v 1.5 v 1.5 v 1.5 v 1.5 v t w output enable low-level output high-level output 3 v ol gnd 3 v 1.5 v 1.5 v 1.5 v 1.5 v ? oh ov ? gnd oh ol 1.5 v 1.5 v 1.5 v 1.5 v input in-phase output high-level input low-level input v v v v 1.5 v 3 v t s t h t plz t phz t pzl t pd t pd (1) t pzh blank pf pqf 15 20 30 l 723611 3024 drw 19 commercial (0 c to +70 c) thin quad flat pack (tqfp, pn120-1) plastic quad flat pack (pqfp, pq132-1) commercial only low power 64 x 36 synchronous fifo xxxxxx idt device type xxxx x power speed package process/ temperature range clock cycle time (t clk ) speed in nanoseconds


▲Up To Search▲   

 
Price & Availability of IDT723611L30PQF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X